Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2215CUP-TRPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2215CUP-TRPBF
Description  16-Bit, 80Msps/65Msps Low Noise ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2215CUP-TRPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2215CUP-TRPBF Datasheet HTML 2Page - Linear Technology LTC2215CUP-TRPBF Datasheet HTML 3Page - Linear Technology LTC2215CUP-TRPBF Datasheet HTML 4Page - Linear Technology LTC2215CUP-TRPBF Datasheet HTML 5Page - Linear Technology LTC2215CUP-TRPBF Datasheet HTML 6Page - Linear Technology LTC2215CUP-TRPBF Datasheet HTML 7Page - Linear Technology LTC2215CUP-TRPBF Datasheet HTML 8Page - Linear Technology LTC2215CUP-TRPBF Datasheet HTML 9Page - Linear Technology LTC2215CUP-TRPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LTC2216/LTC2215
6
22165f
POWER REQUIREMENTS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. AIN = –1dBFS unless otherwise noted. (Note 4)
The
l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
TIMING CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
LTC2215
LTC2216
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VDD
Analog Supply Voltage
(Note 8)
l
3.135
3.3
3.465
3.135
3.3
3.465
V
PSHDN
Shutdown Power
SHDN = VDD
17
17
mW
Standard LVDS Output Mode
OVDD
Output Supply Voltage
(Note 8)
l
3
3.3
3.6
3
3.3
3.6
V
IVDD
Analog Supply Current
l
217
290
300
370
mA
IOVDD
Output Supply Current
l
75
90
75
90
mA
PDIS
Power Dissipation
l
964
1254
1240
1518
mW
Low Power LVDS Output Mode
OVDD
Output Supply Voltage
(Note 8)
l
3
3.3
3.6
3
3.3
3.6
V
IVDD
Analog Supply Current
l
215
290
298
370
mA
IOVDD
Output Supply Current
l
42
50
42
50
mA
PDIS
Power Dissipation
l
848
1122
1120
1386
mW
CMOS Output Mode
OVDD
Output Supply Voltage
(Note 8)
l
0.5
3.6
0.5
3.6
V
IVDD
Analog Supply Current
l
212
290
295
370
mA
PDIS
Power Dissipation
l
700
957
970
1220
mW
SYMBOL
PARAMETER
CONDITIONS
LTC2215
LTC2216
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
fS
Sampling Frequency
(Note 8)
l
1
65
1
80
MHz
tL
ENC Low Time
Duty Cycle Stabilizer Off (Note 7)
Duty Cycle Stabilizer On (Note 7)
l
l
7.31
5
7.692
7.692
500
500
5.94
4.06
6.25
6.25
500
500
ns
ns
tH
ENC High Time
Duty Cycle Stabilizer Off (Note 7)
Duty Cycle Stabilizer On (Note 7)
l
l
7.31
5
7.692
7.692
500
500
5.94
4.06
6.25
6.25
500
500
ns
ns
LVDS Output Mode (Standard and Low Power)
tD
ENC to DATA Delay
(Note 7)
l
1.3
2.5
3.8
1.3
2.5
3.8
ns
tC
ENC to CLKOUT Delay
(Note 7)
l
1.3
2.5
3.8
1.3
2.5
3.8
ns
tSKEW
DATA to CLKOUT Skew
(tC-tD) (Note 7)
l
–0.6
0
0.6
–0.6
0
0.6
ns
tRISE
Output Rise Time
0.5
0.5
ns
tFALL
Output Fall Time
0.5
0.5
ns
Data Latency
Data Latency
7
7
Cycles
CMOS Output Mode
tD
ENC to DATA Delay
(Note 7)
l
1.3
2.7
4
1.3
2.7
4
ns
tC
ENC to CLKOUT Delay
(Note 7)
l
1.3
2.7
4
1.3
2.7
4
ns
tSKEW
DATA to CLKOUT Skew
(tC-tD) (Note 7)
l
–0.6
0
0.6
–0.6
0
0.6
ns
Data Latency
Data Latency
Full Rate CMOS
Demuxed
7
7
7
7
Cycles
Cycles


Similar Part No. - LTC2215CUP-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2215 LINER-LTC2215_15 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
More results

Similar Description - LTC2215CUP-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2215 LINER-LTC2215_15 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
LTC2216 LINER-LTC2216_15 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
LTC2273 LINER-LTC2273_15 Datasheet
777Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2273 LINER-LTC2273 Datasheet
765Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2272 LINER-LTC2272_15 Datasheet
777Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC1742 LINER-LTC1742 Datasheet
572Kb / 20P
   14-Bit, 65Msps Low Noise ADC
LTC1741 LINER-LTC1741 Datasheet
666Kb / 20P
   12-Bit, 65Msps Low Noise ADC
LTC1741 LINER-LTC1741_15 Datasheet
671Kb / 20P
   12-Bit, 65Msps Low Noise ADC
LTC1747 LINER-LTC1747 Datasheet
491Kb / 20P
   12-Bit, 80Msps Low Noise ADC
LTC1748 LINER-LTC1748_15 Datasheet
534Kb / 20P
   14-Bit, 80Msps Low Noise ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com