Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2209UP Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2209UP
Description  16-Bit, 160Msps ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2209UP Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2209UP Datasheet HTML 3Page - Linear Technology LTC2209UP Datasheet HTML 4Page - Linear Technology LTC2209UP Datasheet HTML 5Page - Linear Technology LTC2209UP Datasheet HTML 6Page - Linear Technology LTC2209UP Datasheet HTML 7Page - Linear Technology LTC2209UP Datasheet HTML 8Page - Linear Technology LTC2209UP Datasheet HTML 9Page - Linear Technology LTC2209UP Datasheet HTML 10Page - Linear Technology LTC2209UP Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC2209
7
2209fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device reliability
and lifetime.
Note 2: All voltage values are with respect to GND, with GND and OGND
shorted (unless otherwise noted).
Note 3: When these pin voltages are taken below GND or above VDD, they
will be clamped by internal diodes. This product can handle input currents
of greater than 100mA below GND or above VDD without latchup.
Note 4: VDD = 3.3V, fSAMPLE = 160MHz, LVDS outputs, differential ENC+/
ENC= 2VP-P sine wave with 1.6V common mode, input range = 2.25VP-P
with differential drive (PGA = 0), unless otherwise specified.
Note 5: Integral nonlinearity is defined as the deviation of a code from a “best
fit straight line” to the transfer curve. The deviation is measured from the
center of the quantization band.
Note 6: Offset error is the offset voltage measured from – 1/2LSB when the
output code flickers between 0000 0000 0000 0000 and 1111 1111 1111
1111 in 2’s complement output mode.
Note 7: Guaranteed by design, not subject to test.
Note 8: Recommended operating conditions.
LVDS Output Mode Timing
All Outputs are Differential and Have LVDS Levels
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAM
tH
tD
tC
tL
N – 7
N – 6
N – 5
N – 4
N – 3
ANALOG
INPUT
ENC
ENC+
CLKOUT
CLKOUT+
D0-D15, OF
2209 TD01
tAP
N + 1
N + 2
N + 4
N + 3
N


Similar Part No. - LTC2209UP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2209 LINER-LTC2209 Datasheet
439Kb / 24P
   10GHz GBW, 1.1nV/Hz Differential Amplifier/ADC Driver
LTC2209 LINER-LTC2209 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LTC2209 LINER-LTC2209 Datasheet
1Mb / 36P
   Low Phase Noise, Dual Output Buffer/Driver/Logic Converter
LTC2209 LINER-LTC2209 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC2209 LINER-LTC2209 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
More results

Similar Description - LTC2209UP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2209 LINER-LTC2209_15 Datasheet
603Kb / 32P
   16-Bit, 160Msps ADC
logo
Texas Instruments
ADS4226 TI1-ADS4226 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
logo
Linear Technology
LTC2208 LINER-LTC2208 Datasheet
1Mb / 32P
   16-Bit, 130Msps ADC
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2201 LINER-LTC2201 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2208 LINER-LTC2208_15 Datasheet
969Kb / 32P
   16-Bit, 130Msps ADC
logo
Sony Corporation
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
logo
Cirrus Logic
CDB5571-2 CIRRUS-CDB5571-2 Datasheet
689Kb / 26P
   100 kSps, 16-bit ADC
logo
Linear Technology
LTC2387-16 LINER-LTC2387-16 Datasheet
1Mb / 22P
   16-Bit, 15Msps SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com