Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2204 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC2204
Description  16-Bit, 65Msps/40Msps
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2204 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC2204 Datasheet HTML 18Page - Linear Technology LTC2204 Datasheet HTML 19Page - Linear Technology LTC2204 Datasheet HTML 20Page - Linear Technology LTC2204 Datasheet HTML 21Page - Linear Technology LTC2204 Datasheet HTML 22Page - Linear Technology LTC2204 Datasheet HTML 23Page - Linear Technology LTC2204 Datasheet HTML 24Page - Linear Technology LTC2204 Datasheet HTML 25Page - Linear Technology LTC2204 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
LTC2205/LTC2204
22
22054fb
Transformer Coupled Circuits
Figure 3 shows the LTC2205/LTC2204 being driven by
an RF transformer with a center-tapped secondary. The
secondary center tap is DC biased with VCM, setting the
ADC input signal at its optimum DC level. Figure 3 shows
a 1:1 turns ratio transformer. Other turns ratios can be
used; however, as the turns ratio increases so does the
impedance seen by the ADC. Source impedance greater
than 50Ω can reduce the input bandwidth and increase
high frequency distortion. A disadvantage of using a
transformer is the loss of low frequency response. Most
small RF transformers have poor performance at frequen-
cies below 1MHz.
0.1
µF
AIN
+
AIN
4.7pF
2.2
µF
4.7pF
4.7pF
VCM
LTC2205/
LTC2204
ANALOG
INPUT
0.1
µF
0.1
µF
T1
1:1
T1 = MA/COM ETC1-1-13
RESISTORS, CAPACITORS
ARE 0402 PACKAGE SIZE
EXCEPT 2.2
µF
22054 F04a
5
10
25
25
10
5
Figure 4a. Using a Transmission Line Balun Transformer.
Recommended for Input Frequencies from 70MHz to 250MHz
0.1
µF
AIN
+
AIN
2.2
µF
2.2pF
2.2pF
VCM
LTC2205/
LTC2204
ANALOG
INPUT
0.1
µF
0.1
µF
T1
1:1
T1 = MA/COM ETC1-1-13
RESISTORS, CAPACITORS
ARE 0402 PACKAGE SIZE
EXCEPT 2.2
µF
22054 F04b
5
25
25
5
Figure 4b. Using a Transmission Line Balun Transformer.
Recommended for Input Frequencies from 250MHz to 500MHz
Center-tapped transformers provide a convenient means
of DC biasing the secondary; however, they often show
poor balance at high input frequencies, resulting in large
2nd order harmonics.
Figure 4a shows transformer coupling using a transmis-
sion line balun transformer. This type of transformer has
much better high frequency response and balance than
flux coupled center tap transformers. Coupling capacitors
are added at the ground and input primary terminals to
allow the secondary terminals to be biased at 1.25V. Figure
4b shows the same circuit with components suitable for
higher input frequencies.
APPLICATIONS INFORMATION
Figure 3. Single-Ended to Differential Conversion Using a Transformer.
Recommended for Input Frequencies from 5MHz to 150MHz
35
5
35
10
10
5
5
0.1
µF
AIN
+
AIN
8.2pF
2.2
µF
8.2pF
8.2pF
VCM
T1
T1 = MA/COM ETC1-1T
RESISTORS, CAPACITORS
ARE 0402 PACKAGE SIZE
EXCEPT 2.2
µF
22054 F03
LTC2205/
LTC2204


Similar Part No. - LTC2204

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2204 LINER-LTC2204 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2204 LINER-LTC2204_15 Datasheet
1Mb / 36P
   16-Bit, 65Msps/40Msps ADCs
More results

Similar Description - LTC2204

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2204 LINER-LTC2204_15 Datasheet
1Mb / 36P
   16-Bit, 65Msps/40Msps ADCs
LTC2205 LINER-LTC2205_15 Datasheet
1Mb / 36P
   16-Bit, 65Msps/40Msps ADCs
LTC2161 LINER-LTC2161_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2162 LINER-LTC2162_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2160 LINER-LTC2160_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2181 LINER-LTC2181_15 Datasheet
3Mb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2191 LINER-LTC2191_15 Datasheet
886Kb / 28P
   16-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2180 LINER-LTC2180_15 Datasheet
3Mb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2192 LINER-LTC2192 Datasheet
3Mb / 28P
   16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC2190 LINER-LTC2190_15 Datasheet
886Kb / 28P
   16-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com