Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2205 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC2205
Description  16-Bit, 65Msps/40Msps
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2205 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC2205 Datasheet HTML 20Page - Linear Technology LTC2205 Datasheet HTML 21Page - Linear Technology LTC2205 Datasheet HTML 22Page - Linear Technology LTC2205 Datasheet HTML 23Page - Linear Technology LTC2205 Datasheet HTML 24Page - Linear Technology LTC2205 Datasheet HTML 25Page - Linear Technology LTC2205 Datasheet HTML 26Page - Linear Technology LTC2205 Datasheet HTML 27Page - Linear Technology LTC2205 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
LTC2205/LTC2204
24
22054fb
PGA Pin
The PGA pin selects between two gain settings for
the ADC front-end. PGA = 0 selects an input range of
2.25VP-P; PGA = 1 selects an input range of 1.5VP-P. The
2.25V input range has the best SNR; however, the distor-
tion will be higher for input frequencies above 100MHz.
For applications with high input frequencies, the low input
range will have improved distortion; however, the SNR
will be worse by up to approximately 2dB to 6dB. See the
typical performance curves section.
Driving the Encode Inputs
The noise performance of the LTC2205/LTC2204 can
depend on the encode signal quality as much as on the
analog input. The encode inputs are intended to be driven
differentially, primarily for noise immunity from common
mode noise sources. Each input is biased through a 6k
resistor to a 1.6V bias. The bias resistors set the DC oper-
ating point for transformer coupled drive circuits and can
set the logic threshold for single-ended drive circuits.
Any noise present on the encode signal will result in ad-
ditional aperture jitter that will be RMS summed with the
inherent ADC aperture jitter.
In applications where jitter is critical (high input frequen-
cies), take the following into consideration:
1. Differential drive should be used.
2. Use as large an amplitude possible. If using trans-
former coupling, use a higher turns ratio to increase the
amplitude.
3. If the ADC is clocked with a fixed frequency sinusoidal
signal, filter the encode signal to reduce wideband
noise.
4. Balance the capacitance and series resistance at both
encode inputs such that any coupled noise will appear
at both inputs as common mode noise.
The encode inputs have a common mode range of 1.2V
to 3V. Each input may be driven from ground to VDD for
single-ended drive.
Figure 8. Transformer Driven Encode
VDD
VDD
LTC2205/
LTC2204
22054 F08
VDD
ENC–
ENC+
1.6V
1.6V
ETC1-1T
0.1
µF
33pF
ENCODE
INPUT
6k
6k
100
50
TO INTERNAL
ADC CLOCK
DRIVERS
0.1
µF
50
APPLICATIONS INFORMATION


Similar Part No. - LTC2205

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2205 LINER-LTC2205 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2205-14 LINER-LTC2205-14 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
LTC2205-14 LINER-LTC2205-14_15 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
LTC2205CUK-14 LINER-LTC2205CUK-14 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
LTC2205IUK-14 LINER-LTC2205IUK-14 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
More results

Similar Description - LTC2205

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2204 LINER-LTC2204_15 Datasheet
1Mb / 36P
   16-Bit, 65Msps/40Msps ADCs
LTC2205 LINER-LTC2205_15 Datasheet
1Mb / 36P
   16-Bit, 65Msps/40Msps ADCs
LTC2161 LINER-LTC2161_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2162 LINER-LTC2162_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2160 LINER-LTC2160_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2181 LINER-LTC2181_15 Datasheet
3Mb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2191 LINER-LTC2191_15 Datasheet
886Kb / 28P
   16-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2180 LINER-LTC2180_15 Datasheet
3Mb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2192 LINER-LTC2192 Datasheet
3Mb / 28P
   16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC2190 LINER-LTC2190_15 Datasheet
886Kb / 28P
   16-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com