Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALVC7804 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALVC7804
Description  512 횞 18 FIRST-IN, FIRST-OUT MEMORY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVC7804 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74ALVC7804 Datasheet HTML 3Page - Texas Instruments SN74ALVC7804 Datasheet HTML 4Page - Texas Instruments SN74ALVC7804 Datasheet HTML 5Page - Texas Instruments SN74ALVC7804 Datasheet HTML 6Page - Texas Instruments SN74ALVC7804 Datasheet HTML 7Page - Texas Instruments SN74ALVC7804 Datasheet HTML 8Page - Texas Instruments SN74ALVC7804 Datasheet HTML 9Page - Texas Instruments SN74ALVC7804 Datasheet HTML 10Page - Texas Instruments SN74ALVC7804 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SN74ALVC7804
512
× 18
FIRST-IN, FIRST-OUT MEMORY
SCAS432 – JANUARY 1995
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0
20
40
60
80
100
120
140
0
102030405060708090
SUPPLY CURRENT
vs
CLOCK FREQUENCY
fclock – Clock Frequency – MHz
VCC = 3.6 V
VCC = 3.3 V
VCC = 3 V
fdata = 1/2 fclock
TA = 75°C
CL = 0 pF
Figure 4
calculating power dissipation
With ICC(f) taken from Figure 4, the dynamic power (Pd), based on all data outputs changing states on each read,
can be calculated by using:
Pd = VCC × [ICC(f) + (N × ∆ICC × dc)] + ∑(CL × VCC2 × fo)
A more accurate total power (PT) can be calculated if quiescent power (Pq) is also taken into consideration.
Quiescent power (Pq) can be calculated using:
Pq = VCC × [ICCI + (N × ∆ICC × dc)]
Total power will be:
PT = Pd + Pq
The above equations provide worst-case power calculations.
Where:
N
= number of inputs driven by TTL levels
∆ICC = increase in power supply current for each input at a TTL high level
dc
= duty cycle of inputs at a TTL high level of 3.4 V
CL
= output capacitance load
fo
= switching frequency of an output
ICCI
= idle current, supply current when FIFO is idle
≈ pF × fclock = 0.2 × fclock
(current is due to free-running clocks)
pF
= power factor (the slope of idle ICC versus frequency)
ICC(f) = active current, supply current when FIFO is transferring data


Similar Part No. - SN74ALVC7804

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC7804 TI-SN74ALVC7804 Datasheet
241Kb / 13P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7804-25DL TI-SN74ALVC7804-25DL Datasheet
241Kb / 13P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7804-25DLR TI-SN74ALVC7804-25DLR Datasheet
241Kb / 13P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7804-40DL TI-SN74ALVC7804-40DL Datasheet
241Kb / 13P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7804-40DLR TI-SN74ALVC7804-40DLR Datasheet
241Kb / 13P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
More results

Similar Description - SN74ALVC7804

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC7804 TI-SN74ALVC7804_07 Datasheet
241Kb / 13P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
SN74ACT7804 TI-SN74ACT7804 Datasheet
146Kb / 11P
[Old version datasheet]   512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7804 TI-SN74ACT7804_06 Datasheet
183Kb / 13P
[Old version datasheet]   512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7803 TI-SN74ALVC7803 Datasheet
196Kb / 14P
[Old version datasheet]   512 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819A TI-SN74ABT7819A Datasheet
321Kb / 21P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ABT7819 TI-SN54ABT7819 Datasheet
289Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7820 TI-SN74ABT7820 Datasheet
196Kb / 15P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819 TI-SN74ABT7819 Datasheet
284Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ABT7820 TI-SN54ABT7820 Datasheet
199Kb / 14P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3631 TI-SN74ACT3631 Datasheet
378Kb / 26P
[Old version datasheet]   512 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com