Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPC120-35 Datasheet(PDF) 1 Page - Superworld Electronics

Part # DPC120-35
Description  POWER TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

DPC120-35 Datasheet(HTML) 1 Page - Superworld Electronics

  DPC120-35 Datasheet HTML 1Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1. CONFIGURATION & DIMENSIONS :
3. ELECTRICAL CHARACTERISTICS ( @ 25°C ) :
SUPERWORLD ELECTRONICS (S) PTE LTD
2. SCHEMATIC :
DPC120-35 (F) SERIES
POWER TRANSFORMER
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
17.03.2008
A-8
8 PIN
6.35
(0.250)
SIZE
(VA)
4.4
31.75
(1.250)
(1.625)
41.28
LW
(1.375)
H
34.93
UNIT : mm (inch)
OPTIONAL BRACKET *
WT.
(gram)
197.86
(1.100)
B
27.94
---
NO.
MW
---
MD
---
Series Connected
4
PRI
230V
1
6
7
5
8
Parallel Connected
115V
PRI
4
1
6
8
7
5
a. Primary Voltage
AC 115/230 V 50/60 Hz .
b. No Load Primary Current
Less Than 30mA .
c. Secondary Voltage (±5%)
Series AC - V .
Parallel AC - V .
d. Secondary Load Current
Series 35mA .
Parallel 70mA .
e. Full Load Primary Current
Less Than - mA .
f. Full Load Secondary Voltage (±5%)
Series 120.00V .
Pin 3-4
Pin 1-2
g. DC Resistance
Primary-1 = 277 Ohm .
Parallel 60.00V .
Pin 5-6
Pin 7-8
h. Insulation Resistance
i. Withstand Voltage (Hi-Pot)
Secondary = - Ohm .
= - Ohm .
DC 500V 100Meg Ohm Of More .
AC 1500V 60Hz 1 Minutes .
Less Than 60 Deg C .
EI-41 x 13.50 m/m .
j. Temperature Rise
k. Core Size
-
l. Turns & Wire Gauge
Primary-1
-
-
Primary-2
Secondary-1
-
Pin 5-6
Pin 3-4
Pin 1-2
Pin 7-8
Secondary-2
Turns Diameter
-
-
Turns Diameter
-
Turns Diameter
-
Turns Diameter
Primary-2 = 332 Ohm .
m/m .
m/m .
m/m .
m/m .
B
4
3
2
1
6
5
H
7
8
TYPE DPC 8 PINS
PC TERMINAL
(PLUG-IN MOUNTING)
B
PCB Pattern
W
4.76
(0.188)
2
3
2
3


Similar Part No. - DPC120-35

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
DPC120-10 SUPERWORLD-DPC120-10 Datasheet
111Kb / 1P
   POWER TRANSFORMER
DPC120-200 SUPERWORLD-DPC120-200 Datasheet
111Kb / 1P
   POWER TRANSFORMER
DPC120-200-0 SUPERWORLD-DPC120-200-0 Datasheet
111Kb / 1P
   POWER TRANSFORMER
DPC120-8 SUPERWORLD-DPC120-8 Datasheet
111Kb / 1P
   POWER TRANSFORMER
DPC120-85 SUPERWORLD-DPC120-85 Datasheet
112Kb / 1P
   POWER TRANSFORMER
More results

Similar Description - DPC120-35

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
   POWER TRANSFORMER POWER TRANSFORMER
logo
Superworld Electronics
12A-2.5-12 SUPERWORLD-12A-2.5-12 Datasheet
122Kb / 1P
   POWER TRANSFORMER
12A-2.5-20 SUPERWORLD-12A-2.5-20 Datasheet
111Kb / 1P
   POWER TRANSFORMER
DCS3-28 SUPERWORLD-DCS3-28 Datasheet
120Kb / 1P
   POWER TRANSFORMER
logo
PCA ELECTRONICS INC.
EPA3876G PCA-EPA3876G Datasheet
50Kb / 1P
   Power Transformer
logo
List of Unclassifed Man...
F-229X ETC2-F-229X Datasheet
50Kb / 1P
   POWER TRANSFORMER
logo
Rhombus Industries Inc.
T-605 RHOMBUS-IND-T-605 Datasheet
37Kb / 1P
   POWER TRANSFORMER
logo
Superworld Electronics
14A-10-12 SUPERWORLD-14A-10-12 Datasheet
111Kb / 1P
   POWER TRANSFORMER
14A-10-16 SUPERWORLD-14A-10-16 Datasheet
112Kb / 1P
   POWER TRANSFORMER
CS7-16 SUPERWORLD-CS7-16 Datasheet
109Kb / 1P
   POWER TRANSFORMER
14A-20-12 SUPERWORLD-14A-20-12 Datasheet
112Kb / 1P
   POWER TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com