Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCEM010DBQ9P5 Datasheet(PDF) 8 Page - Sensortechnics GmbH

Part # HCEM010DBQ9P5
Description  Miniature amplified pressure sensors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HCEM010DBQ9P5 Datasheet(HTML) 8 Page - Sensortechnics GmbH

Back Button HCEM010DBQ9P5 Datasheet HTML 3Page - Sensortechnics GmbH HCEM010DBQ9P5 Datasheet HTML 4Page - Sensortechnics GmbH HCEM010DBQ9P5 Datasheet HTML 5Page - Sensortechnics GmbH HCEM010DBQ9P5 Datasheet HTML 6Page - Sensortechnics GmbH HCEM010DBQ9P5 Datasheet HTML 7Page - Sensortechnics GmbH HCEM010DBQ9P5 Datasheet HTML 8Page - Sensortechnics GmbH HCEM010DBQ9P5 Datasheet HTML 9Page - Sensortechnics GmbH HCEM010DBQ9P5 Datasheet HTML 10Page - Sensortechnics GmbH HCEM010DBQ9P5 Datasheet HTML 11Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HCE Series
Miniature amplified pressure sensors
8/11
E / 11652 / A
www.sensortechnics.com
HIGH PRESSURE PORT
12.7
10.7
8 7 6 5
1 2 3 4
6.2
3.8
6.0
3
4.2
12.70
10.70
4.06
0.46
2.54
HIGH PRESSURE PORT
8 7 6 5
1 2 3 4
PHYSICAL DIMENSIONS AND ELECTRICAL CONNECTIONS (cont.)
* Internal connection.
Do not connect for any reason
HCE...H9...
SMD single port
Barbed port
dimensions in mm
third angle projection
Top view
n
i
Pn
o
i
t
c
e
n
n
o
C
1s
V
+
2D
N
G
3t
u
o
V
4O
S
I
M
5K
L
C
6S
S
7*
C
/
I
8I
S
O
M
* Internal connection.
Do not connect for any reason
HCE...H8...
SMD single port
Straight port
dimensions in mm
third angle projection
Top view
n
i
Pn
o
i
t
c
e
n
n
o
C
1s
V
+
2D
N
G
3t
u
o
V
4O
S
I
M
5K
L
C
6S
S
7*
C
/
I
8I
S
O
M


Similar Part No. - HCEM010DBQ9P5

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCEM010-B SENSORTECHNICS-HCEM010-B Datasheet
182Kb / 11P
   Miniature amplified pressure sensors
HCEM010B SENSORTECHNICS-HCEM010B Datasheet
182Kb / 11P
   Miniature amplified pressure sensors
HCEM010U SENSORTECHNICS-HCEM010U Datasheet
182Kb / 11P
   Miniature amplified pressure sensors
More results

Similar Description - HCEM010DBQ9P5

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCEM010-B SENSORTECHNICS-HCEM010-B Datasheet
182Kb / 11P
   Miniature amplified pressure sensors
logo
All Sensors Corporation
DS-0103 ASC-DS-0103 Datasheet
50Kb / 5P
   Miniature Amplified Pressure Sensors
logo
Sensortechnics GmbH
HCA0611ARG8 SENSORTECHNICS-HCA0611ARG8 Datasheet
85Kb / 6P
   Miniature amplified barometric pressure sensors
HCLA02X5-B SENSORTECHNICS-HCLA02X5-B Datasheet
226Kb / 15P
   Miniature amplified low pressure sensors
HCA0611ARH8 SENSORTECHNICS-HCA0611ARH8 Datasheet
113Kb / 7P
   Miniature amplified barometric pressure sensors
HCLA02X5DB SENSORTECHNICS-HCLA02X5DB Datasheet
191Kb / 15P
   Miniature amplified low pressure sensors
logo
All Sensors Corporation
DS-0032 ASC-DS-0032 Datasheet
241Kb / 3P
   AMPLIFIED Pressure Sensors
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
   Amplified pressure sensors
logo
Honeywell Solid State E...
185PC15DT HONEYWELL-185PC15DT Datasheet
494Kb / 5P
   Pressure Sensors Miniature Absolute, Differential, Gage/Amplified
logo
Sensortechnics GmbH
HMAM100U SENSORTECHNICS-HMAM100U Datasheet
381Kb / 15P
   Amplified pressure sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com