Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74ALVC162831 Datasheet(PDF) 2 Page - Texas Instruments

Part No. SN74ALVC162831
Description  1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVC162831 Datasheet(HTML) 2 Page - Texas Instruments

  SN74ALVC162831 Datasheet HTML 1Page - Texas Instruments SN74ALVC162831 Datasheet HTML 2Page - Texas Instruments SN74ALVC162831 Datasheet HTML 3Page - Texas Instruments SN74ALVC162831 Datasheet HTML 4Page - Texas Instruments SN74ALVC162831 Datasheet HTML 5Page - Texas Instruments SN74ALVC162831 Datasheet HTML 6Page - Texas Instruments SN74ALVC162831 Datasheet HTML 7Page - Texas Instruments SN74ALVC162831 Datasheet HTML 8Page - Texas Instruments SN74ALVC162831 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SN74ALVC162831
1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER
WITH 3-STATE OUTPUTS
SCAS605A – APRIL 1998 – REVISED FEBRUARY 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The outputs, which are designed to sink up to 12 mA, include equivalent 26-
Ω resistors to reduce overshoot
and undershoot.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
The SN74ALVC162831 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
INPUTS
OUTPUT
OE
SEL
CLK
A
Y
H
X
X
X
Z
L
HX
L
L
L
HX
H
H
L
L
LL
L
L
H
H
logic diagram (positive logic)
20
21
19
8
CLK
D
Q
22
To Eight Other Channels
5
4
2
1
OE1
OE2
CLK
A1
SEL
1Y1
2Y1
3Y1
4Y1


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn