Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRS133PV5L Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # SRS133PV5L
Description  Manifold mountable plastic switching solenoid valve
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SRS133PV5L Datasheet(HTML) 1 Page - Sensortechnics GmbH

  SRS133PV5L Datasheet HTML 1Page - Sensortechnics GmbH SRS133PV5L Datasheet HTML 2Page - Sensortechnics GmbH SRS133PV5L Datasheet HTML 3Page - Sensortechnics GmbH SRS133PV5L Datasheet HTML 4Page - Sensortechnics GmbH SRS133PV5L Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SRS Valve
Manifold mountable plastic switching solenoid valve
1/5
October 2006 / 261
www.sensortechnics.com
FEATURES
· 3-way, 2 position valve
(NO, NC & Distributor)
· Design incorporates thermoplastics
and non-corrosive metals
· Offers high-density manifold mounting
with convenient manifold to PC board
interface
· Weighs only 7 g, perfect where low
weight is critical to overall system
PHYSICAL PROPERTIES
Operating environment
0 to 70 °C
Storage temperature
-40 to 70 °C
Length
38 mm (1.5 in)
Width
10 mm (0.394 in)
Height
15.5 mm (0.61 in)
Porting
Manifold mount,
(gasket and screws supplied)
Weight
7 g (0.23 oz)
Internal volume
0.0267 cm3
Filtration (recommended)
40 µm
Lubrication
None required
MEDIA COMPATIBILITY
Gases and select liquids
ELECTRICAL
Power
0.5, 1.0 or 2.0 W
Voltage
5, 12, 24 V
DC ± 10%
Thermocomp® is a registered trademark of General Electric Company.
WETTED MATERIALS
Body:
PBT; LNP Thermocomp®
Elastomers:
FKM
Non-corrosive metals:
302 series stainless steel; 430 FR series stainless
steel; CMI-B core iron; electroless nickel plating


Similar Part No. - SRS133PV5L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRS10100 TSC-SRS10100 Datasheet
161Kb / 2P
   10.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SRS10100 TSC-SRS10100 Datasheet
154Kb / 2P
   10.0AMPS. Surface Mount Schottky Barrier Rectifiers
SRS10150 TSC-SRS10150 Datasheet
161Kb / 2P
   10.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SRS10150 TSC-SRS10150 Datasheet
154Kb / 2P
   10.0AMPS. Surface Mount Schottky Barrier Rectifiers
SRS10150 TSC-SRS10150 Datasheet
255Kb / 4P
   10.0AMPS. Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SRS133PV5L

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PND05D3 SENSORTECHNICS-PND05D3 Datasheet
63Kb / 3P
   Switching solenoid dump valve
logo
Festo Corporation.
540042 FESTO-540042 Datasheet
110Kb / 1P
   Pressure regulating valve manifold
3/23/22
540040 FESTO-540040 Datasheet
103Kb / 1P
   Pressure regulating valve manifold
3/23/22
540043 FESTO-540043 Datasheet
113Kb / 1P
   Pressure regulating valve manifold
3/23/22
540041 FESTO-540041 Datasheet
109Kb / 1P
   Pressure regulating valve manifold
3/23/22
logo
List of Unclassifed Man...
FAB ETC-FAB Datasheet
575Kb / 22P
   Discrete direct acting 2 port solenoid valve for compressed air, manifold
logo
Sensortechnics GmbH
V2101PV5P00 SENSORTECHNICS-V2101PV5P00 Datasheet
253Kb / 4P
   Value squared switching solenoid valve
11101BV5P00 SENSORTECHNICS-11101BV5P00 Datasheet
265Kb / 5P
   PC mount switching solenoid valve
logo
Festo Corporation.
8150397 FESTO-8150397 Datasheet
94Kb / 2P
   Solenoid valve
6/26/22
8114698 FESTO-8114698 Datasheet
76Kb / 2P
   Solenoid valve
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com