Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCE0811GRH8P5 Datasheet(PDF) 7 Page - Sensortechnics GmbH

Part # HCE0811GRH8P5
Description  Miniature amplified pressure sensors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HCE0811GRH8P5 Datasheet(HTML) 7 Page - Sensortechnics GmbH

Back Button HCE0811GRH8P5 Datasheet HTML 3Page - Sensortechnics GmbH HCE0811GRH8P5 Datasheet HTML 4Page - Sensortechnics GmbH HCE0811GRH8P5 Datasheet HTML 5Page - Sensortechnics GmbH HCE0811GRH8P5 Datasheet HTML 6Page - Sensortechnics GmbH HCE0811GRH8P5 Datasheet HTML 7Page - Sensortechnics GmbH HCE0811GRH8P5 Datasheet HTML 8Page - Sensortechnics GmbH HCE0811GRH8P5 Datasheet HTML 9Page - Sensortechnics GmbH HCE0811GRH8P5 Datasheet HTML 10Page - Sensortechnics GmbH HCE0811GRH8P5 Datasheet HTML 11Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
HCE Series
Miniature amplified pressure sensors
7/11
E / 11652 / A
www.sensortechnics.com
PHYSICAL DIMENSIONS AND ELECTRICAL CONNECTIONS
HCE...E9...
SMD dual port, same side
Barbed ports
n
i
Pn
o
i
t
c
e
n
n
o
C
1s
V
+
2D
N
G
3t
u
o
V
4O
S
I
M
5K
L
C
6S
S
7*
C
/
I
8I
S
O
M
* Internal connection.
Do not connect for any reason
dimensions in mm
third angle projection
Bottom view
HCE...E8...
SMD dual port, same side
Straight ports
12.70
HIGH PRESSURE PORT
LOW PRESSURE PORT
4.50
4.06
10.70
4.20
3
2.54
0.46
5 6 7 8
4 3 2 1
n
i
Pn
o
i
t
c
e
n
n
o
C
1s
V
+
2D
N
G
3t
u
o
V
4O
S
I
M
5K
L
C
6S
S
7*
C
/
I
8I
S
O
M
* Internal connection.
Do not connect for any reason
dimensions in mm
third angle projection
Bottom view
12.70
HIGH PRESSURE PORT
LOW PRESSURE PORT
4.67
10.70
2.54
0.46
5 6 7 8
4 3 2 1
7.
00
4.0
2.50 ±0.2
5 ±0.2


Similar Part No. - HCE0811GRH8P5

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCE0811AR SENSORTECHNICS-HCE0811AR Datasheet
182Kb / 11P
   Miniature amplified pressure sensors
More results

Similar Description - HCE0811GRH8P5

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCEM010-B SENSORTECHNICS-HCEM010-B Datasheet
182Kb / 11P
   Miniature amplified pressure sensors
logo
All Sensors Corporation
DS-0103 ASC-DS-0103 Datasheet
50Kb / 5P
   Miniature Amplified Pressure Sensors
logo
Sensortechnics GmbH
HCA0611ARG8 SENSORTECHNICS-HCA0611ARG8 Datasheet
85Kb / 6P
   Miniature amplified barometric pressure sensors
HCLA02X5-B SENSORTECHNICS-HCLA02X5-B Datasheet
226Kb / 15P
   Miniature amplified low pressure sensors
HCA0611ARH8 SENSORTECHNICS-HCA0611ARH8 Datasheet
113Kb / 7P
   Miniature amplified barometric pressure sensors
HCLA02X5DB SENSORTECHNICS-HCLA02X5DB Datasheet
191Kb / 15P
   Miniature amplified low pressure sensors
logo
All Sensors Corporation
DS-0032 ASC-DS-0032 Datasheet
241Kb / 3P
   AMPLIFIED Pressure Sensors
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
   Amplified pressure sensors
logo
Honeywell Solid State E...
185PC15DT HONEYWELL-185PC15DT Datasheet
494Kb / 5P
   Pressure Sensors Miniature Absolute, Differential, Gage/Amplified
logo
Sensortechnics GmbH
HMAM100U SENSORTECHNICS-HMAM100U Datasheet
381Kb / 15P
   Amplified pressure sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com