Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALS623AN Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALS623AN
Description  OCTAL BUS TRANSCEIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS623AN Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74ALS623AN Datasheet HTML 4Page - Texas Instruments SN74ALS623AN Datasheet HTML 5Page - Texas Instruments SN74ALS623AN Datasheet HTML 6Page - Texas Instruments SN74ALS623AN Datasheet HTML 7Page - Texas Instruments SN74ALS623AN Datasheet HTML 8Page - Texas Instruments SN74ALS623AN Datasheet HTML 9Page - Texas Instruments SN74ALS623AN Datasheet HTML 10Page - Texas Instruments SN74ALS623AN Datasheet HTML 11Page - Texas Instruments SN74ALS623AN Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SN74ALS620A, SN74ALS621A, SN74ALS623A, SN74AS623
OCTAL BUS TRANSCEIVERS
SDAS226A – DECEMBER 1982 – REVISED JANUARY 1995
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
,
R2 = 500
,
TA = MIN to MAX†
UNIT
SN74AS623
MIN
MAX
tPLH
A
B
1
9
ns
tPHL
A
B
1
8
ns
tPLH
B
A
1
9
ns
tPHL
B
A
1
8.5
ns
tPZH
OEBA
A
2
11
ns
tPZL
OEBA
A
2
10
ns
tPHZ
OEBA
A
1
7.5
ns
tPLZ
OEBA
A
1
11.5
ns
tPZH
OEAB
B
2
11.5
ns
tPZL
OEAB
B
2
11
ns
tPHZ
OEAB
B
1
7
ns
tPLZ
OEAB
B
1
9
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - SN74ALS623AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS623AN TI-SN74ALS623AN Datasheet
477Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER
SN74ALS623AN TI1-SN74ALS623AN Datasheet
1Mb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS623AN3 TI1-SN74ALS623AN3 Datasheet
1Mb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS623ANSR TI1-SN74ALS623ANSR Datasheet
1Mb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
More results

Similar Description - SN74ALS623AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT245 TI-SN54BCT245_07 Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
logo
Fairchild Semiconductor
DM74ALS645A FAIRCHILD-DM74ALS645A Datasheet
47Kb / 4P
   Octal Bus Transceivers
logo
Texas Instruments
SN54LS620 TI1-SN54LS620_09 Datasheet
511Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Motorola, Inc
SN54LS640 MOTOROLA-SN54LS640 Datasheet
118Kb / 3P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS620 TI-SN54LS620 Datasheet
284Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74HC245 UTC-U74HC245_15 Datasheet
238Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS638_1999 TI1-SN54LS638_1999 Datasheet
205Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS638A TI-SN74ALS638A Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74AHC245 UTC-U74AHC245_15 Datasheet
227Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54ALS245A TI1-SN54ALS245A_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com