Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T2-06 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # T2-06
Description  High flow, compact diaphragm pumps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

T2-06 Datasheet(HTML) 1 Page - Sensortechnics GmbH

  T2-06 Datasheet HTML 1Page - Sensortechnics GmbH T2-06 Datasheet HTML 2Page - Sensortechnics GmbH T2-06 Datasheet HTML 3Page - Sensortechnics GmbH T2-06 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
T2-06
High flow, compact diaphragm pumps
1/4
August 2007 / 258
www.sensortechnics.com
FEATURES
· Compact size, long life and efficiency
· Single or twin head versions
· Ideal for use in portable air and gas
applications
· Up to 6 or 12 lpm free flow,
pressure up to 1.3 bar and vacuum up
to 576 mbar
· Light Duty (LD) and Heavy Duty (HD)
DC brush iron core motor options
SPECIFICATIONS
Max. ambient and media temperature
0 to +50 °C
Weight
T6SH...LD...
163 g
T6SH...HD...
195 g
T6TH...LD...
186 g
T6TH...HD...
218 g
ELECTRICAL
Voltage
Nominal
12 or 24 V
DC
Max.
T6...LD...
17 or 32 V
DC
T6...HD...
19 or 38 V
DC
Max. power @ nom. voltage
T6SH...LD...
5.2 W
T6TH...LD...
8.4 W
T6SH...HD...
4 W
T6TH...HD...
7 W
Electrical termination
solder tabs or
10 inch wire leads
WETTED MATERIALS
Diaphragm: EPDM
Valve: EPDM
Head: PPA


Similar Part No. - T2-06

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
T2-03 SENSORTECHNICS-T2-03 Datasheet
148Kb / 5P
   Miniature diaphragm pumps
T2-05 SENSORTECHNICS-T2-05 Datasheet
79Kb / 3P
   Miniature diaphragm pumps
More results

Similar Description - T2-06

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
T3CP-1HE-06-1SNB SENSORTECHNICS-T3CP-1HE-06-1SNB Datasheet
148Kb / 5P
   Miniature diaphragm pumps
T5-1HE-03-1EEB SENSORTECHNICS-T5-1HE-03-1EEB Datasheet
79Kb / 3P
   Miniature diaphragm pumps
logo
Fuji Electric
EDSX6-135H FUJI-EDSX6-135H Datasheet
294Kb / 8P
   DIFFERENTIAL PRESSURE (FLOW) TRANSMITTER Hydroseal짰 Diaphragm Version
EDSX6-107 FUJI-EDSX6-107 Datasheet
126Kb / 8P
   FCX ??AX SERIES FLOW TRANSMITTER Hydroseal짰 Diaphragm Version
EDS6-64A FUJI-EDS6-64A Datasheet
525Kb / 8P
   COMPACT ELECTROMAGNETIC FLOWMETER(COMPACT FLOW)
EDS6-61H FUJI-EDS6-61H Datasheet
471Kb / 8P
   COMPACT ELECTROMAGNETIC FLOWMETER(COMPACT FLOW)
EDS6-73G FUJI-EDS6-73G Datasheet
203Kb / 6P
   COMPACT ELECTROMAGNETIC FLOWMETER(COMPACT FLOW)
logo
CUI Devices
CPT-2064-L100 CUID-CPT-2064-L100 Datasheet
353Kb / 4P
   PIEZOELECTRIC DIAPHRAGM
08/05/2022
CPT-2065-L100 CUID-CPT-2065-L100 Datasheet
311Kb / 4P
   PIEZOELECTRIC DIAPHRAGM
08/05/2022
logo
Vincotech
10-F1127PA025SC-L167E09 VINCOTECH-10-F1127PA025SC-L167E09 Datasheet
1Mb / 28P
   Compact Flow 1 housing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com