Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5300 Datasheet(PDF) 3 Page - Motorola, Inc

Part # 1N5300
Description  CURRENT REGULATOR DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1N5300 Datasheet(HTML) 3 Page - Motorola, Inc

  1N5300 Datasheet HTML 1Page - Motorola, Inc 1N5300 Datasheet HTML 2Page - Motorola, Inc 1N5300 Datasheet HTML 3Page - Motorola, Inc 1N5300 Datasheet HTML 4Page - Motorola, Inc 1N5300 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1N5283 through 1N5314
Motorola TVS/Zener Device Data
9-4
1.5 Watt DC Power Data Sheet
5
4
3
2
1
0
–20
–40
–60
–80
–100
300
250
200
150
100
50
10
7
5
3
2
1
0.7
0.5
0.3
0.2
0.1
–2
–1
0
20
40
60
80
100
120
140
160
0
0.2
0.4
0.6
0.8
1
0.1
0.2
0.3
0.5
0.7
1
2
3
5
7
10
20
30
50
70
100
REVERSE
FORWARD
ANODE
CATHODE
+
ZK @ VK
VL @ IL
POV
IP & ZT @ VT
VAK, ANODE-CATHODE VOLTAGE (VOLTS)
L, LEAD LENGTH (INCHES)
POINT OF LEAD TEMPERATURE
MEASUREMENT
(MOST HEAT CONDUCTION IS
THROUGH THE CATHODE LEAD)
L
L
1N5313
1N5309
1N5305
1N5298
1N5290
TJ = 25°C
POV = 100 V
(DATA OBTAINED
FROM PULSE TESTS)
VAK, ANODE-CATHODE VOLTAGE (VOLTS)
Diode Current.
Limiting Current: 80% of IP minimum used to determine
Limiting voltage, VL.
Pinch-off Current: Regulator current at specified Test
Voltage, VT.
Peak Operating Voltage: Maximum voltage to be applied
to device.
Current Temperature Coefficient.
Anode-to-cathode Voltage.
Knee Impedance Test Voltage: Specified voltage used to
establish Knee Impedance, ZK.
Limiting Voltage: Measured at IL, VL, together with Knee
AC Impedance, ZK, indicates the Knee characteristics of
the device.
Test Voltage: Voltage at which IP and ZT are specified.
Knee AC Impedance at Test Voltage: To test for ZK, a 90
Hz signal VK with RMS value equal to 10% of test voltage,
VK, is superimposed on VK:
ZK = VK/iK
where iK is the resultant ac current due to VK.
To provide the most constant current from the diode, ZK
should be as high as possible; therefore, a minimum value
of ZK is specified.
AC Impedance at Test Voltage: Specified as a minimum
value. To test for ZT, a 90 Hz signal with RMS value equal
to 10% of Test Voltage VT, is superimposed on VT.
SYMBOLS AND DEFINITIONS
APPLICATION NOTE
As the current available from the diode is temperature dependent,
it is necessary to determine junction temperature, TJ, under specific
operating conditions to calculate the value of the diode current. The
following procedure is recommended:
Lead Temperature, TL, shall be determined from:
TL = θLA PD + TA
where
θLA is lead-to-ambient thermal resistance
and
PD is power dissipation.
θLA is generally 30–40°C/W for the various clips and tie points
in common use, and for printed circuit-board wiring.
Junction Temperature, TJ, shall be calculated from:
TJ = TL + θJL PD
where
θJL is taken from Figure 2.
For circuit design limits of VAK, limits of PD may be estimated and
extremes of TJ may be computed. Using the information on Figures
4 and 5, changes in current may be found. To improve current
regulation, keep VAK low to reduce PD and keep the leads short,
especially the cathode lead, to reduce
θJL.
Figure 1. Typical Current Regulator
Characteristics
Figure 2. Typical Thermal Resistance
Figure 3. Typical Forward Characteristics
ID —
IL —
IP —
POV —
θl —
VAK —
VK —
VL —
VT —
ZK —
ZT —


Similar Part No. - 1N5300

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N5300 CDI-DIODE-1N5300 Datasheet
30Kb / 2P
   CURRENT REGULATOR DIODES
logo
Knox Semiconductor, Inc
1N5300 KNOX-1N5300 Datasheet
37Kb / 1P
   CURRENT LIMITER FIELD EFFECT DIODES
logo
Microsemi Corporation
1N5300 MICROSEMI-1N5300 Datasheet
97Kb / 2P
   HIGH RELIABILITY CURRENT REGULATOR DIODES
1N5300 MICROSEMI-1N5300 Datasheet
34Kb / 1P
   CURRENT REGULATOR DIODES
1N5300 MICROSEMI-1N5300 Datasheet
30Kb / 1P
   CURRENT REGULATOR DIODES
More results

Similar Description - 1N5300

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N5283 CDI-DIODE-1N5283 Datasheet
30Kb / 2P
   CURRENT REGULATOR DIODES
logo
Digitron Semiconductors
1N5283 DIGITRON-1N5283 Datasheet
132Kb / 3P
   CURRENT REGULATOR DIODES
logo
Compensated Deuices Inc...
DCR250 CDI-DIODE-DCR250 Datasheet
15Kb / 1P
   CURRENT REGULATOR DIODES
logo
Microsemi Corporation
JAN1N5283-1 MICROSEMI-JAN1N5283-1 Datasheet
223Kb / 6P
   CURRENT REGULATOR DIODES
1N5283 MICROSEMI-1N5283_10 Datasheet
30Kb / 1P
   CURRENT REGULATOR DIODES
logo
New Jersey Semi-Conduct...
J500 NJSEMI-J500 Datasheet
632Kb / 2P
   Current Regulator Diodes
2N5283 NJSEMI-2N5283 Datasheet
196Kb / 2P
   CURRENT REGULATOR DIODES
logo
Vishay Siliconix
J510-E3 VISHAY-J510-E3 Datasheet
44Kb / 5P
   Current Regulator Diodes
Rev. F, 02-Jul-01
logo
Microsemi Corporation
DCR250 MICROSEMI-DCR250 Datasheet
19Kb / 1P
   CURRENT REGULATOR DIODES
CDLL250 MICROSEMI-CDLL250 Datasheet
19Kb / 1P
   CURRENT REGULATOR DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com