Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX15AN Datasheet(PDF) 9 Page - Sensortechnics GmbH

Part # SX15AN
Description  Pressure sensors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SX15AN Datasheet(HTML) 9 Page - Sensortechnics GmbH

Back Button SX15AN Datasheet HTML 2Page - Sensortechnics GmbH SX15AN Datasheet HTML 3Page - Sensortechnics GmbH SX15AN Datasheet HTML 4Page - Sensortechnics GmbH SX15AN Datasheet HTML 5Page - Sensortechnics GmbH SX15AN Datasheet HTML 6Page - Sensortechnics GmbH SX15AN Datasheet HTML 7Page - Sensortechnics GmbH SX15AN Datasheet HTML 8Page - Sensortechnics GmbH SX15AN Datasheet HTML 9Page - Sensortechnics GmbH SX15AN Datasheet HTML 10Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SX Series
Pressure sensors
9/10
July 2008 / 052
www.sensortechnics.com
PHYSICAL DIMENSIONS
Basic sensor DIP "D2" package
Basic sensor DIP "D4" package
mass: 1 g
dimensions in inches (mm)
mass: 1 g
dimensions in inches (mm)
0.020 typ.
(0.51)
0.110 typ.
(2.79)
0.380
(9.65)
0.285
(7.24)
0.090 typ.
(2.29)
0.470
(11.94)
0.050
typ.
(1.27)
0.550
(13.97)
P2
P1
0.600
(15.24)
0.01
(0.25)
0.100 typ.
(2.54)
0.300
(7.62)
0.070
(1.78)
0.135
(3.43)
0.250
(6.35)


Similar Part No. - SX15AN

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
SX15A HONEYWELL-ACC-SX15A Datasheet
147Kb / 4P
   CPX and XPX Cross to NSC Series
SX15AD2 HONEYWELL-ACC-SX15AD2 Datasheet
147Kb / 4P
   CPX and XPX Cross to NSC Series
logo
Honeywell Solid State E...
SX15AD4 HONEYWELL-SX15AD4 Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
logo
Honeywell Accelerometer...
SX15AD4 HONEYWELL-ACC-SX15AD4 Datasheet
147Kb / 4P
   CPX and XPX Cross to NSC Series
logo
Honeywell Solid State E...
SX15ALP HONEYWELL-SX15ALP Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
More results

Similar Description - SX15AN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-CCD SICK-PAC50-CCD Datasheet
682Kb / 6P
   PRESSURE SENSORS
PAC50-CGA SICK-PAC50-CGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PBS-RB6X0SG1SSNAMA0Z SICK-PBS-RB6X0SG1SSNAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB010SG2SS0AMA0Z SICK-PBS-RB010SG2SS0AMA0Z Datasheet
820Kb / 6P
   PRESSURE SENSORS
PBS-RB016SGESSSCMA0Z SICK-PBS-RB016SGESSSCMA0Z Datasheet
808Kb / 6P
   PRESSURE SENSORS
PBS-RB400SG1SSFAMA0Z SICK-PBS-RB400SG1SSFAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB040SG1SSNBMA0Z SICK-PBS-RB040SG1SSNBMA0Z Datasheet
808Kb / 7P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com