Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALS533ADW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALS533ADW
Description  OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS533ADW Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALS533ADW Datasheet HTML 1Page - Texas Instruments SN74ALS533ADW Datasheet HTML 2Page - Texas Instruments SN74ALS533ADW Datasheet HTML 3Page - Texas Instruments SN74ALS533ADW Datasheet HTML 4Page - Texas Instruments SN74ALS533ADW Datasheet HTML 5Page - Texas Instruments SN74ALS533ADW Datasheet HTML 6Page - Texas Instruments SN74ALS533ADW Datasheet HTML 7Page - Texas Instruments SN74ALS533ADW Datasheet HTML 8Page - Texas Instruments SN74ALS533ADW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE
1Q
1D
2D
2Q
3Q
3D
4D
4Q
GND
VCC
8Q
8D
7D
7Q
6Q
6D
5D
5Q
LE
DW OR N PACKAGE
(TOP VIEW)
SN74ALS533A, SN74AS533A
OCTAL D-TYPE TRANSPARENT LATCHES
WITH 3-STATE OUTPUTS
SDAS270 – DECEMBER 1994
Copyright
© 1994, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Eight Latches in a Single Package
3-State Bus-Driving Inverting Outputs
Full Parallel Access for Loading
Buffered Control Inputs
pnp Inputs Reduce dc Loading on
Data Lines
Package Options Include Plastic
Small-Outline (DW) Packages and Standard
Plastic (N) 300-mil DIPs
description
These 8-bit D-type transparent latches feature
3-state outputs designed specifically for driving
highly capacitive or relatively low-impedance
loads.
They
are
particularly
suitable
for
implementing
buffer
registers,
I/O
ports,
bidirectional bus drivers, and working registers.
While latch-enable (LE) input is high, the Q outputs follow the complements of the data (D) inputs. When LE is
taken low, the Q outputs are latched at the inverses of the levels set up at the D inputs. The SN74ALS533A and
SN74AS533A are functionally equivalent to the SN74ALS373A and SN74AS373, except for having inverted
outputs.
A buffered output-enable (OE) input places the eight outputs in either a normal logic state (high or low logic
levels) or a high-impedance state. In the high-impedance state, the outputs neither load nor drive the bus lines
significantly. The high-impedance state and increased drive provide the capability to drive bus lines without
interface or pullup components.
OE does not affect the internal operations of the latches. Old data can be retained or new data can be entered
while the outputs are off.
The SN74ALS533A and SN74AS533A are characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each latch)
INPUTS
OUTPUT
OE
LE
D
Q
L
H
H
L
L
HL
H
L
LX
Q0
H
X
X
Z
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74ALS533ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS533ADW TI1-SN74ALS533ADW Datasheet
1Mb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN74ALS533ADWR TI1-SN74ALS533ADWR Datasheet
1Mb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN74ALS533ADWRE4 TI1-SN74ALS533ADWRE4 Datasheet
1Mb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN74ALS533ADWRG4 TI1-SN74ALS533ADWRG4 Datasheet
1Mb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALS533ADW

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com