Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BL-D56A-22S Datasheet(PDF) 3 Page - BetLux Electronics

Part No. BL-D56A-22S
Description  LED NUMERIC DISPLAY, 2 DIGIT
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BETLUX [BetLux Electronics]
Homepage  http://www.betlux.com
Logo 

BL-D56A-22S Datasheet(HTML) 3 Page - BetLux Electronics

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.betlux.com
LED NUMERIC DISPLAY, 2 DIGIT
BL-D56X-22
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 3 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is
0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KW1-562LED Numeric Display Single Digit 0.56 1 Lucky Light Electronic
KW1-2301LED Numeric Display Single Digit 2.30" 1 Lucky Light Electronic
KW2-801LED Numeric Display Dual Digit 0.80 1 Lucky Light Electronic
KW4-332LED Numeric Display Four Digit 0.33 1 Lucky Light Electronic
BL-D40I-21SLED NUMERIC DISPLAY 2 DIGIT 1 2 3 4 BetLux Electronics
KW1-601LED Numeric Display Single Digit 0.60 1 Lucky Light Electronic
KW1-2301XYMulti-Color LED Numeric Display Single Digit 2.30" 1 Lucky Light Electronic
KW2-802LED Numeric Display Dual Digit 0.80 1 Lucky Light Electronic
KW4-361LED Numeric Display Four Digit 0.36 1 Lucky Light Electronic
BL-D43A-21SLED NUMERIC DISPLAY 2 DIGIT 1 2 3 4 BetLux Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn