Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BL-D56A-22S Datasheet(PDF) 1 Page - BetLux Electronics

Part No. BL-D56A-22S
Description  LED NUMERIC DISPLAY, 2 DIGIT
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BETLUX [BetLux Electronics]
Homepage  http://www.betlux.com
Logo 

BL-D56A-22S Datasheet(HTML) 1 Page - BetLux Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.betlux.com
LED NUMERIC DISPLAY, 2 DIGIT
BL-D56X-22
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
14.20mm (0.56”) Dual digit numeric display series
Low current operation.
Excellent character appearance.
Easy mounting on P.C. Boards or sockets.
I.C. Compatible.
ROHS Compliance.
Super Bright
Electrical-optical characteristics: (Ta=25
) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Common Cathode
Common Anode
Emitte
d Color
Material
λ
P
(nm)
Typ
Max
Iv
TYP.(mcd
)
BL-D56A-22S-XX
BL-D56B-22S-XX
Hi Red
GaAlAs/GaAs,SH
660
1.85
2.20
120
BL-D56A-22D-XX
BL-D56B-22D-XX
Super
Red
GaAlAs/GaAs,DH
660
1.85
2.20
140
BL-D56A-22UR-XX
BL-D56B-22UR-XX
Ultra
Red
GaAlAs/GaAs,DDH
660
1.85
2.20
160
BL-D56A-22E-XX
BL-D56B-22E-XX
Orange
GaAsP/GaP
635
2.10
2.50
60
BL-D56A-22Y-XX
BL-D56B-22Y-XX
Yellow
GaAsP/GaP
585
2.10
2.50
55
BL-D56A-22G-XX
BL-D56B-22G-XX
Green
GaP/GaP
570
2.20
2.50
55
Ultra Bright
Electrical-optical characteristics: (Ta=25
) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Common Cathode
Common Anode
Emitted Color
Material
λλλλP
(nm)
Typ
Max
Iv
TYP.(mcd
)
BL-D56A-22UHR-XX
BL-D56B-22UHR-XX
Ultra Red
AlGaInP
645
2.10
2.50
160
BL-D56A-22UE-XX
BL-D56B-22UE-XX
Ultra Orange
AlGaInP
630
2.10
2.50
120
BL-D56A-22YO-XX
BL-D56B-22YO-XX
Ultra Amber
AlGaInP
619
2.10
2.50
75
BL-D56A-22UY-XX
BL-D56B-22UY-XX
Ultra Yellow
AlGaInP
590
2.10
2.50
75
BL-D56A-22UG-XX
BL-D56B-22UG-XX
Ultra Green
AlGaInP
574
2.20
2.50
75
BL-D56A-22PG-XX
BL-D56B-22PG-XX
Ultra Pure Green
InGaN
525
3.80
4.50
190
BL-D56A-22B-XX
BL-D56B-22B-XX
Ultra Blue
InGaN
470
2.70
4.20
88
BL-D56A-22W-XX
BL-D56B-22W-XX
Ultra White
InGaN
/
2.70
4.20
88
-XX: Surface / Lens color
Number
0
1
2
3
4
5
Ref Surface Color
White
Black
Gray
Red
Green
Epoxy Color
Water
clear
White
diffused
Red
Diffused
Green
Diffused
Yellow
Diffused


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KW1-562LED Numeric Display Single Digit 0.56 1 Lucky Light Electronic
KW1-2301LED Numeric Display Single Digit 2.30" 1 Lucky Light Electronic
KW2-801LED Numeric Display Dual Digit 0.80 1 Lucky Light Electronic
KW4-332LED Numeric Display Four Digit 0.33 1 Lucky Light Electronic
BL-D40I-21SLED NUMERIC DISPLAY 2 DIGIT 1 2 3 4 BetLux Electronics
KW1-601LED Numeric Display Single Digit 0.60 1 Lucky Light Electronic
KW1-2301XYMulti-Color LED Numeric Display Single Digit 2.30" 1 Lucky Light Electronic
KW2-802LED Numeric Display Dual Digit 0.80 1 Lucky Light Electronic
KW4-361LED Numeric Display Four Digit 0.36 1 Lucky Light Electronic
BL-D43A-21SLED NUMERIC DISPLAY 2 DIGIT 1 2 3 4 BetLux Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn