Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALS29833NT Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74ALS29833NT
Description  8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS29833NT Datasheet(HTML) 3 Page - Texas Instruments

  SN74ALS29833NT Datasheet HTML 1Page - Texas Instruments SN74ALS29833NT Datasheet HTML 2Page - Texas Instruments SN74ALS29833NT Datasheet HTML 3Page - Texas Instruments SN74ALS29833NT Datasheet HTML 4Page - Texas Instruments SN74ALS29833NT Datasheet HTML 5Page - Texas Instruments SN74ALS29833NT Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SN74ALS29833
8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SDAS119D – FEBRUARY 1987 – REVISED JANUARY 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ERROR-FLAG FUNCTIONS
INPUTS
INTERNAL
TO DEVICE
OUTPUT
PRESTATE
OUTPUT
FUNCTION
CLR
CLK
POINT P
ERRn–1†
ERR
H
H
H
H
H
X
L
L
Sample
H
L
X
L
L
X
X
X
H
Clear
† ERRn–1 represents the state of ERR before any changes at CLR, CLK, or point P.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to a disabled I/O port
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
MIN
MAX
UNIT
VCC
Supply voltage
4.75
5.25
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VOH
High-level output voltage, ERR
5.5
V
IOH
High-level output current
–24
mA
IOL
Low-level output current
48
mA
CLK high
10
tw
Pulse duration
CLK low
10
ns
CLR low
10
t
Set p time before CLK
Bi and PARITY
17
ns
tsu
Setup time before CLK
CLR inactive
15
ns
th
Hold time, Bi and PARITY after CLK
0
ns
TA
Operating free-air temperature
0
70
°C


Similar Part No. - SN74ALS29833NT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS29833NT TI1-SN74ALS29833NT Datasheet
229Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
More results

Similar Description - SN74ALS29833NT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT29834 TI1-SN74BCT29834_11 Datasheet
217Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74BCT29854 TI-SN74BCT29854 Datasheet
99Kb / 7P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74ALS29854 TI1-SN74ALS29854 Datasheet
221Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74BCT29833 TI1-SN74BCT29833 Datasheet
110Kb / 7P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74BCT29853 TI1-SN74BCT29853 Datasheet
217Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74ALS29833 TI1-SN74ALS29833_11 Datasheet
229Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74BCT29834 TI-SN74BCT29834 Datasheet
98Kb / 7P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN54ABT853 TI-SN54ABT853 Datasheet
141Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT833 TI-SN54ABT833 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT853 TI1-SN54ABT853_17 Datasheet
975Kb / 20P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com