Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTOP030G7 Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # RTOP030G7
Description  Stainless steel pressure sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RTOP030G7 Datasheet(HTML) 3 Page - Sensortechnics GmbH

  RTOP030G7 Datasheet HTML 1Page - Sensortechnics GmbH RTOP030G7 Datasheet HTML 2Page - Sensortechnics GmbH RTOP030G7 Datasheet HTML 3Page - Sensortechnics GmbH RTOP030G7 Datasheet HTML 4Page - Sensortechnics GmbH RTOP030G7 Datasheet HTML 5Page - Sensortechnics GmbH RTOP030G7 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
E / 11714 / A
RTO Series
www.sensortechnics.com
Stainless steel pressure sensors
Specification notes:
1.
2.
3.
4.
5.
6.
7.
8.
9.
Span is the algebraic difference between the output voltage at full scale pressure and the output at zero pressure. Full scale
span is ratiometric to the supply voltage.
Linearity is based on Best fit Straight Line from the zero to the full scale pressure. Hysteresis is the maximum output
difference at any point within the operating pressure range for increasing and decreasing pressure.
Maximum error band of the offset voltage or span over the compensated temperature range, relative to the 25°C reading.
Long term stability over a six month period.
Response time for a step change from the zero pressure to the full scale pressure .
The maximum pressure that can be applied without changing the transducer´s performance or accuracy.
The maximum pressure that can be applied to a transducer without rupture of either the sensing element or transducer case.
Common mode voltage as measured from output to ground.
Absolute devices with improved zero pressure offset values are available on request. Please contact your nearest
Sensortechnics sales office for further information.
PERFORMANCE CHARACTERISTICS
(V
S = 10 VDC ± 0.01 VDC, tamb = 25°C)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T
.
x
a
M
s
t
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Zi
s
p
0
1
o
t
p
u
s
e
c
i
v
e
d
ll
a5
.
1
-0
5
.
1
+
V
m
s
e
c
i
v
e
d
.
.
.
A
.
.
.
O
T
R
ll
a
9
0
.
2
-0
0
.
2
-
s
r
e
h
t
o
ll
a0
.
1
-0
0
.
1
-
n
a
p
s
e
l
a
c
s
ll
u
F
1
s
e
c
i
v
e
d
i
s
p
5
d
n
a
i
s
p
38
40
52
5
s
r
e
h
t
o
ll
a8
90
0
12
0
1
y
t
i
r
a
e
n
il
-
n
o
N
2
1
.
0
±5
2
.
0
±
O
S
F
%
s
i
s
e
r
e
t
s
y
h
e
r
u
s
s
e
r
P
2
5
1
0
.
0
±0
3
0
.
0
±
s
t
c
e
f
f
e
l
a
m
r
e
h
T
3
s
e
c
i
v
e
d
i
s
p
5
d
n
a
i
s
p
3t
e
s
f
f
O0
.
2
±
)
C
°
2
8
o
t
0
(n
a
p
S0
.
2
±
s
r
e
h
t
o
ll
at
e
s
f
f
O5
.
0
±0
.
1
±
n
a
p
S5
.
0
±0
.
1
±
)
C
°
2
8
o
t
0
(
s
i
s
e
r
e
t
s
y
h
l
a
m
r
e
h
T
1
.
0
±3
.
0
±
y
t
il
i
b
a
t
a
e
p
e
R
0
1
0
.
0
±0
3
0
.
0
±
n
a
p
s
d
n
a
t
e
s
f
f
o
f
o
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
4
1
.
0
±3
.
0
±
)
%
0
9
o
t
0
1
(
e
m
i
t
e
s
n
o
p
s
e
R
1
.
0s
m
e
c
n
a
d
e
p
m
i
t
u
p
n
I0
.
85
20
5
k
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O0
.
35
.
40
.
6
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
8
5
.
03
.
10
.
2V


Similar Part No. - RTOP030G7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RTOP VISHAY-RTOP Datasheet
462Kb / 4P
   Power Resistors for Mounting onto a Heatsink Thick Film Technology
Revision 14-Jan-04
RTOP100 VISHAY-RTOP100 Datasheet
462Kb / 4P
   Power Resistors for Mounting onto a Heatsink Thick Film Technology
Revision 14-Jan-04
RTOP200 VISHAY-RTOP200 Datasheet
462Kb / 4P
   Power Resistors for Mounting onto a Heatsink Thick Film Technology
Revision 14-Jan-04
RTOP VISHAY-RTOP_15 Datasheet
156Kb / 6P
   Power Resistors for Mounting onto a Heatsink Thick Film Technology
Revision: 09-Nov-15
More results

Similar Description - RTOP030G7

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
   Stainless Steel Pressure Sensors
logo
Honeywell Solid State E...
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
SSIB001-GU9AH5 SENSORTECHNICS-SSIB001-GU9AH5 Datasheet
106Kb / 7P
   Amplified stainless steel pressure sensors
SSO-B001G8FH SENSORTECHNICS-SSO-B001G8FH Datasheet
79Kb / 6P
   Compensated stainless steel pressure sensors
logo
Honeywell Solid State E...
19CXXXPA1K HONEYWELL-19CXXXPA1K Datasheet
1Mb / 8P
   Pressure Sensors Low-Cost, Stainless Steel, Isolated Sensors
13C5000PS4K HONEYWELL-13C5000PS4K Datasheet
873Kb / 8P
   Pressure Sensors Low-cost, Stainless Steel, Isolated Sensors
logo
Sensortechnics GmbH
SSC2035AA SENSORTECHNICS-SSC2035AA Datasheet
132Kb / 3P
   Temperature compensated silicon stainless steel pressure sensors
SSCM3175GA SENSORTECHNICS-SSCM3175GA Datasheet
118Kb / 2P
   Temperature compensated silicon stainless steel pressure sensors
SSC1001GA SENSORTECHNICS-SSC1001GA Datasheet
97Kb / 2P
   Temperature compensated silicon stainless steel pressure sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com