Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCX002D6V Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # HCX002D6V
Description  Fully signal conditioned pressure transducer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HCX002D6V Datasheet(HTML) 1 Page - Sensortechnics GmbH

  HCX002D6V Datasheet HTML 1Page - Sensortechnics GmbH HCX002D6V Datasheet HTML 2Page - Sensortechnics GmbH HCX002D6V Datasheet HTML 3Page - Sensortechnics GmbH HCX002D6V Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HCX Series
Fully signal conditioned pressure transducer
1/4
August 2007 / 026
www.sensortechnics.com
FEATURES
· Pressure ranges from
±5 mbar to 5 bar differential,
1 and 2 bar absolute
· TTL power supply
· 0.5...4.5 V output
· Inline pinning for easy PCB-mounting
· Externally adjustable offset and span
SPECIFICATIONS
Maximum ratings
Excitation voltage
Output current
Source
Sink
Temperature limits
Operating
Storage
Compensated
Lead temperature (2...4 sec. soldering)
Humidity
Proof pressure1
HCXPM005..., HCXM010...
and HCXM020
HCXM050 to HCXM350
all other devices
Tightening torque
(mounting screws M2.5)
ELECTRICAL CONNECTION
4.8 to 15 V
5 mA
5 mA
-20 to 70°C
-40 to 85°C
0 to 50°C
250°C
0 - 95 %RH
700 mbar
1.4 bar
2 x rated pressure
10 Ncm
SERVICE
Non-corrosive, non-ionic working fluids,
such as dry air and dry gases.
Scale:
1 cm
1 inch
span adj.
(optional)
offset adj.
(optional)
HCX(M)...
2
3
6
5
4
1
V
-Vs
Vout
+Vs
GND
6
6


Similar Part No. - HCX002D6V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HCX002D6V ETC1-HCX002D6V Datasheet
212Kb / 3P
   Fully signal conditioned pressure transducer
More results

Similar Description - HCX002D6V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HCXPM005D6V ETC1-HCXPM005D6V Datasheet
212Kb / 3P
   Fully signal conditioned pressure transducer
logo
Sensortechnics GmbH
40PC001B1A SENSORTECHNICS-40PC001B1A Datasheet
192Kb / 8P
   Fully signal conditioned pressure transducer
161PC01D-PCB SENSORTECHNICS-161PC01D-PCB_16 Datasheet
140Kb / 6P
   Fully signal conditioned low pressure transducer
161PC01D-PCB SENSORTECHNICS-161PC01D-PCB Datasheet
130Kb / 6P
   Fully signal conditioned low pressure transducer
RVAQ050GB1 SENSORTECHNICS-RVAQ050GB1 Datasheet
168Kb / 8P
   Fully signal conditioned pressure transducers
logo
List of Unclassifed Man...
5882-006-D-B ETC2-5882-006-D-B Datasheet
396Kb / 6P
   SIGNAL-CONDITIONED PRESSURE SENSOR
logo
Sensortechnics GmbH
ASDX015A24R SENSORTECHNICS-ASDX015A24R Datasheet
66Kb / 6P
   Signal conditioned pressure transducers
RBAP015AU SENSORTECHNICS-RBAP015AU Datasheet
103Kb / 6P
   Signal conditioned pressure sensors
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB Datasheet
145Kb / 5P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB_16 Datasheet
109Kb / 3P
   Signal conditioned precision pressure transducers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com