Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCS5-28 Datasheet(PDF) 1 Page - Superworld Electronics

Part # DCS5-28
Description  POWER TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

DCS5-28 Datasheet(HTML) 1 Page - Superworld Electronics

  DCS5-28 Datasheet HTML 1Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1. CONFIGURATION & DIMENSIONS :
3. ELECTRICAL CHARACTERISTICS ( @ 25°C ) :
SUPERWORLD ELECTRONICS (S) PTE LTD
2. SCHEMATIC :
DCS5-28 (F) SERIES
POWER TRANSFORMER
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
25.02.2008
7
5
8
1
4
indicates polarity
49.23
(1.938)
5
SIZE
W
38.10
(1.500)
71.45
(2.813)
12
VA
L
H
41.28
(1.625)
60.33
(2.375)
24.61
(0.969)
A
B
ML
317.51
gram
UNIT : mm (inch)
3.96
(0.156)
6.35
(0.250)
L
ML
A
3
4
2
7
8
6
1
W
9.53
(0.375)
5
B
Solder Lug Terminal
4.76(0.187)Quick Connect
Holes
4.76(0.187)Dia. Mfg.
3
2
a. Primary Voltage
AC 115/230 V 50/60 Hz .
b. No Load Primary Current
Less Than 20mA / 25mA .
c. Secondary Voltage (±5%)
AC 34.10 V / 33.90 V .
d. Secondary Load Current
0.42A .
e. Full Load Primary Current
Less Than 180mA / 95mA .
f. Full Load Secondary Voltage (±5%)
28.00V / 28.00V .
Pin 3-4
Pin 1-2
g. DC Resistance
Pin 5-8 C.T. Pin 7
Primary-1 = 124.80 Ohm .
Pin 5-7
Pin 7-8
h. Insulation Resistance
i. Withstand Voltage (Hi-Pot)
Secondary-1 = 3.21 Ohm .
DC 500V 100Meg Ohm Of More .
AC 2500V 60Hz 1 Minutes .
Less Than 60 Deg C .
EI-48 x 20.80 m/m .
j. Temperature Rise
k. Core Size
1027
l. Turns & Wire Gauge
Primary-1
1027
152 x 2
Primary-2
Secondary
Pin 5-7-8
Pin 3-4
Pin 1-2
Turns Diameter
0.13 m/m .
0.13 m/m .
Turns Diameter
0.32 m/m .
Turns Diameter
Pin 5-8 C.T. Pin 7
Primary-2 = 144.50 Ohm .
Secondary-2 = 3.21 Ohm .


Similar Part No. - DCS5-28

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
DCS5-20 SUPERWORLD-DCS5-20 Datasheet
109Kb / 1P
   POWER TRANSFORMER
DCS5-24 SUPERWORLD-DCS5-24 Datasheet
109Kb / 1P
   POWER TRANSFORMER
More results

Similar Description - DCS5-28

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
   POWER TRANSFORMER POWER TRANSFORMER
logo
Superworld Electronics
12A-2.5-12 SUPERWORLD-12A-2.5-12 Datasheet
122Kb / 1P
   POWER TRANSFORMER
12A-2.5-20 SUPERWORLD-12A-2.5-20 Datasheet
111Kb / 1P
   POWER TRANSFORMER
DCS3-28 SUPERWORLD-DCS3-28 Datasheet
120Kb / 1P
   POWER TRANSFORMER
logo
PCA ELECTRONICS INC.
EPA3876G PCA-EPA3876G Datasheet
50Kb / 1P
   Power Transformer
logo
List of Unclassifed Man...
F-229X ETC2-F-229X Datasheet
50Kb / 1P
   POWER TRANSFORMER
logo
Rhombus Industries Inc.
T-605 RHOMBUS-IND-T-605 Datasheet
37Kb / 1P
   POWER TRANSFORMER
logo
Superworld Electronics
14A-10-12 SUPERWORLD-14A-10-12 Datasheet
111Kb / 1P
   POWER TRANSFORMER
14A-10-16 SUPERWORLD-14A-10-16 Datasheet
112Kb / 1P
   POWER TRANSFORMER
CS7-16 SUPERWORLD-CS7-16 Datasheet
109Kb / 1P
   POWER TRANSFORMER
14A-20-12 SUPERWORLD-14A-20-12 Datasheet
112Kb / 1P
   POWER TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com