Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPUP0x5D6A Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # RPUP0x5D6A
Description  Basic pressure sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RPUP0x5D6A Datasheet(HTML) 4 Page - Sensortechnics GmbH

  RPUP0x5D6A Datasheet HTML 1Page - Sensortechnics GmbH RPUP0x5D6A Datasheet HTML 2Page - Sensortechnics GmbH RPUP0x5D6A Datasheet HTML 3Page - Sensortechnics GmbH RPUP0x5D6A Datasheet HTML 4Page - Sensortechnics GmbH RPUP0x5D6A Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RPU Series
Basic pressure sensors
4/5
E / 11702 / A
www.sensortechnics.com
OUTLINE DRAWINGS10
RPU...D6A (single inline pinning, 1 x 4), differential pressure devices
mass: 2 g
dimensions in mm
12,7
3 x 2,54
2,29
4 x 1,02
Ø 6,4
Ø 5,1
Ø 1,93
Ø 1,27
PIN 1
12,7
P2
4 3 2 1
P1
third angle projection
Specification notes:
1.
The maximum specified pressure which may be applied to the sensor without causing a permanent change in the output
characteristics.
2.
Span is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure. Span is
ratiometric to the supply voltage.
3.
Non-linearity refers to the Best Straight Line fit, measured for offset pressure, full scale pressure and 1/2 full scale pressure.
4.
Error band of the offset voltage, span or bridge impedance in the specified temperature range, relative to the 25°C reading.
5.
Repeatability, the deviation in output readings for successive application of any given input pressure (all other conditions
remaining constant). Hysteresis, the error defined by the deviation in output signal obtained when a specific pressure point is
approached first with increasing pressure, then with decreasing pressure or vice versa (all other conditions remaining constant).
6.
Response time for 0 to full-scale pressure step change, readings taken at 10 % and 90 % of full-scale pressure.
7.
Long term stability of offset and span over a period over one year.
8.
The sensors might be used on both ports for media compatible with the components specified under "Media Compatibility".
9.
Other sealing materials are available on request. Minimum order quantities might be required.
10. Other pressure port styles, like barbed ones, luers, modular, M5, needle style or flow through connection, are
available on request. Minimum order quantities might be required.


Similar Part No. - RPUP0x5D6A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RPUP0X5D6B SENSORTECHNICS-RPUP0X5D6B Datasheet
181Kb / 16P
   Pressure sensors with special fittings
More results

Similar Description - RPUP0x5D6A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RXUB001A SENSORTECHNICS-RXUB001A Datasheet
267Kb / 7P
   Basic pressure sensors
RQUM050D SENSORTECHNICS-RQUM050D Datasheet
157Kb / 4P
   Basic pressure sensors
RZUP015A SENSORTECHNICS-RZUP015A Datasheet
261Kb / 5P
   Basic pressure sensors
HDUM100 SENSORTECHNICS-HDUM100 Datasheet
582Kb / 4P
   Basic pressure sensors
HMUM100 SENSORTECHNICS-HMUM100 Datasheet
357Kb / 14P
   Basic pressure sensors
logo
All Sensors Corporation
DS-0105 ASC-DS-0105 Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
5INCH-D2-BASIC ASC-5INCH-D2-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
logo
Sensortechnics GmbH
RXUH004D SENSORTECHNICS-RXUH004D Datasheet
186Kb / 4P
   Basic low pressure sensors
logo
All Sensors Corporation
1INCH-G-BASIC ASC-1INCH-G-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
1INCH-D1-BASIC ASC-1INCH-D1-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com