Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTOP005A2 Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # RTOP005A2
Description  Stainless steel pressure sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RTOP005A2 Datasheet(HTML) 5 Page - Sensortechnics GmbH

  RTOP005A2 Datasheet HTML 1Page - Sensortechnics GmbH RTOP005A2 Datasheet HTML 2Page - Sensortechnics GmbH RTOP005A2 Datasheet HTML 3Page - Sensortechnics GmbH RTOP005A2 Datasheet HTML 4Page - Sensortechnics GmbH RTOP005A2 Datasheet HTML 5Page - Sensortechnics GmbH RTOP005A2 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/6
E / 11714 / A
RTO Series
www.sensortechnics.com
Stainless steel pressure sensors
Ø .668 (16.98)
CKT CAVITY
4 x .125 (3.2)
Ø .746
(18.95)
2.0 NOMEX INSULATED
RIBBON CABLE
W/ .100 (2.54) PIN SPACING
(24 AWG EQUIV.)
.75 (19)
HEX
Ø .171 (4.34)
Ø .438
(11.13)
Ø .720
(18.89)
RTO...7 (1/4 BSP package)
mass: 52 g
dimensions in inches (mm)
PHYSICAL DIMENSIONS (cont.)
third angle projection


Similar Part No. - RTOP005A2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RTOP VISHAY-RTOP Datasheet
462Kb / 4P
   Power Resistors for Mounting onto a Heatsink Thick Film Technology
Revision 14-Jan-04
RTOP100 VISHAY-RTOP100 Datasheet
462Kb / 4P
   Power Resistors for Mounting onto a Heatsink Thick Film Technology
Revision 14-Jan-04
RTOP200 VISHAY-RTOP200 Datasheet
462Kb / 4P
   Power Resistors for Mounting onto a Heatsink Thick Film Technology
Revision 14-Jan-04
RTOP VISHAY-RTOP_15 Datasheet
156Kb / 6P
   Power Resistors for Mounting onto a Heatsink Thick Film Technology
Revision: 09-Nov-15
More results

Similar Description - RTOP005A2

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
   Stainless Steel Pressure Sensors
logo
Honeywell Solid State E...
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
SSIB001-GU9AH5 SENSORTECHNICS-SSIB001-GU9AH5 Datasheet
106Kb / 7P
   Amplified stainless steel pressure sensors
SSO-B001G8FH SENSORTECHNICS-SSO-B001G8FH Datasheet
79Kb / 6P
   Compensated stainless steel pressure sensors
logo
Honeywell Solid State E...
19CXXXPA1K HONEYWELL-19CXXXPA1K Datasheet
1Mb / 8P
   Pressure Sensors Low-Cost, Stainless Steel, Isolated Sensors
13C5000PS4K HONEYWELL-13C5000PS4K Datasheet
873Kb / 8P
   Pressure Sensors Low-cost, Stainless Steel, Isolated Sensors
logo
Sensortechnics GmbH
SSC2035AA SENSORTECHNICS-SSC2035AA Datasheet
132Kb / 3P
   Temperature compensated silicon stainless steel pressure sensors
SSCM3175GA SENSORTECHNICS-SSCM3175GA Datasheet
118Kb / 2P
   Temperature compensated silicon stainless steel pressure sensors
SSC1001GA SENSORTECHNICS-SSC1001GA Datasheet
97Kb / 2P
   Temperature compensated silicon stainless steel pressure sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com