Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RXUP001D Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # RXUP001D
Description  Basic pressure sensors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RXUP001D Datasheet(HTML) 2 Page - Sensortechnics GmbH

  RXUP001D Datasheet HTML 1Page - Sensortechnics GmbH RXUP001D Datasheet HTML 2Page - Sensortechnics GmbH RXUP001D Datasheet HTML 3Page - Sensortechnics GmbH RXUP001D Datasheet HTML 4Page - Sensortechnics GmbH RXUP001D Datasheet HTML 5Page - Sensortechnics GmbH RXUP001D Datasheet HTML 6Page - Sensortechnics GmbH RXUP001D Datasheet HTML 7Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RXU Series
Basic pressure sensors
2/7
E / 11707 / A
www.sensortechnics.com
PRESSURE SENSOR CHARACTERISTICS
(V
s = 5.0 ± 0.01 V, TA = 25 °C, common-mode pressure = 0 psig, pressure applied to P1 for Button, N and A2
housings, pressure applied to P2 for G2 and D4 housings)
r
e
b
m
u
n
t
r
a
Pe
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
Oe
r
u
s
s
e
r
p
f
o
o
r
P
8
n
a
p
s
e
l
a
c
s
-
l
l
u
F
1
.
n
i
M.
p
y
T.
x
a
M
.
.
.
5
2
0
M
U
X
Rr
a
b
m
5
2
.
.
.
0r
a
b
m
0
0
5V
m
0
2V
m
5
4V
m
0
8
.
.
.
0
5
0
M
U
X
Rr
a
b
m
0
5
.
.
.
0r
a
b
4
.
1V
m
9
.
0
1V
m
5
.
4
1V
m
1
.
8
1
.
.
.
0
0
1
M
U
X
Rr
a
b
m
0
0
1
.
.
.
0r
a
b
4
.
1V
m
8
.
1
2V
m
9
2V
m
2
.
6
3
.
.
.
0
5
2
M
U
X
Rr
a
b
m
0
5
2
.
.
.
0r
a
b
4
.
1V
m
3
.
6
3V
m
0
.
4
5V
m
5
.
2
7
.
.
.
1
0
0
B
U
X
Rr
a
b
1
.
.
.
0r
a
b
2V
m
5
.
2
7V
m
5
0
1V
m
5
4
1
.
.
.
2
0
0
B
U
X
Rr
a
b
2
.
.
.
0r
a
b
4V
m
5
.
2
7V
m
5
0
1V
m
5
4
1
.
.
.
5
0
0
B
U
X
Rr
a
b
5
.
.
.
0r
a
b
0
1V
m
5
.
2
7V
m
5
0
1V
m
5
4
1
.
.
.
0
1
0
B
U
X
Rr
a
b
0
1
.
.
.
0r
a
b
4
1V
m
5
.
2
7V
m
5
0
1V
m
5
4
1
.
.
.
0
1
0
H
U
X
RH
h
c
n
i
0
1
.
.
0
2Oi
s
p
7V
m
0
2V
m
5
4V
m
0
8
.
.
.
1
0
0
P
U
X
Ri
s
p
1
.
.
.
0i
s
p
0
2V
m
5
1V
m
0
2V
m
5
2
.
.
.
5
0
0
P
U
X
Ri
s
p
5
.
.
.
0i
s
p
0
2V
m
0
5V
m
5
7V
m
0
0
1
.
.
.
5
1
0
P
U
X
Ri
s
p
5
1
.
.
.
0i
s
p
0
3V
m
5
7V
m
0
1
1V
m
0
5
1
.
.
.
0
3
0
P
U
X
Ri
s
p
0
3
.
.
.
0i
s
p
0
6V
m
5
7V
m
0
1
1V
m
0
5
1
.
.
.
0
0
1
P
U
X
Ri
s
p
0
0
1
.
.
.
0i
s
p
0
5
1V
m
0
0
1V
m
0
5
1V
m
0
0
2
.
.
.
0
5
1
P
U
X
Ri
s
p
0
5
1
.
.
.
0i
s
p
0
0
2V
m
5
7V
m
0
1
1V
m
0
5
1
Specification notes:
1.
2.
3.
4.
5.
6.
7.
8.
9.
Span is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure.
Hysteresis is the maximum output difference at any point within the operating pressure range for increasing and decreasing
pressure. Linearity is the maximum deviation of measure output at constant temperature (25°C) from "Best Straight Line"
determined by three points, offset, full scale pressure and half full scale pressure.
Maximum difference in output at any pressure with the operating pressure range and temperature within 0°C to +70°C after:
a) 100 temperature cycles, 0°C to +70°C
b)
1.0 million pressure cycles, 0 psi to full scale span
Slope of the best straight line from 0°C and 70°C. For operation outside this temperature, contact Sensortechnics for more
specific applications information.
Response time for a 0 to full-scale span pressure step change.
Long term stability over a one year period .
This parameter is not 100 % tested. It is guaranteed by process design and tested on a sample basis only.
If the proof pressure is exceeded, even momentarily, the package may leak or burst, or the pressure sensing die may fracture.
Note: The proof pressure for the forward gage of all devices in the D4-package is the specified value or 100 psi, whatever is less.
The zero pressure offset is 0 mV Min, 20 mV Typ and 35 mV Max for part nos. RXU...G2 and RXU...D4.


Similar Part No. - RXUP001D

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RXUH004D SENSORTECHNICS-RXUH004D Datasheet
186Kb / 4P
   Basic low pressure sensors
RXUM010 SENSORTECHNICS-RXUM010 Datasheet
186Kb / 4P
   Basic low pressure sensors
More results

Similar Description - RXUP001D

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RQUM050D SENSORTECHNICS-RQUM050D Datasheet
157Kb / 4P
   Basic pressure sensors
RZUP015A SENSORTECHNICS-RZUP015A Datasheet
261Kb / 5P
   Basic pressure sensors
HDUM100 SENSORTECHNICS-HDUM100 Datasheet
582Kb / 4P
   Basic pressure sensors
RPUM035G6A SENSORTECHNICS-RPUM035G6A Datasheet
219Kb / 5P
   Basic pressure sensors
HMUM100 SENSORTECHNICS-HMUM100 Datasheet
357Kb / 14P
   Basic pressure sensors
logo
All Sensors Corporation
DS-0105 ASC-DS-0105 Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
5INCH-D2-BASIC ASC-5INCH-D2-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
logo
Sensortechnics GmbH
RXUH004D SENSORTECHNICS-RXUH004D Datasheet
186Kb / 4P
   Basic low pressure sensors
logo
All Sensors Corporation
1INCH-G-BASIC ASC-1INCH-G-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
1INCH-D1-BASIC ASC-1INCH-D1-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com