Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RXUP150A Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # RXUP150A
Description  Basic pressure sensors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RXUP150A Datasheet(HTML) 1 Page - Sensortechnics GmbH

  RXUP150A Datasheet HTML 1Page - Sensortechnics GmbH RXUP150A Datasheet HTML 2Page - Sensortechnics GmbH RXUP150A Datasheet HTML 3Page - Sensortechnics GmbH RXUP150A Datasheet HTML 4Page - Sensortechnics GmbH RXUP150A Datasheet HTML 5Page - Sensortechnics GmbH RXUP150A Datasheet HTML 6Page - Sensortechnics GmbH RXUP150A Datasheet HTML 7Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RXU Series
Basic pressure sensors
1/7
E / 11707 / A
www.sensortechnics.com
FEATURES
· 0...25 mbar to 0...10 bar,
0...10 inch H
2O to 0...150 psi,
differential, gage or absolute pressure
· High impedance bridge
· Low power consumption for battery
operation
· Sensortechnics PRO services
MEDIA COMPATIBILITY
To be used with non-corrosive, non-ionic working
fluids such as clean dry air, dry gases and the like.
EQUIVALENT CIRCUIT
SPECIFICATIONS
Maximum ratings
Supply voltage, V
S
12 V
DC
Temperature ranges
Operating
-40 to +85°C
Storage
-55 to +125°C
Humidity limits (non-condensing)
0 to 100 %RH
Lead temperature (soldering 4 sec.)
250°C
Common-mode pressure
RXUM025D4/RXUH010D4
50 psi
all others
150 psi
DIP Package
Button or
"N" package
+Vs
-
Output
+
Output
+Vs
+
-


Similar Part No. - RXUP150A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RXUH004D SENSORTECHNICS-RXUH004D Datasheet
186Kb / 4P
   Basic low pressure sensors
RXUM010 SENSORTECHNICS-RXUM010 Datasheet
186Kb / 4P
   Basic low pressure sensors
More results

Similar Description - RXUP150A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RQUM050D SENSORTECHNICS-RQUM050D Datasheet
157Kb / 4P
   Basic pressure sensors
RZUP015A SENSORTECHNICS-RZUP015A Datasheet
261Kb / 5P
   Basic pressure sensors
HDUM100 SENSORTECHNICS-HDUM100 Datasheet
582Kb / 4P
   Basic pressure sensors
RPUM035G6A SENSORTECHNICS-RPUM035G6A Datasheet
219Kb / 5P
   Basic pressure sensors
HMUM100 SENSORTECHNICS-HMUM100 Datasheet
357Kb / 14P
   Basic pressure sensors
logo
All Sensors Corporation
DS-0105 ASC-DS-0105 Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
5INCH-D2-BASIC ASC-5INCH-D2-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
logo
Sensortechnics GmbH
RXUH004D SENSORTECHNICS-RXUH004D Datasheet
186Kb / 4P
   Basic low pressure sensors
logo
All Sensors Corporation
1INCH-G-BASIC ASC-1INCH-G-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
1INCH-D1-BASIC ASC-1INCH-D1-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com