Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RVAQ050GB2 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # RVAQ050GB2
Description  Fully signal conditioned pressure transducers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RVAQ050GB2 Datasheet(HTML) 1 Page - Sensortechnics GmbH

  RVAQ050GB2 Datasheet HTML 1Page - Sensortechnics GmbH RVAQ050GB2 Datasheet HTML 2Page - Sensortechnics GmbH RVAQ050GB2 Datasheet HTML 3Page - Sensortechnics GmbH RVAQ050GB2 Datasheet HTML 4Page - Sensortechnics GmbH RVAQ050GB2 Datasheet HTML 5Page - Sensortechnics GmbH RVAQ050GB2 Datasheet HTML 6Page - Sensortechnics GmbH RVAQ050GB2 Datasheet HTML 7Page - Sensortechnics GmbH RVAQ050GB2 Datasheet HTML 8Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RVA Series
Fully signal conditioned pressure transducers
1/8
E / 11701 / A
www.sensortechnics.com
FEATURES
· Pressure ranges from 0 ... ± 50 mmHg
to 0 ... 500 psi gage
· High accuracy
· TTL power supply
· Ratiometric 0.5 to 4.5 V output
· Dual-Inline pinning for easy
PCB-mounting
· Excellent media compatibility
· Sensortechnics PRO services
ELECTRICAL CONNECTION
MEDIA COMPATIBILITY
P1: dry gases only
P2: all media compatible with glass, silicon, stain-
less steel, Invar, Sn/Ni plating or Sn/Ag solder
NOTES:
1. Square corner
marks pin 1 (Vs)
2. Output is short
circuit protected
SPECIFICATIONS
Maximum ratings
Supply voltage (V
S)
4.75 ... 5.25 V
Output current
Source
0.5 mA
Sink
1.0 mA
Output load capacitance
10 nF
Temperature limits
Operating
-45 to +125°C
Storage
-55 to +125°C
Compensated
-45 to +125°C
Humidity (non-condensing)
0 - 95 %RH


Similar Part No. - RVAQ050GB2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RVA-2000V3 MINI-RVA-2000V3 Datasheet
470Kb / 2P
   Voltage Variable Attenuator
RVA-2000V35 MINI-RVA-2000V35 Datasheet
533Kb / 3P
   Voltage Variable Attenuator
RVA-2500 MINI-RVA-2500 Datasheet
83Kb / 1P
   Voltage Variable Attenuator
RVA-2500-75 MINI-RVA-2500-75 Datasheet
522Kb / 3P
   Voltage Variable Attenuator
RVA-3000 MINI-RVA-3000 Datasheet
210Kb / 2P
   Voltage Variable Attenuator 50廓 20 to 3000 MHz
More results

Similar Description - RVAQ050GB2

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
ASDX015A24R SENSORTECHNICS-ASDX015A24R Datasheet
66Kb / 6P
   Signal conditioned pressure transducers
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB Datasheet
145Kb / 5P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB_16 Datasheet
109Kb / 3P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB_16 Datasheet
139Kb / 4P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB Datasheet
116Kb / 4P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB Datasheet
126Kb / 4P
   Signal conditioned precision pressure transducers
112LP02D-PCB SENSORTECHNICS-112LP02D-PCB Datasheet
135Kb / 6P
   Signal conditioned precision pressure transducers
144S-BARO SENSORTECHNICS-144S-BARO Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB_16 Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
141SC01G-PCB SENSORTECHNICS-141SC01G-PCB Datasheet
97Kb / 6P
   Signal conditioned precision pressure transducers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com