Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPOP001D6A Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # RPOP001D6A
Description  Compensated and calibrated pressure sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RPOP001D6A Datasheet(HTML) 4 Page - Sensortechnics GmbH

  RPOP001D6A Datasheet HTML 1Page - Sensortechnics GmbH RPOP001D6A Datasheet HTML 2Page - Sensortechnics GmbH RPOP001D6A Datasheet HTML 3Page - Sensortechnics GmbH RPOP001D6A Datasheet HTML 4Page - Sensortechnics GmbH RPOP001D6A Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RPO Series
Compensated and calibrated pressure sensors
E / 11703 / A
www.sensortechnics.com
OUTLINE DRAWINGS10
RPO...D6A (single inline pinning, 1 x 4), differential pressure devices
mass: 2 g
dimensions in mm
12,7
3 x 2,54
2,29
4 x 1,02
Ø 6,4
Ø 5,1
Ø 1,93
Ø 1,27
PIN 1
12,7
P2
4 3 2 1
P1
Specification notes:
1.
The maximum specified pressure which may be applied to the sensor without causing a permanent change in the output
characteristics.
2.
Span is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure. Span is
ratiometric to the supply voltage.
3.
Non-linearity refers to the Best Straight Line fit, measured for offset pressure, full scale pressure and 1/2 full scale pressure.
4.
Error band of the offset voltage, span or bridge impedance in the specified temperature range, relative to the 25°C reading.
5.
Repeatability, the deviation in output readings for successive application of any given input pressure (all other conditions
remaining constant). Hysteresis, the error defined by the deviation in output signal obtained when a specific pressure point is
approached first with increasing pressure, then with decreasing pressure or vice versa (all other conditions remaining constant).
6.
Response time for 0 to full-scale pressure step change, readings taken at 10 % and 90 % of full-scale pressure.
7.
Long term stability of offset and span over a period over one year.
8.
The sensors might be used on both ports for media compatible with the components specified under "Media Compatibility".
9.
Other sealing materials are available on request. Minimum order quantities might be required.
10. Other pressure port styles, like barbed ones, luers, modular, M5, needle style or flow through connection, are
available on request. Minimum order quantities might be required.
third angle projection


Similar Part No. - RPOP001D6A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RPOP001G2C SENSORTECHNICS-RPOP001G2C Datasheet
181Kb / 16P
   Pressure sensors with special fittings
More results

Similar Description - RPOP001D6A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
26PC0050D2 SENSORTECHNICS-26PC0050D2 Datasheet
55Kb / 4P
   Temp. compensated and calibrated pressure sensors
26PC0070D2 SENSORTECHNICS-26PC0070D2 Datasheet
60Kb / 4P
   Temp. compensated and calibrated pressure sensors
26PC0050DSMT SENSORTECHNICS-26PC0050DSMT Datasheet
181Kb / 4P
   Temp. compensated and calibrated pressure sensors
RQOM050D SENSORTECHNICS-RQOM050D Datasheet
157Kb / 4P
   Temp. compensated and calibrated pressure sensors
logo
Silicon Microstructures...
SM5651 SMI-SM5651 Datasheet
2Mb / 5P
   Compensated and Calibrated low Pressure Sensor
logo
List of Unclassifed Man...
SM5651-001 ETC2-SM5651-001 Datasheet
1Mb / 5P
   COMPENSATED AND CALIBRATED LOW PRESSURE SENSOR
logo
Silicon Microstructures...
SM5652 SMI-SM5652 Datasheet
1Mb / 5P
   Compensated and Calibrated Low Pressure Sensor
logo
WOLFSPEED, INC.
AMS5612 WOLFSPEED-AMS5612 Datasheet
283Kb / 6P
   Calibrated and temperature compensated pressure sensor
March 2015 Rev. 1.4
logo
Freescale Semiconductor...
MPX2053 FREESCALE-MPX2053_08 Datasheet
388Kb / 19P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2100 FREESCALE-MPX2100_08 Datasheet
142Kb / 10P
   100 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com