Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPOB010G2A Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # RPOB010G2A
Description  Compensated and calibrated pressure sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RPOB010G2A Datasheet(HTML) 5 Page - Sensortechnics GmbH

  RPOB010G2A Datasheet HTML 1Page - Sensortechnics GmbH RPOB010G2A Datasheet HTML 2Page - Sensortechnics GmbH RPOB010G2A Datasheet HTML 3Page - Sensortechnics GmbH RPOB010G2A Datasheet HTML 4Page - Sensortechnics GmbH RPOB010G2A Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RPO Series
Compensated and calibrated pressure sensors
E / 11703 / A
www.sensortechnics.com
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
Sensortechnics PRO services:
· Extended guarantee period of 2 years
· Improved performance characteristics
· Custom product modifications and adaptations even for small quantities
· Advanced logistics models for supply inventory and short delivery times
· Technical support through application engineers on the phone or at your site
· Fastest possible technical response for design and QA engineers
... plus other services on request
ORDERING INFORMATION - AVAILABLE LISTINGS
Note:
Preferred listings are highlighted in grey
e
g
n
a
r
e
r
u
s
s
e
r
P
e
r
u
s
s
e
r
p
e
g
a
Ge
r
u
s
s
e
r
p
l
a
i
t
n
e
r
e
f
f
i
D
g
n
i
n
n
i
p
e
n
i
l
n
i
e
l
g
n
i
Sg
n
i
n
n
i
p
e
n
i
l
n
i
l
a
u
Dg
n
i
n
n
i
p
e
n
i
l
n
i
e
l
g
n
i
S
r
a
b
m
0
5
A
6
G
0
5
0
M
O
P
RA
2
G
0
5
0
M
O
P
R
A
6
D
0
5
0
M
O
P
R
r
a
b
m
0
0
1
A
6
G
0
0
1
M
O
P
RA
2
G
0
0
1
M
O
P
R
A
6
D
0
0
1
M
O
P
R
r
a
b
m
0
5
2A
6
G
0
5
2
M
O
P
RA
2
G
0
5
2
M
O
P
R
A
6
D
0
5
2
M
O
P
R
r
a
b
1
A
6
G
1
0
0
B
O
P
RA
2
G
1
0
0
B
O
P
R
A
6
D
1
0
0
B
O
P
R
r
a
b
2
A
6
G
2
0
0
B
O
P
RA
2
G
2
0
0
B
O
P
RA
6
D
2
0
0
B
O
P
R
r
a
b
5
A
6
G
5
0
0
B
O
P
R
A
2
G
5
0
0
B
O
P
R
A
6
D
5
0
0
B
O
P
R
r
a
b
0
1
A
6
G
0
1
0
B
O
P
R
A
2
G
0
1
0
B
O
P
RA
6
D
0
1
0
B
O
P
R
r
a
b
6
1
A
6
G
6
1
0
B
O
P
R
A
2
G
6
1
0
B
O
P
RA
6
D
6
1
0
B
O
P
R
i
s
p
1
A
6
G
1
0
0
P
O
P
RA
2
G
1
0
0
P
O
P
R
A
6
D
1
0
0
P
O
P
R
i
s
p
5A
6
G
5
0
0
P
O
P
RA
2
G
5
0
0
P
O
P
R
A
6
D
5
0
0
P
O
P
R
i
s
p
5
1
A
6
G
5
1
0
P
O
P
RA
2
G
5
1
0
P
O
P
R
A
6
D
5
1
0
P
O
P
R
i
s
p
0
3
A
6
G
0
3
0
P
O
P
RA
2
G
0
3
0
P
O
P
RA
6
D
0
3
0
P
O
P
R
i
s
p
0
6
---
i
s
p
0
0
1
A
6
G
0
0
1
P
O
P
R
A
2
G
0
0
1
P
O
P
R
A
6
D
0
0
1
P
O
P
R
i
s
p
0
5
2
A
6
G
0
5
2
P
O
P
R
A
2
G
0
5
2
P
O
P
RA
6
D
0
5
2
P
O
P
R


Similar Part No. - RPOB010G2A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RPOB001G2B SENSORTECHNICS-RPOB001G2B Datasheet
181Kb / 16P
   Pressure sensors with special fittings
RPOB001G6B SENSORTECHNICS-RPOB001G6B Datasheet
181Kb / 16P
   Pressure sensors with special fittings
RPOB002G2B SENSORTECHNICS-RPOB002G2B Datasheet
181Kb / 16P
   Pressure sensors with special fittings
RPOB002G6B SENSORTECHNICS-RPOB002G6B Datasheet
181Kb / 16P
   Pressure sensors with special fittings
More results

Similar Description - RPOB010G2A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
26PC0050D2 SENSORTECHNICS-26PC0050D2 Datasheet
55Kb / 4P
   Temp. compensated and calibrated pressure sensors
26PC0070D2 SENSORTECHNICS-26PC0070D2 Datasheet
60Kb / 4P
   Temp. compensated and calibrated pressure sensors
26PC0050DSMT SENSORTECHNICS-26PC0050DSMT Datasheet
181Kb / 4P
   Temp. compensated and calibrated pressure sensors
RQOM050D SENSORTECHNICS-RQOM050D Datasheet
157Kb / 4P
   Temp. compensated and calibrated pressure sensors
logo
Silicon Microstructures...
SM5651 SMI-SM5651 Datasheet
2Mb / 5P
   Compensated and Calibrated low Pressure Sensor
logo
List of Unclassifed Man...
SM5651-001 ETC2-SM5651-001 Datasheet
1Mb / 5P
   COMPENSATED AND CALIBRATED LOW PRESSURE SENSOR
logo
Silicon Microstructures...
SM5652 SMI-SM5652 Datasheet
1Mb / 5P
   Compensated and Calibrated Low Pressure Sensor
logo
WOLFSPEED, INC.
AMS5612 WOLFSPEED-AMS5612 Datasheet
283Kb / 6P
   Calibrated and temperature compensated pressure sensor
March 2015 Rev. 1.4
logo
Freescale Semiconductor...
MPX2053 FREESCALE-MPX2053_08 Datasheet
388Kb / 19P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2100 FREESCALE-MPX2100_08 Datasheet
142Kb / 10P
   100 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com