Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCOB001DP Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # RCOB001DP
Description  Precision compensated pressure sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RCOB001DP Datasheet(HTML) 5 Page - Sensortechnics GmbH

  RCOB001DP Datasheet HTML 1Page - Sensortechnics GmbH RCOB001DP Datasheet HTML 2Page - Sensortechnics GmbH RCOB001DP Datasheet HTML 3Page - Sensortechnics GmbH RCOB001DP Datasheet HTML 4Page - Sensortechnics GmbH RCOB001DP Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RCO Series
Precision compensated pressure sensors
5/5
E / 11712 / A
www.sensortechnics.com
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
e
g
n
a
r
e
r
u
s
s
e
r
P
e
d
o
m
e
r
u
s
s
e
r
P
e
t
u
l
o
s
b
Ae
g
a
G
/
l
a
i
t
n
e
r
e
f
f
i
D
r
a
b
m
0
5
)
H
,
P
(
D
0
5
0
M
O
C
R
r
a
b
m
0
0
1
)
H
,
P
(
D
0
0
1
M
O
C
R
r
a
b
m
0
5
2
)
H
,
P
(
D
0
5
2
M
O
C
R
r
a
b
1
)
H
,
P
(
A
1
0
0
B
O
C
R
P
D
1
0
0
B
O
C
R
r
a
b
2
)
H
,
P
(
A
2
0
0
B
O
C
R
)
H
,
P
(
D
2
0
0
B
O
C
R
r
a
b
5
)
H
,
P
(
A
5
0
0
B
O
C
R
)
H
,
P
(
D
5
0
0
B
O
C
R
r
a
b
0
1-
)
H
,
P
(
D
0
1
0
B
O
C
R
i
s
p
1
)
H
,
P
(
D
1
0
0
P
O
C
R
i
s
p
5
)
H
,
P
(
D
5
0
0
P
O
C
R
i
s
p
5
1
)
H
,
P
(
A
5
1
0
P
O
C
R
P
D
5
1
0
P
O
C
R
i
s
p
0
3
)
H
,
P
(
A
0
3
0
P
O
C
R
)
H
,
P
(
D
0
3
0
P
O
C
R
i
s
p
0
0
1
)
H
,
P
(
A
0
0
1
P
O
C
R
)
H
,
P
(
D
0
0
1
P
O
C
R
i
s
p
0
5
1
P
2
A
0
5
1
P
O
C
R
)
H
,
P
(
D
0
5
1
P
O
C
R
ORDERING INFORMATION - AVAILABLE LISTINGS
Sensortechnics PRO services:
· Extended guarantee period of 2 years
· Improved performance characteristics
· Custom product modifications and adaptations even for small quantities
· Advanced logistics models for supply inventory and short delivery times
· Technical support through application engineers on the phone or at your site
· Fastest possible technical response for design and QA engineers
... plus other services on request
Note:
· Preferred listings are highlighted in grey
· RCO...P = Prime Grade, RCO...H = High Grade


Similar Part No. - RCOB001DP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RCOB RECOM-RCOB Datasheet
479Kb / 5P
   Low Cost 230VAC LED Power Supply
RCOB-1050 RECOM-RCOB-1050 Datasheet
479Kb / 5P
   Low Cost 230VAC LED Power Supply
RCOB-1050A RECOM-RCOB-1050A Datasheet
495Kb / 5P
   Dimmable Active PFC Single Output
RCOB-350 RECOM-RCOB-350 Datasheet
479Kb / 5P
   Low Cost 230VAC LED Power Supply
RCOB-350A RECOM-RCOB-350A Datasheet
495Kb / 5P
   Dimmable Active PFC Single Output
More results

Similar Description - RCOB001DP

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PCOH004DP SENSORTECHNICS-PCOH004DP Datasheet
60Kb / 3P
   Precision compensated pressure sensors
PMOH004 SENSORTECHNICS-PMOH004 Datasheet
60Kb / 3P
   Precision compensated pressure sensors
HDOM010AE8H SENSORTECHNICS-HDOM010AE8H Datasheet
77Kb / 5P
   Precision compensated pressure sensors
RDOB001A2 SENSORTECHNICS-RDOB001A2 Datasheet
140Kb / 5P
   Precision compensated pressure sensors
HROM025 SENSORTECHNICS-HROM025 Datasheet
107Kb / 5P
   Precision compensated pressure sensors
RMOB001AND SENSORTECHNICS-RMOB001AND Datasheet
136Kb / 10P
   Precision compensated pressure sensors
logo
List of Unclassifed Man...
SCX01DN ETC1-SCX01DN Datasheet
209Kb / 10P
   Precision Compensated Pressure Sensors
logo
Sensortechnics GmbH
HDOM010P SENSORTECHNICS-HDOM010P Datasheet
75Kb / 5P
   Precision compensated pressure sensors
SCX01DN SENSORTECHNICS-SCX01DN Datasheet
366Kb / 10P
   Precision compensated pressure sensors
HDOM010-P SENSORTECHNICS-HDOM010-P Datasheet
75Kb / 5P
   Precision compensated pressure sensors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com