Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDOM010GY8P Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # HDOM010GY8P
Description  Precision compensated pressure sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HDOM010GY8P Datasheet(HTML) 4 Page - Sensortechnics GmbH

  HDOM010GY8P Datasheet HTML 1Page - Sensortechnics GmbH HDOM010GY8P Datasheet HTML 2Page - Sensortechnics GmbH HDOM010GY8P Datasheet HTML 3Page - Sensortechnics GmbH HDOM010GY8P Datasheet HTML 4Page - Sensortechnics GmbH HDOM010GY8P Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HDO Series
Precision compensated pressure sensors
4/5
E / 11648 / A
www.sensortechnics.com
HDO...Y...
(SMD, 1 port axial)
PHYSICAL DIMENSIONS AND ELECTRICAL CONNECTIONS
HDO...E... (SMD, 2 ports same side)
dimensions in mm
third angle projection
dimensions in mm
third angle projection
Note:
The polarity indicated is
for pressure applied to
high pressure port
(forward gage).
Note:
Pressure port is in forward
gage configuration
n
i
Pn
o
i
t
c
e
n
n
o
C
1t
u
o
V
+
2D
N
G
3t
u
o
V
-
4C
/
N
5s
V
+
6C
/
N
n
i
Pn
o
i
t
c
e
n
n
o
C
1t
u
o
V
+
2D
N
G
3t
u
o
V
-
4C
/
N
5s
V
+
6C
/
N
Different housing options are available on request. Please contact Sensortechnics.
15.0
4.1
7.5
3.2
7.0
9.1
Ø 2.3
9.9
4
5
6
3
2
1
Pin marking
High pressure port
11.9
10.4
4 5 6
4.0
0.7
15.79
3 2 1
Pin
marking
2.54
0.46


Similar Part No. - HDOM010GY8P

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HDOM010-P SENSORTECHNICS-HDOM010-P Datasheet
75Kb / 5P
   Precision compensated pressure sensors
HDOM010H SENSORTECHNICS-HDOM010H Datasheet
75Kb / 5P
   Precision compensated pressure sensors
HDOM010P SENSORTECHNICS-HDOM010P Datasheet
75Kb / 5P
   Precision compensated pressure sensors
HDOM010P SENSORTECHNICS-HDOM010P Datasheet
75Kb / 5P
   Precision compensated pressure sensors
More results

Similar Description - HDOM010GY8P

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PCOH004DP SENSORTECHNICS-PCOH004DP Datasheet
60Kb / 3P
   Precision compensated pressure sensors
PMOH004 SENSORTECHNICS-PMOH004 Datasheet
60Kb / 3P
   Precision compensated pressure sensors
RDOB001A2 SENSORTECHNICS-RDOB001A2 Datasheet
140Kb / 5P
   Precision compensated pressure sensors
HROM025 SENSORTECHNICS-HROM025 Datasheet
107Kb / 5P
   Precision compensated pressure sensors
RMOB001AND SENSORTECHNICS-RMOB001AND Datasheet
136Kb / 10P
   Precision compensated pressure sensors
logo
List of Unclassifed Man...
SCX01DN ETC1-SCX01DN Datasheet
209Kb / 10P
   Precision Compensated Pressure Sensors
logo
Sensortechnics GmbH
HDOM010P SENSORTECHNICS-HDOM010P Datasheet
75Kb / 5P
   Precision compensated pressure sensors
RCOB001A SENSORTECHNICS-RCOB001A Datasheet
102Kb / 5P
   Precision compensated pressure sensors
SCX01DN SENSORTECHNICS-SCX01DN Datasheet
366Kb / 10P
   Precision compensated pressure sensors
HDOM010-P SENSORTECHNICS-HDOM010-P Datasheet
75Kb / 5P
   Precision compensated pressure sensors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com