Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTEM9N01AG4 Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # CTEM9N01AG4
Description  OEM pressure transmitters for industrial media
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

CTEM9N01AG4 Datasheet(HTML) 4 Page - Sensortechnics GmbH

  CTEM9N01AG4 Datasheet HTML 1Page - Sensortechnics GmbH CTEM9N01AG4 Datasheet HTML 2Page - Sensortechnics GmbH CTEM9N01AG4 Datasheet HTML 3Page - Sensortechnics GmbH CTEM9N01AG4 Datasheet HTML 4Page - Sensortechnics GmbH CTEM9N01AG4 Datasheet HTML 5Page - Sensortechnics GmbH CTEM9N01AG4 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CTE9000 / CTU9000 Series
OEM pressure transmitters for industrial media
4/6
December 2008 / 509
www.sensortechnics.com
OUTLINE DRAWING
Pin
1
2
3
4
Output
0...10 V
0.5...4.5 V
0...5 V, 1...6 V
+V
S
Vout
case
-Vs
4...20 mA
+V
S
NC
case
-Vs
mass: 82 g
dimensions in mm (inches)
Specification notes:
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
11.
12.
IP 64 protection is given when the connector is locked. For proper function the gage port is vented to the atmosphere through
the connector/cable assembly. Thus the cable end must have access to the ambient pressure.
The minimum supply voltage is directly proportional to the load resistance seen by the transmitter. For more details see the
load limitation diagram.
Proof pressure is the maximum pressure which may be applied without causing damage to the sensing element.
Thermal effects tested and guaranteed from 0 to 70°C relative to 25°C. All specifications shown are relative to 25°C.
Non-linearity refers to the Best Straight Line fit measured for offset, full scale span and 1/2 full scale span.
Long term stability is the change in output after one year or 1 million pressure cycles.
Span is the arithmetic difference in transmitter output signal measured at zero pressure and the maximum operating pressure.
Tests are in accordance with EN61000-6-2, April 1999.
When using devices with optional nickel plated fittings, consider the media compatibility of the fittings also.
Available for pressure ranges from 1 bar (15 psi) absolute upwards only.
CE-labelling is in accordance with 89/336/EEC.
The pressure transmitters must not be used as safety accessories according to article 1, 2.1.3 of the directive 97/23/EC.
NOM 85.0 (3.35)
65.0 (2.56)
3
1
2
4
vent hole¹
6.5
(0.26)
Detail A
Detail A
o-ring grove for
o-ring 11.8 x 1.8
(0.456 x 0.071)
(ZA004029)


Similar Part No. - CTEM9N01AG4

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTEM9001G4CXS SENSORTECHNICS-CTEM9001G4CXS Datasheet
75Kb / 4P
   OEM stainless steel submersible pressure transducers
CTEM9003G4CXS SENSORTECHNICS-CTEM9003G4CXS Datasheet
75Kb / 4P
   OEM stainless steel submersible pressure transducers
CTEM9005G4CXS SENSORTECHNICS-CTEM9005G4CXS Datasheet
75Kb / 4P
   OEM stainless steel submersible pressure transducers
CTEM9010G4CXS SENSORTECHNICS-CTEM9010G4CXS Datasheet
75Kb / 4P
   OEM stainless steel submersible pressure transducers
CTEM9015G4CXS SENSORTECHNICS-CTEM9015G4CXS Datasheet
75Kb / 4P
   OEM stainless steel submersible pressure transducers
More results

Similar Description - CTEM9N01AG4

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTE8001GD0 SENSORTECHNICS-CTE8001GD0 Datasheet
244Kb / 6P
   OEM pressure transmitters for industrial media
KTE3001GQ0 SENSORTECHNICS-KTE3001GQ0 Datasheet
92Kb / 6P
   OEM pressure transmitters for industrial media
KTE6001GL0 SENSORTECHNICS-KTE6001GL0 Datasheet
122Kb / 6P
   OEM pressure transmitters for industrial media
logo
EPCOS
MINICELL EPCOS-MINICELL Datasheet
65Kb / 7P
   Pressure sensors Media-separated pressure transmitters (voltage output)
logo
KELLER Druckmesstechnik...
4LC KELLER-4LC Datasheet
498Kb / 2P
   Piezoresistive OEM Pressure Transmitters -40…150 °C, with embedded signal conditioning
11/2015
logo
Sensortechnics GmbH
OXYPROOF-M SENSORTECHNICS-OXYPROOF-M Datasheet
64Kb / 5P
   Pressure transmitters for oxygen applications
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
   Pressure transmitters
logo
EPCOS
ASRSERIES EPCOS-ASRSERIES Datasheet
398Kb / 16P
   Gauge pressure transmitters for SMT
logo
Sensortechnics GmbH
OXYPROOF-K SENSORTECHNICS-OXYPROOF-K Datasheet
76Kb / 5P
   Pressure transmitters for oxygen applications
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
   Barometric pressure transmitters for SMT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com