Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTEM9350AG4 Datasheet(PDF) 6 Page - Sensortechnics GmbH

Part # CTEM9350AG4
Description  OEM pressure transmitters for industrial media
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

CTEM9350AG4 Datasheet(HTML) 6 Page - Sensortechnics GmbH

  CTEM9350AG4 Datasheet HTML 1Page - Sensortechnics GmbH CTEM9350AG4 Datasheet HTML 2Page - Sensortechnics GmbH CTEM9350AG4 Datasheet HTML 3Page - Sensortechnics GmbH CTEM9350AG4 Datasheet HTML 4Page - Sensortechnics GmbH CTEM9350AG4 Datasheet HTML 5Page - Sensortechnics GmbH CTEM9350AG4 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CTE9000 / CTU9000 Series
OEM pressure transmitters for industrial media
6/6
December 2008 / 509
www.sensortechnics.com
E:
bar calibration
U:
psi calibration
mbar-ranges
(only)
CTE9000 series
350: 0 to 350 mbar (gage only)
001:
0 to 1 bar
N01:
-1 to +1 bar (gage only)
P01:
-1 to 0 bar (gage only)
002:
0 to 2 bar
003:
0 to 3 bar
005:
0 to 5 bar
010:
0 to 10 bar
016:
0 to 16 bar
020:
0 to 20 bar
035:
0 to 35 bar
Pressure mode
G:
gage pressure1
A:
absolute pressure
(available for pressure ranges from 1 bar /15 psi absolute upwards only)
ORDERING INFORMATION
CTx
M
9xxx
x
x
x
Output signal
0:
0...10 V
1:
1...6 V
4:
4...20 mA
6:
0.5...4.5 V
7:
0...5 V
Fitting size9
D:
1/8" BSPT male, brass, nickel plated
E:
1/4" BSPT male, brass, nickel plated
F:
3/8" BSPT male, brass, nickel plated
G:
1/2" BSPT male, brass, nickel plated
K:
1/8" NPT male, brass
L:
1/4" NPT male, brass
M: 1/8" NPT male, SS 1.4305 (303)
N:
1/4" NPT male, SS 1.4305 (303)
P:
G 1/8" (BSP) male, brass, nickel plated
Q:
G 1/4" (BSP) male, brass, nickel plated
R:
G 3/8" (BSP) male, brass, nickel plated
S:
G 1/2" (BSP) male, brass, nickel plated
U:
G 1/8" (BSP) female, brass, nickel plated
V:
G 1/4" (BSP) female, brass, nickel plated
W: G 3/8" (BSP) female, brass, nickel plated
X:
G 1/2" (BSP) female, brass, nickel plated
Y:
G 1/8" (BSP) male, SS 1.4404 (316)
no optional fitting
CTU9000 series
005:
0 to 5 psi (gage only)
015:
0 to 15 psi
N15: -15 to +15 psi
(gage only)
P15:
-15 to 0 psi
(gage only)
030:
0 to 30 psi
050:
0 to 50 psi
100:
0 to 100 psi
300:
0 to 300 psi
500:
0 to 500 psi
ELECTROMAGNETIC CAPABILITY8
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
Note:
Other pressure ranges and options are widely available.
Please contact your nearest Sensortechnics sales representative.
s
n
o
i
t
i
d
n
o
c
t
s
e
Tn
o
i
r
e
t
i
r
C
e
c
n
e
r
e
f
r
e
t
n
I
y
c
n
e
u
q
e
r
f
o
i
d
a
r
,
d
e
t
a
i
d
a
R
)
I
F
R
(
y
t
i
n
u
m
m
i
d
l
e
i
f
c
i
t
e
n
g
a
m
o
r
t
c
e
l
e
:
3
-
4
-
0
0
0
1
6
N
Ez
H
M
0
0
0
1
o
t
0
8
,
m
/
V
0
1
,
3
e
d
a
r
G
)
z
H
k
1
(
C
M
A
%
0
8
AO
S
F
%
1
<
/
t
n
e
i
s
n
a
r
t
t
s
a
f
l
a
c
i
r
t
c
e
l
E
)
T
F
E
(
y
t
i
n
u
m
m
i
t
s
r
u
b
:
4
-
4
-
0
0
0
1
6
N
EV
k
2
±
,
3
e
d
a
r
G
BO
S
F
%
1
<
y
t
i
n
u
m
m
i
e
g
r
a
h
c
s
i
d
c
i
t
a
t
s
o
r
t
c
e
l
E
)
D
S
E
(
t
s
e
t
:
2
-
4
-
0
0
0
1
6
N
Ee
g
r
a
h
c
s
i
d
t
c
a
t
n
o
c
,
V
k
8
±
,
4
e
d
a
r
G
BO
S
F
%
1
<
s
e
c
n
a
b
r
u
t
s
i
d
d
e
t
c
u
d
n
o
c
o
t
y
t
i
n
u
m
m
I
s
d
l
e
i
f
y
c
n
e
u
q
e
r
f
-
o
i
d
a
r
y
b
d
e
c
u
d
n
i
:
6
-
4
-
0
0
0
1
6
N
Ez
H
M
0
8
o
t
5
1
.
0
,
3
e
d
a
r
G
)
z
H
k
1
(
C
M
A
%
0
8
,
V
0
1
AO
S
F
%
1
<


Similar Part No. - CTEM9350AG4

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTEM9001G4CXS SENSORTECHNICS-CTEM9001G4CXS Datasheet
75Kb / 4P
   OEM stainless steel submersible pressure transducers
CTEM9003G4CXS SENSORTECHNICS-CTEM9003G4CXS Datasheet
75Kb / 4P
   OEM stainless steel submersible pressure transducers
CTEM9005G4CXS SENSORTECHNICS-CTEM9005G4CXS Datasheet
75Kb / 4P
   OEM stainless steel submersible pressure transducers
CTEM9010G4CXS SENSORTECHNICS-CTEM9010G4CXS Datasheet
75Kb / 4P
   OEM stainless steel submersible pressure transducers
CTEM9015G4CXS SENSORTECHNICS-CTEM9015G4CXS Datasheet
75Kb / 4P
   OEM stainless steel submersible pressure transducers
More results

Similar Description - CTEM9350AG4

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTE8001GD0 SENSORTECHNICS-CTE8001GD0 Datasheet
244Kb / 6P
   OEM pressure transmitters for industrial media
KTE3001GQ0 SENSORTECHNICS-KTE3001GQ0 Datasheet
92Kb / 6P
   OEM pressure transmitters for industrial media
KTE6001GL0 SENSORTECHNICS-KTE6001GL0 Datasheet
122Kb / 6P
   OEM pressure transmitters for industrial media
logo
EPCOS
MINICELL EPCOS-MINICELL Datasheet
65Kb / 7P
   Pressure sensors Media-separated pressure transmitters (voltage output)
logo
KELLER Druckmesstechnik...
4LC KELLER-4LC Datasheet
498Kb / 2P
   Piezoresistive OEM Pressure Transmitters -40…150 °C, with embedded signal conditioning
11/2015
logo
Sensortechnics GmbH
OXYPROOF-M SENSORTECHNICS-OXYPROOF-M Datasheet
64Kb / 5P
   Pressure transmitters for oxygen applications
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
   Pressure transmitters
logo
EPCOS
ASRSERIES EPCOS-ASRSERIES Datasheet
398Kb / 16P
   Gauge pressure transmitters for SMT
logo
Sensortechnics GmbH
OXYPROOF-K SENSORTECHNICS-OXYPROOF-K Datasheet
76Kb / 5P
   Pressure transmitters for oxygen applications
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
   Barometric pressure transmitters for SMT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com