Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHCT1G04DBV Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AHCT1G04DBV
Description  SINGLE INVERTER GATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT1G04DBV Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHCT1G04DBV Datasheet HTML 1Page - Texas Instruments SN74AHCT1G04DBV Datasheet HTML 2Page - Texas Instruments SN74AHCT1G04DBV Datasheet HTML 3Page - Texas Instruments SN74AHCT1G04DBV Datasheet HTML 4Page - Texas Instruments SN74AHCT1G04DBV Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SN74AHCT1G04
SINGLE INVERTER GATE
SCLS319J – MARCH 1996 – REVISED JANUARY 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D EPIC™ (Enhanced-Performance Implanted
CMOS) Process
D Inputs Are TTL-Voltage Compatible
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D Package Options Include Plastic
Small-Outline Transistor (DBV, DCK)
Packages
description
The SN74AHCT1G04 contains one gate. The device performs the Boolean function Y = A.
The SN74AHCT1G04 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
INPUT
A
OUTPUT
Y
H
L
L
H
logic symbol
2
A
Y
4
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
logic diagram (positive logic)
AY
24
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC is a trademark of Texas Instruments Incorporated.
DBV OR DCK PACKAGE
(TOP VIEW)
1
2
3
5
4
NC
A
GND
VCC
Y
NC – No internal connection


Similar Part No. - SN74AHCT1G04DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G04DBVR TI1-SN74AHCT1G04DBVR Datasheet
1Mb / 34P
[Old version datasheet]   Contains all support circuitry needed for the ADS1148/ADS1248
SN74AHCT1G04DBVR TI1-SN74AHCT1G04DBVR Datasheet
908Kb / 19P
[Old version datasheet]   Single Inverter Gate
SN74AHCT1G04DBVR TI1-SN74AHCT1G04DBVR Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
SN74AHCT1G04DBVT TI1-SN74AHCT1G04DBVT Datasheet
908Kb / 19P
[Old version datasheet]   Single Inverter Gate
More results

Similar Description - SN74AHCT1G04DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
[Old version datasheet]   Single Inverter Gate
logo
Unisonic Technologies
U74LVC1G04 UTC-U74LVC1G04_15 Datasheet
170Kb / 5P
   SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04 DIODES-74LVC1G04 Datasheet
199Kb / 11P
   SINGLE INVERTER GATE
DS32198 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1GU04 TI-SN74AUC1GU04_10 Datasheet
445Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74AHC1G04 DIODES-74AHC1G04_11 Datasheet
180Kb / 8P
   SINGLE INVERTER GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com