Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBIP005DB Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # RBIP005DB
Description  Pressure sensors with analog and digital output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RBIP005DB Datasheet(HTML) 5 Page - Sensortechnics GmbH

  RBIP005DB Datasheet HTML 1Page - Sensortechnics GmbH RBIP005DB Datasheet HTML 2Page - Sensortechnics GmbH RBIP005DB Datasheet HTML 3Page - Sensortechnics GmbH RBIP005DB Datasheet HTML 4Page - Sensortechnics GmbH RBIP005DB Datasheet HTML 5Page - Sensortechnics GmbH RBIP005DB Datasheet HTML 6Page - Sensortechnics GmbH RBIP005DB Datasheet HTML 7Page - Sensortechnics GmbH RBIP005DB Datasheet HTML 8Page - Sensortechnics GmbH RBIP005DB Datasheet HTML 9Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
RBI Series
Pressure sensors with analog and digital output
5/9
E / 11718 / A
www.sensortechnics.com
INTRODUCTION
The RBI is capable to generate a digital output signal. It
runs a cyclic program, which will store a corrected 12-bit
sensor value about every 10 ms within the output registers
of the internal ASIC. In order to use the pressure transducer
for digital signal readout, the device should be connected
to a bidirectional I²C-bus.
According to the I²C-bus communication specification, the
bus is controlled by a master device, which generates the
clock signal, controls the bus access and generates START
and STOP conditions. The RBI is designed to work as a
slave, hence it will only respond to requests from a master
device.
The I²C-bus master-slave concept requires a unique
address for each device. The RBI has a hard coded slave
address (1111000xb), therefore it is not possible to access
more than one RBI on the same I²C-bus line.
DIGITAL I2C INTERFACE
The RBI complies with the following protocol (FIGURE I):
Bus not busy: During idle periods both data line (SDA) and
clock line (SCL) remain HIGH.
START condition (S): HIGH to LOW transition of SDA line
while clock (SCL) is HIGH is interpreted as START con-
dition. START conditions are always generated by the
master. Each request for the current pressure value must
be initiated with a START.
STOP condition (P): LOW to HIGH transition of SDA line while
clock (SCL) is HIGH determines STOP condition. STOP
conditions are always generated by the master. More than
one request for the current pressure value can be trans-
mitted without generation of intermediate STOP condition.
DATA valid (D): State of data line represents valid data when,
after START condition, data line is stable for duration of
HIGH period of clock signal. Data on line must be
changed during LOW period of clock signal. There is
one clock pulse per bit of data.
Acknowledge (A): Data is transferred in pieces of 8 bits
(1 byte) on serial bus, MSB first. After each byte receiving
device – whether master or slave – is obliged to pull
data line LOW as acknowledge for reception of data.
Master must generate an extra clock pulse for this pur-
pose. When acknowledge is missed, slave transmitter
becomes inactive. It is on master either to send last com-
mand again or to generate STOP condition in that case.
Slave address: Each device connected to the bus has a
unique slave address. After generating a START con-
dition, the master has to transmit the slave address for
the RBI with a READ command: $F1. The RBI must not
be accessed with a WRITE command ($F0) as the
correct function of the device can not be guaranteed in
this case (note: a power-down power-up change will
force the sensor to use factory data again).
DATA operation: The RBI starts to send 2 data bytes containing
the current pressure value placed in the output registers.
FIGURE I: I²C-BUS Protocol
SDA
SCL
START
condition
Data
valid
Data allowed
to change
STOP
condition
R/W
S
Data Byte 1
A
Data Byte 2
Slave Address
A
1
S
P
Slave Address
generated by master
generated by slave
S = START condition
A = Acknowledge
P = STOP condition
Data Byte 1 = High Byte (MSB first)
Data Byte 2 = Low Byte (LSB last)
Read out of pressure value
Next command


Similar Description - RBIP005DB

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0009 ASC-DS-0009 Datasheet
140Kb / 5P
   DIGITAL OUTPUT PRESSURE SENSORS
logo
Honeywell Solid State E...
50042440 HONEYWELL-50042440 Datasheet
553Kb / 2P
   ASDX Series Silicon Pressure Sensors with Analog Output
July 2010
logo
Sensortechnics GmbH
RCE0611AB SENSORTECHNICS-RCE0611AB Datasheet
102Kb / 7P
   Digital pressure sensors
logo
TE Connectivity Ltd
MSP300 TEC-MSP300 Datasheet
383Kb / 7P
   Analog Output or 14-Bit Digital Pressure with 11-Bit Temperature Output
logo
Analog Microelectronics...
AMS5812 ANALOGMICRO-AMS5812 Datasheet
1Mb / 15P
   Board Mount Pressure Sensor with Analog and I2C Output
Rev. 3.0
logo
WOLFSPEED, INC.
AMS5812 WOLFSPEED-AMS5812 Datasheet
1Mb / 15P
   Board Mount Pressure Sensor with Analog and I2C Output
AMS 5812 Rev. 3.0
logo
Honeywell Solid State E...
SSCSNBN001BDAA3 HONEYWELL-SSCSNBN001BDAA3 Datasheet
606Kb / 8P
   TruStability짰 HSC Series and SSC Series Board Mount Pressure Sensors, Analog Output
logo
All Sensors Corporation
10INCH-D-MV ASC-10INCH-D-MV Datasheet
122Kb / 4P
   Millivolt Output Pressure Sensors
DS-0094 ASC-DS-0094 Datasheet
46Kb / 4P
   Millivolt Output Pressure Sensors
logo
Sensortechnics GmbH
BSWM070DV-PCB SENSORTECHNICS-BSWM070DV-PCB Datasheet
194Kb / 4P
   Solid state pressure switch with analog output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com