Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPD-MR-08-40CDA Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # XPD-MR-08-40CDA
Description  10 Gbps 80km DWDM Multirate XFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

XPD-MR-08-40CDA Datasheet(HTML) 1 Page - Source Photonics, Inc.

  XPD-MR-08-40CDA Datasheet HTML 1Page - Source Photonics, Inc. XPD-MR-08-40CDA Datasheet HTML 2Page - Source Photonics, Inc. XPD-MR-08-40CDA Datasheet HTML 3Page - Source Photonics, Inc. XPD-MR-08-40CDA Datasheet HTML 4Page - Source Photonics, Inc. XPD-MR-08-40CDA Datasheet HTML 5Page - Source Photonics, Inc. XPD-MR-08-40CDA Datasheet HTML 6Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
10 Gbps 80km DWDM Multirate XFP Transceiver
Preliminary
XPD-MR-08-xxCDA
1
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS420-NOV1106
Rev. 0.9
Features
• XFP MSA Rev 4.5 compliant
• Available in all 100GHz C-Band Wavelengths on the DWDM ITU
Grid
• 80km Reach
• Supports 9.95Gb/s, 10.31Gb/s, 10.52Gb/s, 10.7Gb/s, and 11.1Gb/s
• Cooled EML with isolator
• APD Receiver
• Power dissipation <3.5W
• -5 to 70 C temperature range
• Cold Start Up Wavelength Compliance
• Digital Diagnostics
• XFI High Speed Electrical Interface
• RoHS Compliant
• Class 1 Laser, 21CFR 1040.10/1040.11
• EN 60825-1/A1:2002 Compliant
• Bail Latch Color: WHITE
Parameter
Symbol
Min
Typical
Max
Unit
Supply Voltage (1.8V)
Vcc2
1.71
1.8
1.89
V
Supply Voltage (3.3V)
Vcc3
3.14
3.3
3.47
V
Supply Voltage (5V)
Vcc5
4.75
5
5.25
V
Total Current on any pin
ICC
-
-
500
mA
Inrush Current (1.8V)
Iinrush2
-
-
1
A
Inrush Current (3.3V)
Iinrush3
-
-
0.75
A
Inrush Current (5V)
Iinrush5
-
-
0.5
A
Module current ramp rate
-
-
100
mA/µS
Power on 1.8V rail
P2rail
-
-
1.8
W
Power on 3.3V rail
P3rail
-
-
2.5
W
Power on 5V rail
P5rail
-
-
2.5
W
Module Total Power consumption
Pt
-
-
3.5
W
Power Consumption-P_Down mode
Pp_d
-
-
1.5
W
Power Supply Noise Rejection
PSNR
Compliant to Section 2.7.2 of XFP MSA
Bit Rate
BR
9.95
-
11.1
Gb/s
Operating Temperature (case)
Top
-5
-
70
ºC
Strorage Temperature
Tst
-40
-
85
ºC
General Operations
Parameter
Symbol
Min
Typical
Max
Unit
Maximum Supply Voltage (3.3V)
Vcc3
-0.3
-
3.6
V
Maximum Supply Voltage (5.0V)
Vcc5
-0.3
-
5.5
V
Maximum Supply Voltage (1.8V)
Vcc2
-0.3
-
2
V
Storage Temperature
Tst
-40
-
85
ºC
Absolute Maximum Rating
a) Peak to peak noise when measured with a 1 MHz low pass filter
b) Peak to peak noise when measured with 1MHz-10MHz low pass filter


Similar Part No. - XPD-MR-08-40CDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
XPD-MR-08-XXCDFA SOURCE-XPD-MR-08-XXCDFA Datasheet
532Kb / 9P
   Available in all 100GHz C-Band Wavelengths on the DWDM ITU Grid
More results

Similar Description - XPD-MR-08-40CDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
XP-MR-08-CDA SOURCE-XP-MR-08-CDA Datasheet
828Kb / 5P
   10 Gbps 80km Multirate XFP Transceiver Preliminary
XPD-MR-D1215CDA SOURCE-XPD-MR-D1215CDA Datasheet
845Kb / 6P
   10 Gbps 120km DWDM Multirate XFP Transceiver Preliminary
XPD-MR-04-15CDA SOURCE-XPD-MR-04-15CDA Datasheet
650Kb / 6P
   10 Gbps 40km DWDM Multirate XFP Transceiver Preliminary
logo
MRV Communications, Inc...
XFP-DWLR12P MRV-XFP-DWLR12P Datasheet
117Kb / 6P
   10 Gbps DWDM Multirate XFP Transceivers
logo
OPLINK Communications I...
TXD3XGHL2XX OPLINK-TXD3XGHL2XX Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
logo
Source Photonics, Inc.
XP-MR-04-CDA SOURCE-XP-MR-04-CDA Datasheet
828Kb / 5P
   10 Gbps 40km Multirate XFP Transceiver Preliminary
XP-MR-D12-CDA SOURCE-XP-MR-D12-CDA Datasheet
829Kb / 5P
   10 Gbps 120km Multirate XFP Transceiver Preliminary
logo
Finisar Corporation.
FTRX-3811-317 FINISAR-FTRX-3811-317 Datasheet
196Kb / 13P
   10Gb/s DWDM 80km XFP Optical Transceiver
logo
MRV Communications, Inc...
XFP-10GD-LR12P MRV-XFP-10GD-LR12P Datasheet
100Kb / 5P
   10 Gbps Multirate XFP Transceivers
logo
Finisar Corporation.
FTLX3813M3 FINISAR-FTLX3813M3 Datasheet
561Kb / 13P
   Multiprotocol, 80km, 10Gb/s DWDM XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com