Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPD-MR-08-24CDA Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # XPD-MR-08-24CDA
Description  10 Gbps 80km DWDM Multirate XFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

XPD-MR-08-24CDA Datasheet(HTML) 4 Page - Source Photonics, Inc.

  XPD-MR-08-24CDA Datasheet HTML 1Page - Source Photonics, Inc. XPD-MR-08-24CDA Datasheet HTML 2Page - Source Photonics, Inc. XPD-MR-08-24CDA Datasheet HTML 3Page - Source Photonics, Inc. XPD-MR-08-24CDA Datasheet HTML 4Page - Source Photonics, Inc. XPD-MR-08-24CDA Datasheet HTML 5Page - Source Photonics, Inc. XPD-MR-08-24CDA Datasheet HTML 6Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
10 Gbps 80km DWDM Multirate XFP Transceiver
Preliminary
XPD-MR-08-xxCDA
4
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS420-NOV1106
Rev. 0.9
Pin
Logic
Symbol
Name/Description
Note
1
GND
Module Ground
1
2
VEE5
Optional -5.2V Power Supply (not used)
3
LVTTL-I
Mod_DeSel
Module De-select; When held low allows module to respond to 2-wire interface
4
LVTTL-O
Interrupt
Interrupt; Indicates presence of an important condition which can be read over the 2-wire
serial interface
2
5
LVTTL-I
TX_DIS
Transmitter Disable; Turns off transmitter laser output
6
Vcc5
+5V Power Supply
7
GND
Module Ground
1
8
Vcc3
+3.3V Power Supply
9
Vcc3
+3.3V Power Supply
10
LVTTL-I/O
SCL
2-Wire Serial Interface Clock
2
11
LVTTL-I/O
SDA
2-Wire Serial Interface Data Line
2
12
LVTTL-O
Mod_Abs
Indicates Module is not present. Grounded in the Module
2
13
LVTTL-O
Mod_NR
Module Not Ready; Indicating Module Operational Fault
2
14
LVTTL-O
RX_LOS
Receiver Loss Of Signal Indicator
2
15
GND
Module Ground
1
16
GND
Module Ground
1
17
CML-O
RD-
Receiver Inverted Data Output
18
CML-O
RD+
Receiver Non-Inverted Data Output
19
GND
Module Ground
1
20
Vcc2
+1.8V Power Supply
21
LVTTL-I
P_Down/RST
Power Down; When high, requires the module to limit power consumption to 1.5W or
below. 2-Wire serial interface must be functional in the low power mode.
Reset; The falling edge initiates a complete reset of the module including the 2-wire serial
interface, equivalent to a power cycle.
22
Vcc2
+1.8V Power Supply
23
GND
Module Ground
1
24
PECL-I
RefCLK+
Reference Clock Non-Inverted Input, AC coupled on the host board
25
PECL-I
RefCLK-
Reference Clock Inverted Input, AC coupled on the host board
26
GND
Module Ground
1
27
GND
Module Ground
1
28
CML-I
TD-
Transmitter Inverted Data Input
29
CML-I
TD+
Transmitter Non-Inverted Data Input
30
GND
Module Ground
1
Pin Out Definition
Notes:
1. Module ground pins GND are isolated from the module case and chassis ground within the module.
2. Shall be pulled up with 4.7k-10kohms to a voltage between 3.15V and 3.45V on the host board.


Similar Part No. - XPD-MR-08-24CDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
XPD-MR-08-XXCDFA SOURCE-XPD-MR-08-XXCDFA Datasheet
532Kb / 9P
   Available in all 100GHz C-Band Wavelengths on the DWDM ITU Grid
More results

Similar Description - XPD-MR-08-24CDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
XP-MR-08-CDA SOURCE-XP-MR-08-CDA Datasheet
828Kb / 5P
   10 Gbps 80km Multirate XFP Transceiver Preliminary
XPD-MR-D1215CDA SOURCE-XPD-MR-D1215CDA Datasheet
845Kb / 6P
   10 Gbps 120km DWDM Multirate XFP Transceiver Preliminary
XPD-MR-04-15CDA SOURCE-XPD-MR-04-15CDA Datasheet
650Kb / 6P
   10 Gbps 40km DWDM Multirate XFP Transceiver Preliminary
logo
MRV Communications, Inc...
XFP-DWLR12P MRV-XFP-DWLR12P Datasheet
117Kb / 6P
   10 Gbps DWDM Multirate XFP Transceivers
logo
OPLINK Communications I...
TXD3XGHL2XX OPLINK-TXD3XGHL2XX Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
logo
Source Photonics, Inc.
XP-MR-04-CDA SOURCE-XP-MR-04-CDA Datasheet
828Kb / 5P
   10 Gbps 40km Multirate XFP Transceiver Preliminary
XP-MR-D12-CDA SOURCE-XP-MR-D12-CDA Datasheet
829Kb / 5P
   10 Gbps 120km Multirate XFP Transceiver Preliminary
logo
Finisar Corporation.
FTRX-3811-317 FINISAR-FTRX-3811-317 Datasheet
196Kb / 13P
   10Gb/s DWDM 80km XFP Optical Transceiver
logo
MRV Communications, Inc...
XFP-10GD-LR12P MRV-XFP-10GD-LR12P Datasheet
100Kb / 5P
   10 Gbps Multirate XFP Transceivers
logo
Finisar Corporation.
FTLX3813M3 FINISAR-FTLX3813M3 Datasheet
561Kb / 13P
   Multiprotocol, 80km, 10Gb/s DWDM XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com