Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-C001R-LG Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # FTM-C001R-LG
Description  100BASE-T Copper SFP Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-C001R-LG Datasheet(HTML) 3 Page - Source Photonics, Inc.

  FTM-C001R-LG Datasheet HTML 1Page - Source Photonics, Inc. FTM-C001R-LG Datasheet HTML 2Page - Source Photonics, Inc. FTM-C001R-LG Datasheet HTML 3Page - Source Photonics, Inc. FTM-C001R-LG Datasheet HTML 4Page - Source Photonics, Inc. FTM-C001R-LG Datasheet HTML 5Page - Source Photonics, Inc. FTM-C001R-LG Datasheet HTML 6Page - Source Photonics, Inc. FTM-C001R-LG Datasheet HTML 7Page - Source Photonics, Inc. FTM-C001R-LG Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
100BASE-T Copper SFP Transceiver
100m transmission over Cat-5 UTP cable
Preliminary Data Sheet
July 24, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 3 of 8
Host Side Electrical Interface
Table 4 - Electrical Characteristics
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Data Input Swing Differential
VIN
500
2400
mV
1
Input Differential Impedance
ZIN
100
Data Output Swing Differential
VOUT
370
2000
mV
2
Output Differential Impedance
ZOUT
100
Output Data Rise/Fall Time
Tr/Tf
3
ns
Notes:
1.
Internally AC coupled and terminated.
2.
Internally AC coupled.
Line Side Electrical Interface
Table 5 - Electrical Characteristics
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Line Baud Rate
125
MBaud
Bit Error Rate
BER
10
-12
1
Line Rx Intput Impedance
ZIN
100
Line Tx Output Impedance
ZOUT
100
Notes:
1.
Measured over 100m Cat-5 UTP cable.
EEPROM Information
The SFP MSA defines a 256-byte memory map in EEPROM describing the transceiver’s capabilities,
standard interfaces, manufacturer, and other information, which is accessible over a 2 wire serial interface at
the 8-bit address 1010000X (A0h). The memory contents refer to Table 6.
Table 6 - EEPROM Serial ID Memory Contents (A0h)
Addr.
Field Size
(Bytes)
Name of Field
Hex
Description
0
1
Identifier
03
SFP
1
1
Ext. Identifier 04
MOD4
2
1
Connector
00
3—10
8
Transceiver
00 00 00 30 00 00 00 00
100BASE-FX/100BASE-LX
11
1
Encoding
02
4B5B
12
1
BR, nominal
01
100M
13
1
Reserved
00
14
1
Length (9um)-km 00
15
1
Length (9um) 00


Similar Part No. - FTM-C001R-LG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3001C-SL15G SOURCE-FTM-3001C-SL15G Datasheet
251Kb / 11P
   155Mbps SFP Transceiver with Spring Latch
FTM-3001C-SL15iG SOURCE-FTM-3001C-SL15iG Datasheet
251Kb / 11P
   155Mbps SFP Transceiver with Spring Latch
FTM-3001C-SL40G SOURCE-FTM-3001C-SL40G Datasheet
251Kb / 11P
   155Mbps SFP Transceiver with Spring Latch
FTM-3001C-SL40iG SOURCE-FTM-3001C-SL40iG Datasheet
251Kb / 11P
   155Mbps SFP Transceiver with Spring Latch
FTM-3012C-SL20G SOURCE-FTM-3012C-SL20G Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
More results

Similar Description - FTM-C001R-LG

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCMJ-8520-3 FINISAR-FCMJ-8520-3 Datasheet
200Kb / 7P
   1000BASE-T Copper SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPT-RJK-01 PULSE-SFPT-RJK-01 Datasheet
163Kb / 7P
   1000BASE-T Copper SFP Transceiver
logo
Finisar Corporation.
FCLF-8520-3 FINISAR-FCLF-8520-3 Datasheet
134Kb / 7P
   1000BASE-T Copper SFP Transceiver
logo
Bel Fuse Inc.
SFP-1GBT-06 BEL-SFP-1GBT-06_12 Datasheet
381Kb / 5P
   SFP Copper Transceiver 1000Base-T GBIC
SFP-1GBT-02 BEL-SFP-1GBT-02_12 Datasheet
380Kb / 5P
   SFP Copper Transceiver 1000Base-T GBIC
logo
Finisar Corporation.
FCLF-8520 FINISAR-FCLF-8520 Datasheet
148Kb / 7P
   1000BASE-T COPPER SFP Optical Transceiver
FCLF852P2BTL FINISAR-FCLF852P2BTL Datasheet
141Kb / 7P
   1000BASE-T RoHS Compliant Copper SFP Transceiver
FCLF8520P2BTL FINISAR-FCLF8520P2BTL Datasheet
99Kb / 7P
   1000BASE-T RoHS Compliant Copper SFP Transceiver
FCLF8522P2BTL_VO1 FINISAR-FCLF8522P2BTL_VO1 Datasheet
148Kb / 7P
   1000BASE-T RoHS Compliant Copper SFP Transceiver
logo
Bel Fuse Inc.
SFP-1GBT-06 BEL-SFP-1GBT-06_17 Datasheet
498Kb / 3P
   SFP Copper Transceiver 1000Base-T to GBIC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com