Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-5112C-SL50G Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # FTM-5112C-SL50G
Description  1.25G Spring-Latch SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-5112C-SL50G Datasheet(HTML) 1 Page - Source Photonics, Inc.

  FTM-5112C-SL50G Datasheet HTML 1Page - Source Photonics, Inc. FTM-5112C-SL50G Datasheet HTML 2Page - Source Photonics, Inc. FTM-5112C-SL50G Datasheet HTML 3Page - Source Photonics, Inc. FTM-5112C-SL50G Datasheet HTML 4Page - Source Photonics, Inc. FTM-5112C-SL50G Datasheet HTML 5Page - Source Photonics, Inc. FTM-5112C-SL50G Datasheet HTML 6Page - Source Photonics, Inc. FTM-5112C-SL50G Datasheet HTML 7Page - Source Photonics, Inc. FTM-5112C-SL50G Datasheet HTML 8Page - Source Photonics, Inc. FTM-5112C-SL50G Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 1 of 10
Controlled Electronic Version. 24hrs Obsolete when printed out without authorization Last printed 2007-6-5 17:04
Features
1.25Gbps bi-directional data links
50km transmission distance with SMF
1550nm DFB laser transmitter
SFP MSA package with LC optical receptacle
With Spring latch for high density application
Single +3.3V power supply
Hot-pluggable capability
Low power dissipation
Very low EMI and excellent ESD protection
Class I laser product
Monitoring interface compatible with SFF-8472
Operation case temperature: 0℃ to 70℃
Applications
Switch to Switch interface
Switched backplane applications
Router/Server interface
Other optical transmission systems
Standard
Compatible with SFP MSA
Compatible with IEEE 802.3
Compatible with FCC 47 CFR Part 15, Class B
Compatible with FDA 21 CFR 1040.10 and
1040.11, Class I
Compatible with Telcordia GR-468-CORE
RoHS compliant
Description
Fiberxon’s FTM-5112C-SL50G, 1.25Gbps SFP
transceivers are high performance, cost effective
modules. They are designed for Gigabit Ethernet
applications for 50km distance with SMF.
The transceiver consists of two sections: The
transmitter section incorporates a DFB laser. And
the receiver section consists of a PIN photodiode
integrated with a trans-impedance preamplifier (TIA).
All modules satisfy class I laser safety requirements.
The optical output can be disabled by a TTL logic
high-level input of Tx Disable. Tx Fault is provided to
indicate that degradation of the laser. Loss of signal
(LOS) output is provided to indicate the loss of an
input optical signal of receiver.
The standard serial ID information compatible SFP
MSA describes the transceiver’s capabilities,
standard
interfaces,
manufacturer
and
other
information. The host equipment can access this
information via the 2-wire serial CMOS EEPROM
protocol. For further information, please refer to SFP
Multi-Source Agreement (MSA).
FTM-5112C-SL50G is compliant with RoHS.
May 25, 2007
Members of Flexon
TM Family
(For 50km transmission, RoHS compliant)
1.25G Spring-Latch SFP Transceiver


Similar Part No. - FTM-5112C-SL50G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-5112C-SL120G SOURCE-FTM-5112C-SL120G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL30G SOURCE-FTM-5112C-SL30G Datasheet
275Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL80G SOURCE-FTM-5112C-SL80G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL80IG SOURCE-FTM-5112C-SL80IG Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
More results

Similar Description - FTM-5112C-SL50G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-5112C-SL30G SOURCE-FTM-5112C-SL30G Datasheet
275Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL80G SOURCE-FTM-5112C-SL80G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL80IG SOURCE-FTM-5112C-SL80IG Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL120G SOURCE-FTM-5112C-SL120G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLG SOURCE-FTM-3012C-SLG Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5012C-SL80G SOURCE-FTM-5012C-SL80G Datasheet
256Kb / 9P
   1.25G Spring-Latch SFP Transceiver
logo
List of Unclassifed Man...
MXP-243S ETC2-MXP-243S Datasheet
302Kb / 7P
   1.25G SFP Transceiver
logo
Source Photonics, Inc.
FTM-3112C-SLEG SOURCE-FTM-3112C-SLEG Datasheet
269Kb / 10P
   1.25Gbps Spring-latch SFP Transceiver
FTM-6101C-SL13051G SOURCE-FTM-6101C-SL13051G Datasheet
329Kb / 11P
   155Mbps Spring-latch SFP Transceiver
FTM-3401C-SL10CG SOURCE-FTM-3401C-SL10CG Datasheet
260Kb / 10P
   100BASE-LX Spring-Latch SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com