Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-3112C-SLEG Datasheet(PDF) 10 Page - Source Photonics, Inc.

Part # FTM-3112C-SLEG
Description  1.25Gbps Spring-latch SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-3112C-SLEG Datasheet(HTML) 10 Page - Source Photonics, Inc.

Back Button FTM-3112C-SLEG Datasheet HTML 2Page - Source Photonics, Inc. FTM-3112C-SLEG Datasheet HTML 3Page - Source Photonics, Inc. FTM-3112C-SLEG Datasheet HTML 4Page - Source Photonics, Inc. FTM-3112C-SLEG Datasheet HTML 5Page - Source Photonics, Inc. FTM-3112C-SLEG Datasheet HTML 6Page - Source Photonics, Inc. FTM-3112C-SLEG Datasheet HTML 7Page - Source Photonics, Inc. FTM-3112C-SLEG Datasheet HTML 8Page - Source Photonics, Inc. FTM-3112C-SLEG Datasheet HTML 9Page - Source Photonics, Inc. FTM-3112C-SLEG Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
1.25Gbps Spring-latch SFP Transceiver
10 km transmission with monitoring function
May. 9, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 10 of 10
Controlled Electronic Version. 24hrs Obsolete when printed out without authorization Last printed 2007-6-18 9:36
© Copyright Fiberxon Inc. 2007
All Rights Reserved.
All information contained in this document is subject to change without notice. The products described in this
document are NOT intended for use in implantation or other life support applications where malfunction may
result in injury or death to persons.
The information contained in this document does not affect or change Fiberxon’s product specifications or
warranties. Nothing in this document shall operate as an express or implied license or indemnity under the
intellectual property rights of Fiberxon or third parties. All information contained in this document was obtained
in specific environments, and is presented as an illustration. The results obtained in other operating
environment may vary.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN ”AS IS” BASIS. In no event
will Fiberxon be liable for damages arising directly from any use of the information contained in this document.
Contact
U.S.A. Headquarter:
5201 Great America Parkway, Suite 340
Santa Clara, CA 95054
U. S. A.
Tel: 408-562-6288
Fax: 408-562-6289
Or visit our website: http://www.fiberxon.com


Similar Part No. - FTM-3112C-SLEG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-311XC-L03G SOURCE-FTM-311XC-L03G Datasheet
281Kb / 13P
   10G 1310nm LRM SFP Transceiver
FTM-311XC-L10DG SOURCE-FTM-311XC-L10DG Datasheet
275Kb / 13P
   10G 1310nm SFP Transceiver
More results

Similar Description - FTM-3112C-SLEG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-6112C-SL10043G SOURCE-FTM-6112C-SL10043G Datasheet
257Kb / 12P
   1.25Gbps CWDM Spring-latch SFP Transceiver
FTM-5112C-SL80IG SOURCE-FTM-5112C-SL80IG Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL120G SOURCE-FTM-5112C-SL120G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL50G SOURCE-FTM-5112C-SL50G Datasheet
255Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLG SOURCE-FTM-3012C-SLG Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5012C-SL80G SOURCE-FTM-5012C-SL80G Datasheet
256Kb / 9P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL30G SOURCE-FTM-5112C-SL30G Datasheet
275Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL80G SOURCE-FTM-5112C-SL80G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-6101C-SL13051G SOURCE-FTM-6101C-SL13051G Datasheet
329Kb / 11P
   155Mbps Spring-latch SFP Transceiver
FTM-3401C-SL10CG SOURCE-FTM-3401C-SL10CG Datasheet
260Kb / 10P
   100BASE-LX Spring-Latch SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com