Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBAM200DU Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # FBAM200DU
Description  Mass flow sensors for gases
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

FBAM200DU Datasheet(HTML) 4 Page - Sensortechnics GmbH

  FBAM200DU Datasheet HTML 1Page - Sensortechnics GmbH FBAM200DU Datasheet HTML 2Page - Sensortechnics GmbH FBAM200DU Datasheet HTML 3Page - Sensortechnics GmbH FBAM200DU Datasheet HTML 4Page - Sensortechnics GmbH FBAM200DU Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/5
E / 11722 / A
www.sensortechnics.com
FBA Series
Mass flow sensors for gases
mass: approx. 10.8 g
dimensions in mm (inches)
OUTLINE DRAWING
third angle projection
Note: Positiv flow direction is defined as proceeding from port 1 (P1) to port 2 (P2) and
results in positive output.
P 1
2.9
(0.114)
5.1
(0.20)
23.6
(0.93)
31.5
(1.24)
7.4
(0.29)
1.8
(0.07)
2.8
(0.11)
1.40
(0.055)
54.4
(2.14)
1.0
(0.04)
1.52
(0.06)
23.9
(0.94)
30.5
(1.20)
5.1
(0.20)
4.1
(0.16)
12.7
(0.50)
15.5
(0.61)
2.8
(0.11)
1 2 3
P 2
2.5
(0.10)
0.6
(0.025)
8.3
(0.325)
8.4
(0.33)
7.60
(0.30)
6.3
(0.25)


Similar Part No. - FBAM200DU

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
FBA AITSEMI-FBA Datasheet
167Kb / 3P
   MULTILAYER CHIP BEAD
logo
Taiyo Yuden (U.S.A.), I...
FBA03HA450BB-00 TAIYO-YUDEN-FBA03HA450BB-00 Datasheet
138Kb / 1P
   Leaded Ferrite Bead Inductors
FBA03HA450UB-00 TAIYO-YUDEN-FBA03HA450UB-00 Datasheet
138Kb / 1P
   Leaded Ferrite Bead Inductors
FBA03HA450VB-00 TAIYO-YUDEN-FBA03HA450VB-00 Datasheet
139Kb / 1P
   Leaded Ferrite Bead Inductors
FBA03VA450AB-00 TAIYO-YUDEN-FBA03VA450AB-00 Datasheet
138Kb / 1P
   Leaded Ferrite Bead Inductors
More results

Similar Description - FBAM200DU

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
FHAL200DU SENSORTECHNICS-FHAL200DU Datasheet
88Kb / 4P
   Mass flow sensors for gases
FBOM030DB SENSORTECHNICS-FBOM030DB Datasheet
178Kb / 6P
   Mass flow sensors for gases
FDUM200DB SENSORTECHNICS-FDUM200DB Datasheet
163Kb / 6P
   Mass flow sensors for gases
FMOL001DB SENSORTECHNICS-FMOL001DB Datasheet
127Kb / 6P
   Mass flow sensors for gases
FMAL001DU SENSORTECHNICS-FMAL001DU Datasheet
126Kb / 5P
   Mass flow sensors for gases
AWM3150V SENSORTECHNICS-AWM3150V Datasheet
205Kb / 6P
   Mass flow sensor for gases
AWM92100V SENSORTECHNICS-AWM92100V Datasheet
162Kb / 6P
   Mass flow sensor for gases
AWM2150V SENSORTECHNICS-AWM2150V Datasheet
172Kb / 6P
   Mass flow sensor for gases
AWM720P1 SENSORTECHNICS-AWM720P1 Datasheet
81Kb / 4P
   Mass flow sensor for gases
AWM42300V SENSORTECHNICS-AWM42300V Datasheet
198Kb / 6P
   Mass flow sensor for gases
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com