Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-6128C-SL5049G Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part # FTM-6128C-SL5049G
Description  155M~2.67Gbps Spring-latch SFP Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-6128C-SL5049G Datasheet(HTML) 6 Page - Source Photonics, Inc.

Back Button FTM-6128C-SL5049G Datasheet HTML 2Page - Source Photonics, Inc. FTM-6128C-SL5049G Datasheet HTML 3Page - Source Photonics, Inc. FTM-6128C-SL5049G Datasheet HTML 4Page - Source Photonics, Inc. FTM-6128C-SL5049G Datasheet HTML 5Page - Source Photonics, Inc. FTM-6128C-SL5049G Datasheet HTML 6Page - Source Photonics, Inc. FTM-6128C-SL5049G Datasheet HTML 7Page - Source Photonics, Inc. FTM-6128C-SL5049G Datasheet HTML 8Page - Source Photonics, Inc. FTM-6128C-SL5049G Datasheet HTML 9Page - Source Photonics, Inc. FTM-6128C-SL5049G Datasheet HTML 10Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
155M~2.67Gbps Spring-latch SFP Transceiver
18/28dB Min. link budget, RoHS compliant
June 13, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 6 of 12
13
1
Reserved
00
14
1
Length (9um)-km xx
50km/80km(32/50)
15
1
Length (9um) xx
50km/80km(FF/FF)
16
1
Length (50um) 00
17
1
Length (62.5um) 00
18
1
Length (copper) 00
19
1
Reserved
00
20—35
16
Vendor name
46 49 42 45 52 58 4F 4E
20 49 4E 43 2E 20 20 20
“FIBERXON INC. “(ASCⅡ)
36
1
Reserved
00
37—39
3
Vendor OUI
00 00 00
40—55
16
Vendor PN
36 31 32 38 43 2D 53 4C
xx xx xx xx 47 20 20 20
“FTM-6128C-SLxxxxG ” (ASCⅡ)
56—59
4
Vendor rev
xx xx 20 20
ASCⅡ( “31 30 20 20” means 1.0 revision)
60—61
2
Wavelength
xx xx
From 1471nm~1611nm
62
1
Reserved
63
1
CC BASE
xx
Check sum of bytes 0 - 62
64—65
2
Options
00 1A
LOS, TX_FAULT and TX_DISABLE
66
1
BR, max
00
67
1
BR, min
00
68—83
16
Vendor SN
xx xx xx xx xx xx xx xx
xx xx xx xx xx xx xx xx
ASCⅡ, used for Fiberxon SFPs
84—91
8
Vendor date codexx xx xx xx xx xx 20 20
Year (2 bytes, Month (2 bytes), Day (2 bytes)
92
1
Diagnostic type xx
Diagnostics
93
1
Enhanced option
B0
Diagnostics (Optional Alarm/warning flags,
Soft TX_FAULT , Soft TX_LOS monitoring)
94
1
SFF-8472
02
Diagnostics (SFF-8472 Rev 9.4)
95
1
CC EXT
xx
Check sum of bytes 64 - 94
96—255
160
Vendor specific
Note: The “xx” byte should be filled in according to practical case. For more information, please refer to the
related document of SFP Multi-Source Agreement (MSA).
Monitoring Specification
The digital diagnostic monitoring interface also defines another 256-byte memory map in EEPROM, which
makes use of the 8 bit address 1010001X (A2h). Please see Figure 1. For detail EEPROM information,
please refer to the related document of SFF-8472 Rev 9.5. The monitoring specification of this product is
described in Table 7.


Similar Part No. - FTM-6128C-SL5049G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-6101C-SL13051G SOURCE-FTM-6101C-SL13051G Datasheet
329Kb / 11P
   155Mbps Spring-latch SFP Transceiver
FTM-6112C-SL10043G SOURCE-FTM-6112C-SL10043G Datasheet
257Kb / 12P
   1.25Gbps CWDM Spring-latch SFP Transceiver
FTM-6112C-SL10045G SOURCE-FTM-6112C-SL10045G Datasheet
257Kb / 12P
   1.25Gbps CWDM Spring-latch SFP Transceiver
FTM-6112C-SL10047G SOURCE-FTM-6112C-SL10047G Datasheet
257Kb / 12P
   1.25Gbps CWDM Spring-latch SFP Transceiver
FTM-6112C-SL10049G SOURCE-FTM-6112C-SL10049G Datasheet
257Kb / 12P
   1.25Gbps CWDM Spring-latch SFP Transceiver
More results

Similar Description - FTM-6128C-SL5049G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3128C-SL40G SOURCE-FTM-3128C-SL40G Datasheet
270Kb / 11P
   155M節?.67Gbps Spring-latch SFP Transceiver
FTM-3128C-SL2G SOURCE-FTM-3128C-SL2G Datasheet
260Kb / 11P
   155M節?.67Gbps Spring-latch SFP Transceiver
FTM-3128C-SL2IG SOURCE-FTM-3128C-SL2IG Datasheet
284Kb / 13P
   155M節?.67Gbps Spring-latch SFP Transceiver
FTM-3128C-SL15BG SOURCE-FTM-3128C-SL15BG Datasheet
253Kb / 10P
   155M節?.67Gbps Spring-latch SFP Transceiver
logo
List of Unclassifed Man...
FTM-8001C-S ETC-FTM-8001C-S Datasheet
251Kb / 9P
   155M 850nm SFP Transceiver
logo
Source Photonics, Inc.
FTM-5112C-SL80IG SOURCE-FTM-5112C-SL80IG Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL120G SOURCE-FTM-5112C-SL120G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL50G SOURCE-FTM-5112C-SL50G Datasheet
255Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLG SOURCE-FTM-3012C-SLG Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5012C-SL80G SOURCE-FTM-5012C-SL80G Datasheet
256Kb / 9P
   1.25G Spring-Latch SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com