Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-6112C-SL10045G Datasheet(PDF) 7 Page - Source Photonics, Inc.

Part # FTM-6112C-SL10045G
Description  1.25Gbps CWDM Spring-latch SFP Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-6112C-SL10045G Datasheet(HTML) 7 Page - Source Photonics, Inc.

Back Button FTM-6112C-SL10045G Datasheet HTML 3Page - Source Photonics, Inc. FTM-6112C-SL10045G Datasheet HTML 4Page - Source Photonics, Inc. FTM-6112C-SL10045G Datasheet HTML 5Page - Source Photonics, Inc. FTM-6112C-SL10045G Datasheet HTML 6Page - Source Photonics, Inc. FTM-6112C-SL10045G Datasheet HTML 7Page - Source Photonics, Inc. FTM-6112C-SL10045G Datasheet HTML 8Page - Source Photonics, Inc. FTM-6112C-SL10045G Datasheet HTML 9Page - Source Photonics, Inc. FTM-6112C-SL10045G Datasheet HTML 10Page - Source Photonics, Inc. FTM-6112C-SL10045G Datasheet HTML 11Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1.25Gbps Spring-latch SFP Transceiver
22dB/30dB Min. link budget, RoHS compliant
June 13, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 7 of 12
Figure 1, EEPROM Memory Map Specific Data Field Descriptions
Table 7- Monitoring Specification
Parameter
Range
Accuracy
Calibration
FTM-6112C-SL80xxG
Internal
Temperature
FTM-6112C-SL100xxG
-10 to 80°C
±3°C
External
FTM-6112C-SL80xxG
Internal
Voltage
FTM-6112C-SL100xxG
3.0 to 3.6V
±3%
External
FTM-6112C-SL80xxG
Internal
Bias Current
FTM-6112C-SL100xxG
0 to 100mA
±10%
External
FTM-6112C-SL80xxG
Internal
TX Power
FTM-6112C-SL100xxG
-1 to 6dBm
±3dB
External
FTM-6112C-SL80xxG
-24 to 1dBm
Internal
Rx Power
FTM-6112C-SL100xxG
-32 to -8dBm
±3dB
External
Recommended Host Board Power Supply Circuit
Figure 2 shows the recommended host board power supply circuit.
Figure 2, Recommended Host Board Power Supply Circuit


Similar Part No. - FTM-6112C-SL10045G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-6101C-SL13051G SOURCE-FTM-6101C-SL13051G Datasheet
329Kb / 11P
   155Mbps Spring-latch SFP Transceiver
FTM-6128C-SL5047G SOURCE-FTM-6128C-SL5047G Datasheet
258Kb / 12P
   155M~2.67Gbps Spring-latch SFP Transceiver
FTM-6128C-SL5049G SOURCE-FTM-6128C-SL5049G Datasheet
258Kb / 12P
   155M~2.67Gbps Spring-latch SFP Transceiver
FTM-6128C-SL5051G SOURCE-FTM-6128C-SL5051G Datasheet
258Kb / 12P
   155M~2.67Gbps Spring-latch SFP Transceiver
FTM-6128C-SL5053G SOURCE-FTM-6128C-SL5053G Datasheet
258Kb / 12P
   155M~2.67Gbps Spring-latch SFP Transceiver
More results

Similar Description - FTM-6112C-SL10045G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3112C-SLEG SOURCE-FTM-3112C-SLEG Datasheet
269Kb / 10P
   1.25Gbps Spring-latch SFP Transceiver
FTM-5112C-SL80IG SOURCE-FTM-5112C-SL80IG Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL120G SOURCE-FTM-5112C-SL120G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL50G SOURCE-FTM-5112C-SL50G Datasheet
255Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLG SOURCE-FTM-3012C-SLG Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5012C-SL80G SOURCE-FTM-5012C-SL80G Datasheet
256Kb / 9P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL30G SOURCE-FTM-5112C-SL30G Datasheet
275Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL80G SOURCE-FTM-5112C-SL80G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-6101C-SL13051G SOURCE-FTM-6101C-SL13051G Datasheet
329Kb / 11P
   155Mbps Spring-latch SFP Transceiver
FTM-3401C-SL10CG SOURCE-FTM-3401C-SL10CG Datasheet
260Kb / 10P
   100BASE-LX Spring-Latch SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com