Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-3128C-SL15EG Datasheet(PDF) 5 Page - Source Photonics, Inc.

Part # FTM-3128C-SL15EG
Description  155M節?.67Gbps Spring-latch SFP Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-3128C-SL15EG Datasheet(HTML) 5 Page - Source Photonics, Inc.

  FTM-3128C-SL15EG Datasheet HTML 1Page - Source Photonics, Inc. FTM-3128C-SL15EG Datasheet HTML 2Page - Source Photonics, Inc. FTM-3128C-SL15EG Datasheet HTML 3Page - Source Photonics, Inc. FTM-3128C-SL15EG Datasheet HTML 4Page - Source Photonics, Inc. FTM-3128C-SL15EG Datasheet HTML 5Page - Source Photonics, Inc. FTM-3128C-SL15EG Datasheet HTML 6Page - Source Photonics, Inc. FTM-3128C-SL15EG Datasheet HTML 7Page - Source Photonics, Inc. FTM-3128C-SL15EG Datasheet HTML 8Page - Source Photonics, Inc. FTM-3128C-SL15EG Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
155M~2.67Gbps i/E-temp Spring-latch SFP Transceiver
2~80km transmission, RoHS compliant
Preliminary Datasheet
April. 05, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 5 of 13
3. Internally AC-coupled and terminated to 100Ω differential load.
4. Measured with a PRBS 2
23-1 test pattern, BER better than or equal to 1×10-10
5. AC-coupled CML logic family
FTM-3128C-SL40iG
(1310nm DFB and APD, L-16.1/OC48 LR-1, Monitoring function)
Table 6 –Optical and Electrical Characteristics
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Transmitter
Centre Wavelength
λC
1280
1335
nm
Spectral Width (-20dB)
∆λ
1
nm
Average Output Power
P0ut
-2
+3
dBm
1
Side Mode Suppression Ratio
SMSR
30
dB
Extinction Ration
EX
8.2
dB
P0ut@TX Disable Asserted
-45
dBm
Jitter Generation (RMS)
0.01
UI
Jitter Generation (pk-pk)
0.1
UI
Output Optical Eye
ITU-T G.957 compatible
2
Data Input Differential Swing
VIN
500
2400
mV
3
Input Differential Impedance
ZIN
100
Disable
2.0
Vcc+0.3
V
TX Disable
Enable
0
0.8
V
Fault
2.0
Vcc+0.3
V
TX Fault
Normal
0
0.8
V
Receiver
Centre Wavelength
λC
1260
1580
nm
Receiver Sensitivity
-27
dBm
4
Receiver Overload
-9
dBm
Reflection
-27
dB
LOS De-Assert
LOSD
-29
dBm
LOS Assert
LOSA
-45
dBm
LOS Hysteresis
0.5
4.5
dB
Data Output Differential Swing
VOUT
400
1200
mV
5
High
2.0
Vcc+0.3
V
LOS
Low
0
0.8
V
Notes:
1. The optical power is launched into 9/125 SMF.
2. Measured with a PRBS 2
23-1 test pattern @2.488Gbps.
3. Internally AC-coupled and terminated to 100Ω differential load.
4. Measured with a PRBS 2
23-1 test pattern, BER better than or equal to 1×10-10
5. AC-coupled CML logic family


Similar Part No. - FTM-3128C-SL15EG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3128C-SL15BG SOURCE-FTM-3128C-SL15BG Datasheet
253Kb / 10P
   155M節?.67Gbps Spring-latch SFP Transceiver
FTM-3128C-SL15G SOURCE-FTM-3128C-SL15G Datasheet
260Kb / 11P
   155M節?.67Gbps Spring-latch SFP Transceiver
More results

Similar Description - FTM-3128C-SL15EG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3128C-SL40G SOURCE-FTM-3128C-SL40G Datasheet
270Kb / 11P
   155M節?.67Gbps Spring-latch SFP Transceiver
FTM-3128C-SL2G SOURCE-FTM-3128C-SL2G Datasheet
260Kb / 11P
   155M節?.67Gbps Spring-latch SFP Transceiver
FTM-3128C-SL15BG SOURCE-FTM-3128C-SL15BG Datasheet
253Kb / 10P
   155M節?.67Gbps Spring-latch SFP Transceiver
FTM-6128C-SL5047G SOURCE-FTM-6128C-SL5047G Datasheet
258Kb / 12P
   155M~2.67Gbps Spring-latch SFP Transceiver
FTM-3127C-SL2G SOURCE-FTM-3127C-SL2G Datasheet
282Kb / 10P
   1G節?.5Gbps Spring-latch SFP Transceiver
logo
List of Unclassifed Man...
FTM-8001C-S ETC-FTM-8001C-S Datasheet
251Kb / 9P
   155M 850nm SFP Transceiver
logo
Source Photonics, Inc.
FTM-5112C-SL80IG SOURCE-FTM-5112C-SL80IG Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL120G SOURCE-FTM-5112C-SL120G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL50G SOURCE-FTM-5112C-SL50G Datasheet
255Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLG SOURCE-FTM-3012C-SLG Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com