Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-1470-DFB2.5-PD-SFC Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # C-1470-DFB2.5-PD-SFC
Description  1470 nm Series 2.5 Gbps CWDM Laser Diode Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-1470-DFB2.5-PD-SFC Datasheet(HTML) 1 Page - Source Photonics, Inc.

  C-1470-DFB2.5-PD-SFC Datasheet HTML 1Page - Source Photonics, Inc. C-1470-DFB2.5-PD-SFC Datasheet HTML 2Page - Source Photonics, Inc. C-1470-DFB2.5-PD-SFC Datasheet HTML 3Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1470 nm Series 2.5 Gbps CWDM Laser Diode Modules
C-1470-DFB2.5-RD-SFCX • C-1470-DFB2.5-PD-SFCX
Features
• Uncooled laser diode with MQW structure
• High temperature operation without active cooling
• Hermetically sealed active component
• Built-in InGaAs monitor photodiode
• Complies with Bellcore TA-NWT-000983
• Single frequency operation with high SMSR
Application
• Designed for 2.5 Gbps CWDM high speed optic networks
Absolute Max Ratings (Tc = 25˚C)
Symbol
Pf
Vrld
Vrpd
Ifpd
Topr
Tstg
Value
0.4
0.9
1.6
2
10
2
0 to +70
-40 to +85
Unit
mW
V
V
mA
˚C
˚C
Parameter
Fiber Output Power
L
M
H
LD Reverse Voltage
PD Reverse Voltage
PD Forward Current
Operating Temperature
Storage Temperature
Optical and Electrical Characteristics (Tc = 25˚C)
Parameter
Threshold Current
Fiber Output Power
L
M
H
2
Peak Wavelength
Side Mode Suppression
Forward Voltage
Rise Time, Fall Time
Tracking Error
PD Monitor Current
PD Dark Current
PD Capacitance
Symbol
Ith
Pf
l
Sr
VF
tr , tf
DPf/Pf
Im
IDARK
Ct
Min.
-
0.2
0.5
1
2
n-2
30
-
-
-
100
-
-
Typ
10
-
-
-
-
n
35
1.2
-
-
-
-
6
Max
15
0.5
1
2
3
n+2
-
1.5
150
±1.0
-
0.1
15
Test condition
CW
CW, Ith+30mA, kink free
CW, Pf=Pf(Min),0 to +70˚C
CW, Pf=Pf(Min)
Ibias = Ith , 10 to 90%
APC, 0 to +70˚C
CW, Pf=Pf (Min),Vrpd=2V
Vrpd=5V
Vrpd=5V, f=1MHz
Unit
mA
mW
nm
dB
V
Ps
dB
mA
mA
pF


Similar Part No. - C-1470-DFB2.5-PD-SFC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-147-1250-FDFB-SLC2 SOURCE-C-147-1250-FDFB-SLC2 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-147-1250-FDFB-SLC2-G5 SOURCE-C-147-1250-FDFB-SLC2-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-147-1250-FDFB-SLC3 SOURCE-C-147-1250-FDFB-SLC3 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-147-1250-FDFB-SLC3-G5 SOURCE-C-147-1250-FDFB-SLC3-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-147-1250-FDFB-SLC4 SOURCE-C-147-1250-FDFB-SLC4 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
More results

Similar Description - C-1470-DFB2.5-PD-SFC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-15-DFB ETC-C-15-DFB Datasheet
394Kb / 3P
   1550 nm, 2.5 Gbps MQW-DFB Laser Diode Modules
logo
Optoway Technology Inc
DL-5100S-CXX0 OPTOWAY-DL-5100S-CXX0 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES 2.5 Gbps CWDM MQW-DFB LASER DIODES
logo
Lumics GmbH
LUXXXCYYY LUMICS-LUXXXCYYY Datasheet
336Kb / 3P
   Diode Laser @ 760 nm - 1470 nm up to 270 W
2022-01-10
logo
Optoway Technology Inc
DL-5300S-CXX0 OPTOWAY-DL-5300S-CXX0 Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD PIGTAIL
DL-5340S-CXX0 OPTOWAY-DL-5340S-CXX0 Datasheet
93Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD PIGTAIL
DL-5540S-CXX0 OPTOWAY-DL-5540S-CXX0 Datasheet
117Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5500S-CXX0 OPTOWAY-DL-5500S-CXX0 Datasheet
112Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5500S-1490 OPTOWAY-DL-5500S-1490 Datasheet
111Kb / 2P
   1490 nm DFB LASER DIODE MODULES 2.5 Gbps UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5500S-1625 OPTOWAY-DL-5500S-1625 Datasheet
111Kb / 2P
   1625 nm DFB LASER DIODE MODULES 2.5 Gbps UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5500S-1650 OPTOWAY-DL-5500S-1650 Datasheet
111Kb / 2P
   1650 nm DFB LASER DIODE MODULES 2.5 Gbps UNCOOLED MQW DFB LD WITH RECEPTACLE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com