Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-5128C-SL80G Datasheet(PDF) 10 Page - Source Photonics, Inc.

Part # FTM-5128C-SL80G
Description  155M節?.67Gbps Spring-latch SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-5128C-SL80G Datasheet(HTML) 10 Page - Source Photonics, Inc.

Back Button FTM-5128C-SL80G Datasheet HTML 3Page - Source Photonics, Inc. FTM-5128C-SL80G Datasheet HTML 4Page - Source Photonics, Inc. FTM-5128C-SL80G Datasheet HTML 5Page - Source Photonics, Inc. FTM-5128C-SL80G Datasheet HTML 6Page - Source Photonics, Inc. FTM-5128C-SL80G Datasheet HTML 7Page - Source Photonics, Inc. FTM-5128C-SL80G Datasheet HTML 8Page - Source Photonics, Inc. FTM-5128C-SL80G Datasheet HTML 9Page - Source Photonics, Inc. FTM-5128C-SL80G Datasheet HTML 10Page - Source Photonics, Inc. FTM-5128C-SL80G Datasheet HTML 11Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
155M~2.67Gbps Spring-latch SFP Transceiver
40~80km transmission with monitoring function, RoHS compliance
June 13, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 10 of 11
Ordering Information
Part No.
Product Description
FTM-3128C-SL40G
1310nm, 155M ~ 2.67Gbps, 40km, SFP with Spring latch, Monitoring function,
0°C~+70°C
FTM-5128C-SL80G
1550nm, 155M ~ 2.67Gbps, 80km, SFP with Spring latch, Monitoring function,
0°C~+70°C
Related Documents
For further information, please refer to the following documents:
Flexon
TM SFP Installation Guide
Flexon
TM SFP Application Notes
SFP Multi-Source Agreement (MSA)
SFF-8472 Rev 9.5
Obtaining Document
You can visit our website:
http://www.fiberxon.com
Or contact Fiberxon, Inc. America Sales Office listed at the end of the documentation to get the latest
documents.
Revision History
Revision
Initiate
Review
Approve
Subject
Release Date
Rev. 1a
Univer.Yang Bell.Huang Walker.Wei Initial datasheet
Mar 22, 2007
Rev. 1a
Univer.Yang Bell.Huang Walker.Wei Formal edtion.
June 13, 2007


Similar Part No. - FTM-5128C-SL80G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-5128C-SL80EG SOURCE-FTM-5128C-SL80EG Datasheet
284Kb / 13P
   155M節?.67Gbps Spring-latch SFP Transceiver
More results

Similar Description - FTM-5128C-SL80G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3128C-SL2G SOURCE-FTM-3128C-SL2G Datasheet
260Kb / 11P
   155M節?.67Gbps Spring-latch SFP Transceiver
FTM-3128C-SL2IG SOURCE-FTM-3128C-SL2IG Datasheet
284Kb / 13P
   155M節?.67Gbps Spring-latch SFP Transceiver
FTM-3128C-SL15BG SOURCE-FTM-3128C-SL15BG Datasheet
253Kb / 10P
   155M節?.67Gbps Spring-latch SFP Transceiver
FTM-6128C-SL5047G SOURCE-FTM-6128C-SL5047G Datasheet
258Kb / 12P
   155M~2.67Gbps Spring-latch SFP Transceiver
FTM-3127C-SL2G SOURCE-FTM-3127C-SL2G Datasheet
282Kb / 10P
   1G節?.5Gbps Spring-latch SFP Transceiver
logo
List of Unclassifed Man...
FTM-8001C-S ETC-FTM-8001C-S Datasheet
251Kb / 9P
   155M 850nm SFP Transceiver
logo
Source Photonics, Inc.
FTM-5112C-SL80IG SOURCE-FTM-5112C-SL80IG Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL120G SOURCE-FTM-5112C-SL120G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL50G SOURCE-FTM-5112C-SL50G Datasheet
255Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLG SOURCE-FTM-3012C-SLG Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com