Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-3401C-SL2ICG Datasheet(PDF) 8 Page - Source Photonics, Inc.

Part # FTM-3401C-SL2ICG
Description  100BASE-FX Spring-Latch SGMII SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-3401C-SL2ICG Datasheet(HTML) 8 Page - Source Photonics, Inc.

Back Button FTM-3401C-SL2ICG Datasheet HTML 2Page - Source Photonics, Inc. FTM-3401C-SL2ICG Datasheet HTML 3Page - Source Photonics, Inc. FTM-3401C-SL2ICG Datasheet HTML 4Page - Source Photonics, Inc. FTM-3401C-SL2ICG Datasheet HTML 5Page - Source Photonics, Inc. FTM-3401C-SL2ICG Datasheet HTML 6Page - Source Photonics, Inc. FTM-3401C-SL2ICG Datasheet HTML 7Page - Source Photonics, Inc. FTM-3401C-SL2ICG Datasheet HTML 8Page - Source Photonics, Inc. FTM-3401C-SL2ICG Datasheet HTML 9Page - Source Photonics, Inc. FTM-3401C-SL2ICG Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
125M SGMII Spring-Latch SFP Transceiver
2km MMF transmission
Preliminary Datasheet
Sep.11, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 8 of 10
Figure 4, Mechanical Design Diagram of the SFP with Spring- Latch
Ordering information
Product part Number
Media
Data
Rate(Mbps)
Transmission
Distance(km)
Note
temperature
FTM-3401C-SL2iCG
MMF
125
2
MCU version,
Industrial
-40~+85°C
Related SGMII SFP Products
Product part
Number
Media
Data
Rate(Mbps)
Transmission
Distance
Note
temperature
FTM-C012R-LCG
Cat. 5 Copper 10/100/1000
100m
0~+70°C


Similar Part No. - FTM-3401C-SL2ICG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3401C-SL2CG SOURCE-FTM-3401C-SL2CG Datasheet
280Kb / 10P
   100BASE-FX Spring-Latch SGMII SFP Transceiver
More results

Similar Description - FTM-3401C-SL2ICG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3401C-SL2CG SOURCE-FTM-3401C-SL2CG Datasheet
280Kb / 10P
   100BASE-FX Spring-Latch SGMII SFP Transceiver
FTM-8401C-SL2CG SOURCE-FTM-8401C-SL2CG Datasheet
235Kb / 10P
   100BASE-FX Spring-Latch SFP Transceiver
FTM-3413C-SL05ICG SOURCE-FTM-3413C-SL05ICG Datasheet
247Kb / 12P
   100BASE-FX/1000BASE-X Spring-Latch SFP Transceiver
FTM-3413C-SL05CG SOURCE-FTM-3413C-SL05CG Datasheet
257Kb / 11P
   100BASE-FX/1000BASE-X Spring-Latch SFP Transceiver
FTM-3401C-SL10CG SOURCE-FTM-3401C-SL10CG Datasheet
260Kb / 10P
   100BASE-LX Spring-Latch SFP Transceiver
FTM-3401C-SL10ICG SOURCE-FTM-3401C-SL10ICG Datasheet
246Kb / 10P
   100BASE-LX Spring-Latch SFP Transceiver
FTM-3413C-SLICG SOURCE-FTM-3413C-SLICG Datasheet
268Kb / 10P
   100BASE-LX/1000BASE-LX Spring-Latch SFP Transceiver
FTM-3413C-SLCG SOURCE-FTM-3413C-SLCG Datasheet
279Kb / 10P
   100BASE-LX/1000BASE-LX Spring-Latch SFP Transceiver
logo
ATGBICS by Approved Tec...
100BASE-FX-MM-SFP-C ATGBICS-100BASE-FX-MM-SFP-C Datasheet
340Kb / 10P
   100BASE-FX-MM-SFP Huawei Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
logo
Source Photonics, Inc.
FTM-5112C-SL80IG SOURCE-FTM-5112C-SL80IG Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com