Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-3401C-SL10ICG Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # FTM-3401C-SL10ICG
Description  100BASE-LX Spring-Latch SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-3401C-SL10ICG Datasheet(HTML) 3 Page - Source Photonics, Inc.

  FTM-3401C-SL10ICG Datasheet HTML 1Page - Source Photonics, Inc. FTM-3401C-SL10ICG Datasheet HTML 2Page - Source Photonics, Inc. FTM-3401C-SL10ICG Datasheet HTML 3Page - Source Photonics, Inc. FTM-3401C-SL10ICG Datasheet HTML 4Page - Source Photonics, Inc. FTM-3401C-SL10ICG Datasheet HTML 5Page - Source Photonics, Inc. FTM-3401C-SL10ICG Datasheet HTML 6Page - Source Photonics, Inc. FTM-3401C-SL10ICG Datasheet HTML 7Page - Source Photonics, Inc. FTM-3401C-SL10ICG Datasheet HTML 8Page - Source Photonics, Inc. FTM-3401C-SL10ICG Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
125M SGMII Spring-Latch SFP Transceiver
10km SMF transmission
October 15, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 3 of 10
Recommended Operating Conditions
Table 3- Recommended Operating Conditions
Parameter
Symbol
Min.
Typical
Max.
Unit
Operating Case Temperature
TC
-40
+85
°C
Power Supply Voltage
VCC
3.10
3.30
3.50
V
Power Supply Current
ICC
350
mA
Note 1
Date Rate
125
Mbps
Note 1: The max. power supply current after module work stable.
Optical and Electrical Characteristics
Table 4 - Optical and Electrical Characteristics
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Transmitter
Centre Wavelength
λC
1270
1310
1355
nm
Average Output Power
P0ut
-15
-8
dBm
2
P0ut@TX Disable Asserted
P0ut
-45
dBm
2
Spectral Width (RMS)
σ
7.7
nm
Extinction Ratio
EX
9
dB
Rise/Fall Time (20%~80%)
tr/tf
3
ns
3
Output Optical Eye
Compatible with IEEE 802.3ah-2004
4
Data Input Swing Differential
(SGMII Series interface)
VIN
200
2100
mV
5
Input Differential Impedance
ZIN
80
100
120
Disable
2.0
Vcc
TX Disable
Enable
Vee
Vee+0.8
V
Fault
2.0
Vcc
TX Fault
Normal
Vee
Vee+0.5
V
Receiver
Centre Wavelength
λC
1260
1310
1570
nm
Receiver Sensitivity
-31.5
dBm
6
Receiver Overload
-8
dBm
6
Return Loss
12
dB
LOS De-Assert
-32.5
dBm
LOS Assert
-45
dBm
LOS Hysteresis
0.5
4.5
dB
Total Jitter
(SGMII Series Interface)
TJ
0.43
UI
Data Output Swing Differential
(SGMII Series Interface)
VOUT
370
2000
mV
5
High
2.0
Vcc+0.3
LOS
Low
Vee
Vee+0.5
V


Similar Part No. - FTM-3401C-SL10ICG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3401C-SL10CG SOURCE-FTM-3401C-SL10CG Datasheet
260Kb / 10P
   100BASE-LX Spring-Latch SFP Transceiver
More results

Similar Description - FTM-3401C-SL10ICG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3401C-SL10CG SOURCE-FTM-3401C-SL10CG Datasheet
260Kb / 10P
   100BASE-LX Spring-Latch SFP Transceiver
FTM-3413C-SLCG SOURCE-FTM-3413C-SLCG Datasheet
279Kb / 10P
   100BASE-LX/1000BASE-LX Spring-Latch SFP Transceiver
FTM-3413C-SLICG SOURCE-FTM-3413C-SLICG Datasheet
268Kb / 10P
   100BASE-LX/1000BASE-LX Spring-Latch SFP Transceiver
FTM-8401C-SL2CG SOURCE-FTM-8401C-SL2CG Datasheet
235Kb / 10P
   100BASE-FX Spring-Latch SFP Transceiver
FTM-3401C-SL2ICG SOURCE-FTM-3401C-SL2ICG Datasheet
277Kb / 10P
   100BASE-FX Spring-Latch SGMII SFP Transceiver
FTM-3401C-SL2CG SOURCE-FTM-3401C-SL2CG Datasheet
280Kb / 10P
   100BASE-FX Spring-Latch SGMII SFP Transceiver
FTM-3413C-SL05ICG SOURCE-FTM-3413C-SL05ICG Datasheet
247Kb / 12P
   100BASE-FX/1000BASE-X Spring-Latch SFP Transceiver
FTM-3413C-SL05CG SOURCE-FTM-3413C-SL05CG Datasheet
257Kb / 11P
   100BASE-FX/1000BASE-X Spring-Latch SFP Transceiver
FTM-5112C-SL80IG SOURCE-FTM-5112C-SL80IG Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL120G SOURCE-FTM-5112C-SL120G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com