Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A41-25-230 Datasheet(PDF) 1 Page - Superworld Electronics

Part # A41-25-230
Description  Power Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

A41-25-230 Datasheet(HTML) 1 Page - Superworld Electronics

  A41-25-230 Datasheet HTML 1Page - Superworld Electronics A41-25-230 Datasheet HTML 2Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION FOR APPROVAL
Product Name
Power Transformer (Lead Free)
Page
1
Superworld Part No:
A41 (F) Series
Rev No
0
Features
Bobbins and shrould made of material to meet UL94V-0
flammability requirements.
Insulating shroud provides 4000V RMS test voltage.
Mechanical Drawing
Schematic
Mechanical Dimensions
SUPERWORLD ELECTRONICS (S) PTE LTD
25
43
80
130
175
6.50
4.10
2.80
1.60
1.25 2.812
3.125
2.500
2.812
3.125 2.875
2.875
2.375
2.062
1.875 2.312
2.687
3.000
3.375
3.750
-
-
-
2.250
2.000 1.125
1.125
1.375
1.625
1.625 0.375
0.375
0.312
0.312
0.312 0.187
0.187
0.187
0.250
0.250 0.250
0.250
0.187
0.187
2.375
-
-
2.18
2.50
2.50
#8
#8
#6
#6
#6
A
A
B
B
B
VA
WT
L
W
H
C
B
A
T
ML MW MTG
6
1
5
2
115V
50/60Hz
50/60Hz
115V
12
11
8
7


Similar Part No. - A41-25-230

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A41-25-230 ETC-A41-25-230 Datasheet
408Kb / 2P
   International Standards at Lower Cost and Better Performance
logo
Bel Fuse Inc.
A41-25-230 BEL-A41-25-230 Datasheet
1Mb / 3P
   International Standards at Lower Cost and Better Performance
logo
Pulse A Technitrol Comp...
A41-25-230A42 PULSE-A41-25-230A42 Datasheet
160Kb / 1P
   Laminated Transformers Low Frequency, Open-Style Laminated, International High Power Series
logo
Bel Fuse Inc.
A41-25-230L BEL-A41-25-230L Datasheet
1,017Kb / 3P
   International Standards at Lower Cost and Better Performance
More results

Similar Description - A41-25-230

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
   POWER TRANSFORMER POWER TRANSFORMER
logo
Superworld Electronics
12A-2.5-12 SUPERWORLD-12A-2.5-12 Datasheet
122Kb / 1P
   POWER TRANSFORMER
12A-2.5-20 SUPERWORLD-12A-2.5-20 Datasheet
111Kb / 1P
   POWER TRANSFORMER
DCS3-28 SUPERWORLD-DCS3-28 Datasheet
120Kb / 1P
   POWER TRANSFORMER
logo
PCA ELECTRONICS INC.
EPA3876G PCA-EPA3876G Datasheet
50Kb / 1P
   Power Transformer
logo
List of Unclassifed Man...
F-229X ETC2-F-229X Datasheet
50Kb / 1P
   POWER TRANSFORMER
logo
Rhombus Industries Inc.
T-605 RHOMBUS-IND-T-605 Datasheet
37Kb / 1P
   POWER TRANSFORMER
logo
Superworld Electronics
14A-10-12 SUPERWORLD-14A-10-12 Datasheet
111Kb / 1P
   POWER TRANSFORMER
14A-10-16 SUPERWORLD-14A-10-16 Datasheet
112Kb / 1P
   POWER TRANSFORMER
CS7-16 SUPERWORLD-CS7-16 Datasheet
109Kb / 1P
   POWER TRANSFORMER
14A-20-12 SUPERWORLD-14A-20-12 Datasheet
112Kb / 1P
   POWER TRANSFORMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com