Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2-6N8J-10 Datasheet(PDF) 1 Page - Superworld Electronics

Part # C2-6N8J-10
Description  CERAMIC CHIP INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

C2-6N8J-10 Datasheet(HTML) 1 Page - Superworld Electronics

  C2-6N8J-10 Datasheet HTML 1Page - Superworld Electronics C2-6N8J-10 Datasheet HTML 2Page - Superworld Electronics C2-6N8J-10 Datasheet HTML 3Page - Superworld Electronics C2-6N8J-10 Datasheet HTML 4Page - Superworld Electronics C2-6N8J-10 Datasheet HTML 5Page - Superworld Electronics C2-6N8J-10 Datasheet HTML 6Page - Superworld Electronics C2-6N8J-10 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
C 2 - 1 N 0 S - 1 0
(a)
(b)
(d)
1. PART NO. EXPRESSION :
(b) Inductance code : 1N0 = 1.0nH
(c) Tolerance code : S = ±0.3nH, J = ±5%
(a) Series code
2. CONFIGURATION & DIMENSIONS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(d) 10 : Lead Free
3. GENERAL SPECIFICATION :
b) Storage temp. : -10°C to +40°C
a) Operating temp. : -40°C to +85°C
C2 SERIES
CERAMIC CHIP INDUCTORS
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
26.09.2008
0.8±0.15
BD
Unit:m/m
1.6±0.15
A
C
0.8±0.15
A
D
B
0.2 ~ 0.6
c) Humdity range : 70% RH Max.
d) Resistance to solder heat : 265°C.6secs
(c)


Similar Part No. - C2-6N8J-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
C2-6N8J-10 SUPERWORLD-C2-6N8J-10 Datasheet
313Kb / 7P
   CERAMIC CHIP INDUCTORS
More results

Similar Description - C2-6N8J-10

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LMC2012 ABCO-LMC2012 Datasheet
636Kb / 4P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C3-1N5S-10 SUPERWORLD-C3-1N5S-10 Datasheet
380Kb / 9P
   CERAMIC CHIP INDUCTORS
C1-1N0S-10 SUPERWORLD-C1-1N0S-10 Datasheet
397Kb / 7P
   CERAMIC CHIP INDUCTORS
logo
Semikron International
C0BQ-0N6S-10 SEMIKRON-C0BQ-0N6S-10 Datasheet
195Kb / 8P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C1_SERIES SUPERWORLD-C1_SERIES Datasheet
384Kb / 8P
   CERAMIC CHIP INDUCTORS
C0BQ_SERIES SUPERWORLD-C0BQ_SERIES Datasheet
213Kb / 8P
   CERAMIC CHIP INDUCTORS
C2-1N0S-10 SUPERWORLD-C2-1N0S-10_09 Datasheet
374Kb / 8P
   CERAMIC CHIP INDUCTORS
C3-1N0S-10 SUPERWORLD-C3-1N0S-10 Datasheet
359Kb / 8P
   CERAMIC CHIP INDUCTORS
C1HQ_SERIES SUPERWORLD-C1HQ_SERIES Datasheet
197Kb / 7P
   CERAMIC CHIP INDUCTORS
C2_SERIES SUPERWORLD-C2_SERIES Datasheet
313Kb / 7P
   CERAMIC CHIP INDUCTORS
C0_SERIES SUPERWORLD-C0_SERIES Datasheet
373Kb / 7P
   CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com