Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

14A-30-16 Datasheet(PDF) 1 Page - Superworld Electronics

Part # 14A-30-16
Description  POWER TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

14A-30-16 Datasheet(HTML) 1 Page - Superworld Electronics

  14A-30-16 Datasheet HTML 1Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1. CONFIGURATION & DIMENSIONS :
3. ELECTRICAL CHARACTERISTICS ( @ 25°C ) :
SUPERWORLD ELECTRONICS (S) PTE LTD
2. SCHEMATIC :
14A-30-16 (F) SERIES
POWER TRANSFORMER
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
25.02.2008
indicates polarity
50/60Hz
1
115V
50/60Hz
4
3
115V
6
7
10
9
12
Clearance
for optional WTG screws
H
F
E
W
terminals
C
Square PC
6.99
(0.275)
521.63
gram
-
30.0
VA
(2.187)
55.55
(2.625)
66.68
-
LW
40.80
(1.610) (0.550)
13.97
HA
(1.680)
42.67
55.37
(2.180)
BC
D
(0.043)SQ
Dim Pin
UNIT : mm (inch)
1.1 SQ
-
-
44.45
(1.750)
EF
Pin 10-12
Pin 7-9
Pin 1-3
Pin 4-6
a. Primary Voltage
AC 115/230 V 50/60 Hz .
b. No Load Primary Current
Input AC 115V 60Hz .
Less Than 70mA .
Input AC 230V 50Hz .
Less Than 70mA .
c. Secondary Voltage (±5%)
Series AC 19.60V . C.T.
Parallel AC 9.80V .
d. Secondary Load Current
Series 1900mA .
Parallel 3800mA .
e. Full Load Primary Current
Input AC 115V 60Hz .
Less Than 210mA .
Input AC 230V 50Hz .
Less Than 150mA .
f. Full Load Secondary Voltage (±5%)
Series 16.00V . C.T.
g. DC Resistance
= 64 Ohm .
Primary = 52 Ohm .
Parallel 8.00V .
h. Insulation Resistance
i. Withstand Voltage (Hi-Pot)
Secondary = - Ohm .
= - Ohm .
DC 500V 100Meg Ohm Of More .
AC 3750V 50Hz 1 Minutes .
Less Than 75 Deg C .
EI-66 x 16.80 m/m .
j. Temperature Rise
k. Core Size
C
PCB Pattern


Similar Part No. - 14A-30-16

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
14A-30-16B17 PULSE-14A-30-16B17 Datasheet
164Kb / 1P
   Laminated Transformers Low Frequency, Open-Style Laminated, International PC Plug-In Series
More results

Similar Description - 14A-30-16

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
   POWER TRANSFORMER POWER TRANSFORMER
logo
Superworld Electronics
12A-2.5-12 SUPERWORLD-12A-2.5-12 Datasheet
122Kb / 1P
   POWER TRANSFORMER
12A-2.5-20 SUPERWORLD-12A-2.5-20 Datasheet
111Kb / 1P
   POWER TRANSFORMER
DCS3-28 SUPERWORLD-DCS3-28 Datasheet
120Kb / 1P
   POWER TRANSFORMER
logo
PCA ELECTRONICS INC.
EPA3876G PCA-EPA3876G Datasheet
50Kb / 1P
   Power Transformer
logo
List of Unclassifed Man...
F-229X ETC2-F-229X Datasheet
50Kb / 1P
   POWER TRANSFORMER
logo
Rhombus Industries Inc.
T-605 RHOMBUS-IND-T-605 Datasheet
37Kb / 1P
   POWER TRANSFORMER
logo
Superworld Electronics
14A-10-12 SUPERWORLD-14A-10-12 Datasheet
111Kb / 1P
   POWER TRANSFORMER
14A-10-16 SUPERWORLD-14A-10-16 Datasheet
112Kb / 1P
   POWER TRANSFORMER
CS7-16 SUPERWORLD-CS7-16 Datasheet
109Kb / 1P
   POWER TRANSFORMER
14A-20-12 SUPERWORLD-14A-20-12 Datasheet
112Kb / 1P
   POWER TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com